Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

408-3137 Datasheet(PDF) 8 Page - TE Connectivity Ltd

Part # 408-3137
Description  This specification covers the requirements for application of CHAMP Cable Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

408-3137 Datasheet(HTML) 8 Page - TE Connectivity Ltd

Back Button 408-3137 Datasheet HTML 2Page - TE Connectivity Ltd 408-3137 Datasheet HTML 3Page - TE Connectivity Ltd 408-3137 Datasheet HTML 4Page - TE Connectivity Ltd 408-3137 Datasheet HTML 5Page - TE Connectivity Ltd 408-3137 Datasheet HTML 6Page - TE Connectivity Ltd 408-3137 Datasheet HTML 7Page - TE Connectivity Ltd 408-3137 Datasheet HTML 8Page - TE Connectivity Ltd 408-3137 Datasheet HTML 9Page - TE Connectivity Ltd 408-3137 Datasheet HTML 10Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
114- 6041
Rev B
8
of 10
Figure 7
Dust Covers for Plugs, Receptacles
Cable Clamp
Tapered Style
Standard Style
Standard Style with
Adjustable Clamp
(Ratchet Style)
Three Types of Slide--On Covers for 90_ Entry (50 Positions Only)
4. QUALIFICATIONS
CHAMP Cable Connectors are Component Recognized by Underwriters Laboratories Inc. (UL) in File E28476
and Listed in File E81956. They are also Certified by CSA International in File LR7189.
5. TOOLING (Figure 8)
For insertion or extraction of CHAMP connector contacts, use Insertion/Extraction Tool 230238 (Instruction
Sheet 408--7787). For minor termination repair work, use T--Handle Wire Insertion Tool 229384. For field
applications and low volume production, the Palm Grip Hand Tool Kit 229764--2 is recommended. For field
applications and medium volume production, the Portable Hand Operated Tool 229378 (Instruction Sheet
408--7559) is recommended. It terminates all CHAMP connectors up to 50 positions with 90_ wire dress. For
information on other portable hand--operated tools, refer to Instruction Sheet 408--7559. For termination of
laminated cables, use CHAMP Arbor Tooling System 231592--2 (Instruction Sheet 408--3137. For termination
of discrete wires, use CHAMP Arbor Tooling System 231593--2 (Instruction Sheet 408--3133). For termination
of CHAMP connectors in high volume production, use the CHAMPOMATOR Insertion Machine “Model G”
(Customer Manual 409--5411) or CHAMPOMATOR 3A (Customer Manual 409--5771).


Similar Part No. - 408-3137

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-32028 TEC-408-32028 Datasheet
84Kb / 4P
   Mini-SAS HD Seating Tool Kit
408-32029 TEC-408-32029 Datasheet
56Kb / 2P
   Removal Tool Kit 2161844-1
408-32061 TEC-408-32061 Datasheet
104Kb / 1P
   Extraction Tool 2161958-1 for Economy Power (EP) 2.5
408-32068 TEC-408-32068 Datasheet
222Kb / 4P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-32083 TEC-408-32083 Datasheet
290Kb / 4P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results

Similar Description - 408-3137

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
108-5246 MACOM-108-5246 Datasheet
305Kb / 21P
   This specification covers the requirements for product performance
logo
List of Unclassifed Man...
1N5554 ETC1-1N5554 Datasheet
202Kb / 28P
   This specification covers the performance requirements for silicon, general purpose,
TE21748032 ETC2-TE21748032 Datasheet
246Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance...
logo
ATTEND Technology Inc.
115B ATTEND-115B Datasheet
336Kb / 5P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 115B Series.
2012/12/12
126B ATTEND-126B Datasheet
447Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 126B-SERIES
2022/10/25
DDR ATTEND-DDR Datasheet
388Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of DDR Series.
2013/01/04
120B-835D00 ATTEND-120B-835D00 Datasheet
355Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120B-835D00
2017/06/27
120C-605D00 ATTEND-120C-605D00 Datasheet
355Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-605D00
2017/03/02
120C-835D00 ATTEND-120C-835D00 Datasheet
312Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-835D00
2017/08/04
101M-TEX0 ATTEND-101M-TEX0 Datasheet
267Kb / 3P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 101M-TEX0
2020-06-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com