Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

408-3137 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 408-3137
Description  This specification covers the requirements for application of CHAMP Cable Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

408-3137 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  408-3137 Datasheet HTML 1Page - TE Connectivity Ltd 408-3137 Datasheet HTML 2Page - TE Connectivity Ltd 408-3137 Datasheet HTML 3Page - TE Connectivity Ltd 408-3137 Datasheet HTML 4Page - TE Connectivity Ltd 408-3137 Datasheet HTML 5Page - TE Connectivity Ltd 408-3137 Datasheet HTML 6Page - TE Connectivity Ltd 408-3137 Datasheet HTML 7Page - TE Connectivity Ltd 408-3137 Datasheet HTML 8Page - TE Connectivity Ltd 408-3137 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
114- 6041
Rev B
5
of 10
G. Inserter Imprint
Inserter imprint in conductor insulation should not exceed one half of insulation wall thickness. Thinning of
insulation is acceptable to the point where the insulation appears translucent.
3.2. Shielded CHAMP Cable Connectors
Shielded CHAMP Cable Connectors consist of contacts on 2.16 mm [.085 in.] centerlines; pre--assembled
housings with 24, 36, or 50 slotted contacts; a choice of two wire slot sizes, B or E; bail--lock or screw--lock
hardware, with metric hardware for IEEE applications; 180_ cable entry; and the same full tooling capabilities
that are used with standard CHAMP Cable Connectors.
The main design difference in shielded CHAMP Cable Connectors is the addition of small holes or windows
around the peripheral skirt of each plug housing. These holes accept the spring fingers of a two--piece
wraparound metal shield. The spring fingers interact with the contact plates on the receptacle connector and
thus provide minimal leakage and maximum shielding effectiveness.
The application requirements are basically the same (except where noted otherwise) for shielded and standard
CHAMP Cable Connectors.
3.3. Locking Hardware
Locking hardware is used to secure mating CHAMP Connectors and to prevent accidental separation. Refer to
Instruction Sheet 408--3160 for further information. See Figure 5 for the different types of locking hardware.
A. Locking Latch (CHAMP- LOK* Connector Design)
Standard CHAMP connectors (except for IEEE applications) have guide tracks and slots (on plugs) and
lead--in ramps (on receptacles) to allow the use of a metal locking clip for securing connectors.
B. Screw- Lock Hardware
Screw--lock hardware is used in applications where positive locking is required to secure connectors to pc
boards, to panels, and/or to each other. In cable--to--cable applications, two captive screws threaded into
pre--tapped holes are generally the only screw--lock requirements.
C. Bail- Lock Hardware (Standard or Bent)
Bail--lock hardware provides both locking and quick--release capabilities at both ends of mated connectors.
Flanges on CHAMP plug connectors must be open ended for all bail--lock applications. The open--end
flanges accept bail clips which are used primarily with right angle (90_) cable terminations where space is
limited.
D. J- Hook Hardware
The J--hook is a precision--formed metal bracket used as an alternate quick--fastening method for
assembly hardware. Two tabs fit into recesses in the connector housing flange for screw--fastening. The
inverted end of the J--hook snaps on the end of a mating connector, and holds it in place.


Similar Part No. - 408-3137

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-32028 TEC-408-32028 Datasheet
84Kb / 4P
   Mini-SAS HD Seating Tool Kit
408-32029 TEC-408-32029 Datasheet
56Kb / 2P
   Removal Tool Kit 2161844-1
408-32061 TEC-408-32061 Datasheet
104Kb / 1P
   Extraction Tool 2161958-1 for Economy Power (EP) 2.5
408-32068 TEC-408-32068 Datasheet
222Kb / 4P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-32083 TEC-408-32083 Datasheet
290Kb / 4P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results

Similar Description - 408-3137

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
108-5246 MACOM-108-5246 Datasheet
305Kb / 21P
   This specification covers the requirements for product performance
logo
List of Unclassifed Man...
1N5554 ETC1-1N5554 Datasheet
202Kb / 28P
   This specification covers the performance requirements for silicon, general purpose,
TE21748032 ETC2-TE21748032 Datasheet
246Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance...
logo
ATTEND Technology Inc.
115B ATTEND-115B Datasheet
336Kb / 5P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 115B Series.
2012/12/12
126B ATTEND-126B Datasheet
447Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 126B-SERIES
2022/10/25
DDR ATTEND-DDR Datasheet
388Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of DDR Series.
2013/01/04
120B-835D00 ATTEND-120B-835D00 Datasheet
355Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120B-835D00
2017/06/27
120C-605D00 ATTEND-120C-605D00 Datasheet
355Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-605D00
2017/03/02
120C-835D00 ATTEND-120C-835D00 Datasheet
312Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-835D00
2017/08/04
101M-TEX0 ATTEND-101M-TEX0 Datasheet
267Kb / 3P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 101M-TEX0
2020-06-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com