Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59Z067-000-E Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59Z067-000-E
Description  PLASTIC HOUSING
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59Z067-000-E Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59Z067-000-E Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59Z067-000-E Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
FAKRA -
HF
PLASTIC HOUSING
59Z067-000-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 2
Environmental data
Temperature range
-40°C to +105°C
Thermal shock
DIN 72594-2 clause 8.2
Temperature and humidity
DIN 72594-2 clause 8.3
Vibration and mechanical shock
DIN 72594-2 clause 8.1
Dry heat
DIN 72594-2 clause 8.4
RoHS
compliant
Application
Applicable e.g. for following connectors:
59K13O-1xx*; 59K16A-1xx*; 59K16B-1xx*; 59K17O-1xx*;
59K17K-1xx*
* -xx for all available cable variations
Packing
Standard
250 pcs in box
Weight
2.56 g/pcs
Coding
Part Number has to be accomplished by codification
Change History
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
R. Bippus
09.01.07
C. Anfang
02.11.15
d00
15-1095
T. Stockhammer
02.11.15
Coding
Color
RAL
Part-Number
A
black
sim. 9005
59Z067-000-A
B
white
sim. 9001
59Z067-000-B
C
blue
sim. 5005
59Z067-000-C
D
bordeauxviolet
sim. 4004
59Z067-000-D
E
green
sim. 6002
59Z067-000-E
F
brown
sim. 8011
59Z067-000-F
G
grey
sim. 7031
59Z067-000-G
H
violet
sim. 4003
59Z067-000-H
I
beige
sim. 1001
59Z067-000-I
K
curry
sim. 1027
59Z067-000-K
Z
waterblue
sim. 5021
59Z067-000-Z
Rev.
Date
Change
c00
11.05.15
Application for following connectors added:59K16B-1xx*,59K17K-1xx*
d00
18.08.15
- Packing quantity changed from “200 pcs in box” to “250 pcs in box”
- Material marking PBT GF-20 changed to PBT GF-23
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.
c
d


Similar Part No. - 59Z067-000-E

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59Z067-C00-A ROSENBERGER-59Z067-C00-A Datasheet
721Kb / 2P
   FAKRA - HF PLASTIC HOUSING
59Z067-C00-B ROSENBERGER-59Z067-C00-B Datasheet
721Kb / 2P
   FAKRA - HF PLASTIC HOUSING
59Z067-C00-C ROSENBERGER-59Z067-C00-C Datasheet
721Kb / 2P
   FAKRA - HF PLASTIC HOUSING
59Z067-C00-D ROSENBERGER-59Z067-C00-D Datasheet
721Kb / 2P
   FAKRA - HF PLASTIC HOUSING
59Z067-C00-E ROSENBERGER-59Z067-C00-E Datasheet
721Kb / 2P
   FAKRA - HF PLASTIC HOUSING
More results

Similar Description - 59Z067-000-E

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59Z013-000-Y ROSENBERGER-59Z013-000-Y Datasheet
113Kb / 2P
   PLASTIC HOUSING
59Z063-000-Y ROSENBERGER-59Z063-000-Y Datasheet
364Kb / 2P
   PLASTIC HOUSING
59Z118-C00-Y ROSENBERGER-59Z118-C00-Y Datasheet
989Kb / 3P
   PLASTIC HOUSING
59Z073-001-Y ROSENBERGER-59Z073-001-Y Datasheet
693Kb / 2P
   PLASTIC HOUSING
59Z073-C00-Y ROSENBERGER-59Z073-C00-Y Datasheet
680Kb / 2P
   PLASTIC HOUSING
59Z143-000-Y ROSENBERGER-59Z143-000-Y Datasheet
356Kb / 3P
   Plastic Housing
59Z176-C01-Y ROSENBERGER-59Z176-C01-Y Datasheet
725Kb / 3P
   FAKRA PLASTIC HOUSING
59Z064-000-Y ROSENBERGER-59Z064-000-Y Datasheet
69Kb / 2P
   FAKRA - HF PLASTIC HOUSING
59Z026-000-Y ROSENBERGER-59Z026-000-Y Datasheet
330Kb / 2P
   FAKRA -HF PLASTIC HOUSING
logo
Green Power Solutions s...
GEDG1080 GPSEMI-GEDG1080_17 Datasheet
242Kb / 2P
   RECTIFIER DIODE, Plastic housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com