Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59Z027-001-Y Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59Z027-001-Y
Description  FAKRA - HF PLASTIC HOUSING
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59Z027-001-Y Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59Z027-001-Y Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59Z027-001-Y Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59Z027-001-Y Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet
FAKRA -
HF
PLASTIC HOUSING
59Z027-001-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 3
Environmental data
Temperature range
-40°C to +105°C
Thermal shock
DIN 72594-2 clause 8.2
Temperature and humidity
DIN 72594-2 clause 8.3
Vibration and mechanical shock
DIN 72594-2 clause 8.1
Dry heat
DIN 72594-2 clause 8.4
RoHS
compliant
Suitable cables
Applicable e.g. for following connectors:
59K23B-1xx*; 59K23F-1xx*; 59K28A-1xx*; 59K28H-1xx*
* -xx for all available cable variations
Packing
Standard
250 pcs in box, 1200 pcs in reusable container
Weight
1.60 g/pce
Coding
Part Number has to be accomplished by codification
Coding
Color
RAL
Part-Number
A
black
sim. 9005
59Z027-001_A
B
white
sim. 9001
59Z027-001_B
C
blue
sim. 5005
59Z027-001_C
D
bordeauxviolet
sim. 4004
59Z027-001_D
E
green
sim. 6002
59Z027-001_E
F
brown
sim. 8011
59Z027-001_F
G
grey
sim. 7031
59Z027-001_G
H
violet
sim. 4003
59Z027-001_H
I
beige
sim. 1001
59Z027-001_I
K
curry
sim. 1027
59Z027-001_K
Z
waterblue
sim. 5021
59Z027-001_Z
traffic purple
sim. 4006
secondary lock
c
c


Similar Part No. - 59Z027-001-Y

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59Z026-000-Y ROSENBERGER-59Z026-000-Y Datasheet
330Kb / 2P
   FAKRA -HF PLASTIC HOUSING
59Z026-000_A ROSENBERGER-59Z026-000_A Datasheet
330Kb / 2P
   FAKRA -HF PLASTIC HOUSING
59Z026-000_B ROSENBERGER-59Z026-000_B Datasheet
330Kb / 2P
   FAKRA -HF PLASTIC HOUSING
59Z026-000_C ROSENBERGER-59Z026-000_C Datasheet
330Kb / 2P
   FAKRA -HF PLASTIC HOUSING
59Z026-000_D ROSENBERGER-59Z026-000_D Datasheet
330Kb / 2P
   FAKRA -HF PLASTIC HOUSING
More results

Similar Description - 59Z027-001-Y

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59Z119-C01-Y ROSENBERGER-59Z119-C01-Y Datasheet
478Kb / 3P
   FAKRA-HF PLASTIC HOUSING
59Z017-000-Y ROSENBERGER-59Z017-000-Y Datasheet
838Kb / 3P
   FAKRA-HF PLASTIC HOUSING
59Z113-000-Y ROSENBERGER-59Z113-000-Y Datasheet
493Kb / 3P
   FAKRA - HF PLASTIC HOUSING
59Z115-000-Y ROSENBERGER-59Z115-000-Y Datasheet
598Kb / 2P
   FAKRA- HF PLASTIC HOUSING
59Z120-C00-Y ROSENBERGER-59Z120-C00-Y Datasheet
245Kb / 3P
   FAKRA-HF PLASTIC HOUSING
59Z006-T00-Y ROSENBERGER-59Z006-T00-Y Datasheet
114Kb / 2P
   FAKRA - HF PLASTIC HOUSING
59Z116-000-Y ROSENBERGER-59Z116-000-Y Datasheet
697Kb / 3P
   FAKRA - HF PLASTIC HOUSING
59Z066-R00-Y ROSENBERGER-59Z066-R00-Y Datasheet
98Kb / 2P
   FAKRA - HF PLASTIC HOUSING
59Z064-000-Y ROSENBERGER-59Z064-000-Y Datasheet
69Kb / 2P
   FAKRA - HF PLASTIC HOUSING
59Z026-000-Y ROSENBERGER-59Z026-000-Y Datasheet
330Kb / 2P
   FAKRA -HF PLASTIC HOUSING
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com