Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59S21B-40MT5_A Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59S21B-40MT5_A
Description  RIGHT ANGLE PLUG
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59S21B-40MT5_A Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59S21B-40MT5_A Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59S21B-40MT5_A Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59S21B-40MT5_A Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet
FAKRA -
HF
RIGHT ANGLE PLUG
FOR PCB
59S21B-40MT5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
2 / 3
f(GHz)
Material and plating
Connector parts
Material
Plating
Center contact
Brass
AuroDur®
Outer contact
Zinc alloy
Tin, 2-6 µm
Dielectric
HTN
Housing
HTN
Electrical data
Impedance
50
Frequency
DC to 6 GHz
Return loss
≥ 26 dB, DC to 1 GHz
Insertion loss
≤ 0.1 x
dB
Insulation resistance
≥ 1x103
M
Center contact resistance
≤ 5 mΩ
Outer contact resistance
≤ 5 mΩ
Test voltage
750 V rms
Working voltage
335 V rms
Power current
≤ 1 A DC
- Connector only, VSWR in application depends decisive on PCB layout –
Mechanical data
Mating cycles
≥ 25
Engagement force
≤ 25 N
Disengagement force
≥ 2 N
Retention force latch
≥ 110 N
Coding efficiency
≥ 40 N
Environmental data
Temperature range
-40°C to +105°C
Thermal shock
DIN 72594-2 clause 8.2
Temperature and humidity
DIN 72594-2 clause 8.3
Vibration and mechanical shock
DIN 72594-2 clause 8.1
Dry heat
DIN 72594-2 clause 8.4
Soldering profile
acc. to IEC 60068-2-58 group3&4
RoHS
compliant
Tooling
N/A
Packing
Standard
50 pcs in blister, 400 pcs in tape & reel,
Weight
4,7 g/pce


Similar Part No. - 59S21B-40MT5_A

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59S212-400L5 ROSENBERGER-59S212-400L5 Datasheet
41Kb / 2P
   RIGHT ANGLE PLUG PCB
More results

Similar Description - 59S21B-40MT5_A

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD373-010-6141G WINCHESTER-SD373-010-6141G Datasheet
38Kb / 1P
   DIN RIGHT ANGLE PLUG DIN RIGHT ANGLE PLUG
logo
Rosenberger Hochfrequen...
51S207-306N5 ROSENBERGER-51S207-306N5 Datasheet
43Kb / 2P
   RIGHT ANGLE PLUG
51S207-303N5 ROSENBERGER-51S207-303N5 Datasheet
43Kb / 2P
   RIGHT ANGLE PLUG
51S207-308N5 ROSENBERGER-51S207-308N5 Datasheet
43Kb / 2P
   RIGHT ANGLE PLUG
59S2MU-40MT5-Y ROSENBERGER-59S2MU-40MT5-Y Datasheet
799Kb / 3P
   RIGHT ANGLE PLUG
53S205-272N5 ROSENBERGER-53S205-272N5 Datasheet
111Kb / 2P
   RIGHT ANGLE PLUG
60S23B-317N1 ROSENBERGER-60S23B-317N1 Datasheet
91Kb / 2P
   Right Angle Plug
45S201-302L5 ROSENBERGER-45S201-302L5 Datasheet
44Kb / 2P
   RIGHT ANGLE PLUG
45S201-303L5 ROSENBERGER-45S201-303L5 Datasheet
44Kb / 2P
   RIGHT ANGLE PLUG
60S23B-315N1 ROSENBERGER-60S23B-315N1 Datasheet
92Kb / 2P
   Right Angle Plug
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com