Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59S10H-400T5-K Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59S10H-400T5-K
Description  FAKRA - HF STRAIGHT PLUG PCB
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59S10H-400T5-K Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59S10H-400T5-K Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59S10H-400T5-K Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59S10H-400T5-K Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59S10H-400T5-K Datasheet HTML 4Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data Sheet
FAKRA -
HF
STRAIGHT PLUG PCB
59S10H-400T5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 4
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
DIN 72594-1 ; ISO 20860-1
Documents
PCB layout
MB_273
Tape & reel packaging
VG303.18500
Material and plating
Connector parts
Material
Plating
Center contact
Brass
Gold, min. 0.15 µm, over chemical nickel
Outer contact
Brass
Tin, 6-8 µm
Dielectric
PA 6T/66
Housing
PA 6T/66
b
b


Similar Part No. - 59S10H-400T5-K

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59S101-400L5 ROSENBERGER-59S101-400L5 Datasheet
40Kb / 2P
   SMB STRAIGHT PLUG PCB
59S101-S00L5 ROSENBERGER-59S101-S00L5 Datasheet
37Kb / 2P
   SMB ADAPTOR
59S102-102L5 ROSENBERGER-59S102-102L5 Datasheet
39Kb / 2P
   SMB STRAIGHT PLUG
59S10M-40MT5-Y ROSENBERGER-59S10M-40MT5-Y Datasheet
178Kb / 3P
   STRAIGHT PLUG PCB
59S10M-40MT5_A ROSENBERGER-59S10M-40MT5_A Datasheet
178Kb / 3P
   STRAIGHT PLUG PCB
More results

Similar Description - 59S10H-400T5-K

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59S12K-40MT5-Y ROSENBERGER-59S12K-40MT5-Y Datasheet
904Kb / 3P
   FAKRA-HF STRAIGHT PLUG PCB
59S13X-40MT5 ROSENBERGER-59S13X-40MT5 Datasheet
739Kb / 2P
   FAKRA-HF STRAIGHT PLUG FOR PCB
59S10O-106A4 ROSENBERGER-59S10O-106A4 Datasheet
598Kb / 3P
   FAKRA - HF STRAIGHT PLUG
59S10O-103A4 ROSENBERGER-59S10O-103A4 Datasheet
58Kb / 3P
   FAKRA - HF STRAIGHT PLUG
59S16A-1M4T4 ROSENBERGER-59S16A-1M4T4 Datasheet
673Kb / 3P
   FAKRA - HF STRAIGHT PLUG
59S10O-101A4 ROSENBERGER-59S10O-101A4 Datasheet
678Kb / 2P
   FAKRA-HF STRAIGHT PLUG
59S16A-1E4T4 ROSENBERGER-59S16A-1E4T4 Datasheet
137Kb / 2P
   FAKRA - HF STRAIGHT PLUG
59S16A-106T4 ROSENBERGER-59S16A-106T4 Datasheet
127Kb / 3P
   FAKRA - HF STRAIGHT PLUG
59S10O-1E7A4 ROSENBERGER-59S10O-1E7A4 Datasheet
100Kb / 2P
   FAKRA - HF STRAIGHT PLUG
59S16A-102T4 ROSENBERGER-59S16A-102T4 Datasheet
592Kb / 3P
   FAKRA - HF STRAIGHT PLUG
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com