Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7077 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJU7077
Description  Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7077 Datasheet(HTML) 2 Page - New Japan Radio

  NJU7077 Datasheet HTML 1Page - New Japan Radio NJU7077 Datasheet HTML 2Page - New Japan Radio NJU7077 Datasheet HTML 3Page - New Japan Radio NJU7077 Datasheet HTML 4Page - New Japan Radio NJU7077 Datasheet HTML 5Page - New Japan Radio NJU7077 Datasheet HTML 6Page - New Japan Radio NJU7077 Datasheet HTML 7Page - New Japan Radio NJU7077 Datasheet HTML 8Page - New Japan Radio NJU7077 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NJU7076/NJU7077/NJU7078
Ver.05
[
2]
■ PIN CONFIGURATION
■ ABSOLUTE MAXIMUM RATINGS(Ta=25˚C, unless otherwise noted.)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
V
+- V-
7
(1)
V
Differential Input Voltage
(2)
VID
±7
(3)
V
Input Voltage
VIN
V
-- 0.3 to V++ 0.3
V
Power Dissipation
(4)
PD
(2-layer / 4-layer)
mW
SOT-23-5
480 / 650
mW
MSOP8(VSP8)
500 / 660
mW
SSOP14
555 / 690
mW
Operating Temperature Range
Topr
-40 to +125
°C
Storage Temperature Range
Tstg
-55 to +150
°C
(1) Supply Voltage is the voltage difference between V
+ and V-.
(2) Differential voltage is the voltage difference between +INPUT and -INPUT.
(3) For supply voltage less than 7V, the absolute maximum rating is equal to the supply voltage.
(4) Power dissipation is the power that can be consumed by the IC at Ta=25°C, and is the typical measured value based on
JEDEC condition. When using the IC over Ta=25°C subtract the value [mW/°C]=PD/(Tstg(MAX)-25) per temperature.
2-layer: EIA/JEDEC STANDARD Test board (76.2x114.3x1.6mm, 2layers, FR-4) mounting
4-layer: EIA/JEDEC STANDARD Test board (76.2x114.3x1.6mm, 4layers, FR-4) mounting
■ RECOMMENDED OPERATING CONDITIONS(Ta=25˚C)
PARAMETER
Value
UNIT
Supply Voltage
+2.2 to +5.5 (±1.1 to ±2.75)
V
1
2
3
5
4
V-
V+
OUTPUT
-INPUT
+INPUT
(Top View)
1
2
3
4
8
7
6
5
A +INPUT
A -INPUT
A OUTPUT
V-
V+
B OUTPUT
B -INPUT
B +INPUT
(Top View)
NJU7076F
NJU7077R
NJU7078V
0
100
200
300
400
500
600
700
800
0
25
50
75
100
125
150
Ambient Temperature [ºC]
Power Dissipation vs. Temperature
SOT-23-5
(4-Layer)
SOT-23-5
(2-Layer)
MSOP8(VSP8)
(4-Layer)
MSOP8(VSP8)
(2-Layer)
SSOP14
(2-Layer)
SSOP14
(4-Layer)
1
2
3
4
14
13
12
11
5
6
7
10
9
8
D +INPUT
D -INPUT
D OUTPUT
V-
C +INPUT
C -INPUT
C OUTPUT
A +INPUT
A -INPUT
A OUTPUT
V+
B +INPUT
B -INPUT
B OUTPUT
(Top View)


Similar Part No. - NJU7077

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7077 NJRC-NJU7077 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7077R NJRC-NJU7077R Datasheet
1Mb / 18P
   PRECISION, LOW NOISE, RAIL-TO-RAIL OUTPUT, EXCELLENT EMI IMMUNITY, CMOS OPERATIONAL AMPLIFIERS
Ver.1.1
More results

Similar Description - NJU7077

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7076 NJRC-NJU7076 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7077 NJRC-NJU7077 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7076B NJRC-NJU7076B Datasheet
902Kb / 11P
   Precision, Low Noise, Rail-to-Rail Output, Single CMOS Operational Amplifier
NJU7029 NJRC-NJU7029 Datasheet
550Kb / 13P
   Low Noise, Rail-to-Rail Output Dual CMOS Operational Amplifier
NJU7009 NJRC-NJU7009 Datasheet
507Kb / 12P
   Low Noise, Rail-to-Rail Output Single CMOS Operational Amplifier
Ver.2009-03-04
logo
Analog Devices
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
ADA4610S AD-ADA4610S Datasheet
847Kb / 18P
   Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
REV. A
logo
Texas Instruments
OPA207 TI1-OPA207 Datasheet
921Kb / 31P
[Old version datasheet]   Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com