Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7078 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJU7078
Description  Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7078 Datasheet(HTML) 1 Page - New Japan Radio

  NJU7078 Datasheet HTML 1Page - New Japan Radio NJU7078 Datasheet HTML 2Page - New Japan Radio NJU7078 Datasheet HTML 3Page - New Japan Radio NJU7078 Datasheet HTML 4Page - New Japan Radio NJU7078 Datasheet HTML 5Page - New Japan Radio NJU7078 Datasheet HTML 6Page - New Japan Radio NJU7078 Datasheet HTML 7Page - New Japan Radio NJU7078 Datasheet HTML 8Page - New Japan Radio NJU7078 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Ver.05
[
1]
NJU7076/NJU7077/NJU7078
Precision, Low Noise, Rail-to-Rail Output,
CMOS Operational Amplifier
■ GENERAL DESCRIPTION
■ PACKAGE OUTLINE
The NJU7076/NJU7077/NJU7078 is a high precision
Rail-to-Rail output Single/Dual/Quad CMOS operational
amplifier featuring a low noise of 10nV/√Hz typ., low input
offset voltage of 150µV max., low temperature drift of
0.5µV/°C typ. and low bias current of 1pA typ..
The output swing can reach 20 mV from the rails, while driving
a 10kΩ load (at 5V operation). The NJU7076/NJU7077/
NJU7078 also has a high RF noise immunity which can
reduce malfunctions caused by RF noises from mobile
phones and others. The combination of these specifications
makes the NJU7076/ NJU7077/NJU7078 well-suited for
sensor applications such as a temperature sensor, weight
sensor and others, high precision current sensing amplifiers
and current voltage converters.
■ FEATURES
●High Precision
Low Offset Voltage
NJU7076/NJU7077
150μV max.
NJU7078
200μV max.
Low Offset Voltage Drift
0.5μV/°C typ.
●Low Noise
10nV/√Hz typ.
●Low Input Bias Current
1pA typ.
●Rail-to-Rail Output
RL=10kΩ
0.02V to 4.98V typ. (V
+=5V)
RL=600Ω
0.08V to 4.92V typ. (V
+=5V)
●Ground sense
●RF Noise Immunity
●Operating Voltage
2.2V to 5.5V
●Unity-Gain Stable
●Package
NJU7076
SOT-23-5
NJU7077
MSOP8(VSP8)*
*MEET JEDEC MO-187-DA
NJU7078
SSOP14
■ APPLICATIONS
●Thermocouple / Thermopile Amplifiers
●Strain Gauge / Pressure sensor Amplifiers
●Load Cell and Bridge Transducer Amplifiers
●High Resolution Data Acquisition
●Precision Current Sensing
●Battery monitoring
●Photo-Diode pre amplifier
NJU7076F
(SOT-23-5)
NJU7077R
(MSOP8(VSP8))
NJU7078V
(SSOP14)


Similar Part No. - NJU7078

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7078 NJRC-NJU7078 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
More results

Similar Description - NJU7078

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7076 NJRC-NJU7076 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7077 NJRC-NJU7077 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7076B NJRC-NJU7076B Datasheet
902Kb / 11P
   Precision, Low Noise, Rail-to-Rail Output, Single CMOS Operational Amplifier
NJU7029 NJRC-NJU7029 Datasheet
550Kb / 13P
   Low Noise, Rail-to-Rail Output Dual CMOS Operational Amplifier
NJU7009 NJRC-NJU7009 Datasheet
507Kb / 12P
   Low Noise, Rail-to-Rail Output Single CMOS Operational Amplifier
Ver.2009-03-04
logo
Analog Devices
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
ADA4610S AD-ADA4610S Datasheet
847Kb / 18P
   Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
REV. A
logo
Texas Instruments
OPA207 TI1-OPA207 Datasheet
921Kb / 31P
[Old version datasheet]   Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com