Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59S2AA-400A5-B Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59S2AA-400A5-B
Description  FAKRA - HF RIGHT ANGLE PLUG FOR PCB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59S2AA-400A5-B Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59S2AA-400A5-B Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59S2AA-400A5-B Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59S2AA-400A5-B Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
FAKRA - HF
RIGHT ANGLE PLUG
FOR PCB
59S2AA-400A5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
1 / 3
All dimensions are in mm; tolerances according to ISO 2768 m-H
Y = Part number has to be accomplished by codification
Interface
According to
DIN 72594-1
Documents
Assembly instruction
MA_59V054
PCB layout
MB_187
Tape & reel packaging
VG_75.20000
Material and plating
Connector parts
Material
Plating
Center contact
Brass
AuroDur®, gold plated
Outer contact
Zinc alloy
Nickel, 2.5-5 µm
Body
Zinc alloy
Tin, 2-5 µm, over Nickel 1-5µm
Dielectric
PA 6.6T
Housing
PA 6T/66


Similar Part No. - 59S2AA-400A5-B

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59S2AQ-40MT5-A ROSENBERGER-59S2AQ-40MT5-A_1 Datasheet
697Kb / 4P
   RIGHT ANGLE PLUG PCB WITH HOUSING
59S2AQ-40MT5-B ROSENBERGER-59S2AQ-40MT5-B_1 Datasheet
697Kb / 4P
   RIGHT ANGLE PLUG PCB WITH HOUSING
59S2AQ-40MT5-C ROSENBERGER-59S2AQ-40MT5-C_1 Datasheet
697Kb / 4P
   RIGHT ANGLE PLUG PCB WITH HOUSING
59S2AQ-40MT5-D ROSENBERGER-59S2AQ-40MT5-D_1 Datasheet
697Kb / 4P
   RIGHT ANGLE PLUG PCB WITH HOUSING
59S2AQ-40MT5-E ROSENBERGER-59S2AQ-40MT5-E_1 Datasheet
697Kb / 4P
   RIGHT ANGLE PLUG PCB WITH HOUSING
More results

Similar Description - 59S2AA-400A5-B

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59S11K-40MT5-Y ROSENBERGER-59S11K-40MT5-Y Datasheet
819Kb / 3P
   FAKRA - HF PLUG FOR PCB
59S2DU-40MT5-Y ROSENBERGER-59S2DU-40MT5-Y Datasheet
1Mb / 3P
   FAKRA-HF PLUG FOR PCB
59S2DA-40MT5-Y ROSENBERGER-59S2DA-40MT5-Y Datasheet
429Kb / 3P
   FAKRA ??HF PLUG FOR PCB
59S20Z-40MT5-Y ROSENBERGER-59S20Z-40MT5-Y Datasheet
303Kb / 2P
   FAKRA - HF Right Angle Plug
59K23C-40MA5-Y ROSENBERGER-59K23C-40MA5-Y Datasheet
226Kb / 3P
   FAKRA-HF RIGHT ANGLE JACK PCB
59S13X-40MT5 ROSENBERGER-59S13X-40MT5 Datasheet
739Kb / 2P
   FAKRA-HF STRAIGHT PLUG FOR PCB
59S10H-400T5-Y ROSENBERGER-59S10H-400T5-Y Datasheet
922Kb / 4P
   FAKRA - HF STRAIGHT PLUG PCB
59S12K-40MT5-Y ROSENBERGER-59S12K-40MT5-Y Datasheet
904Kb / 3P
   FAKRA-HF STRAIGHT PLUG PCB
59K28H-102A4 ROSENBERGER-59K28H-102A4 Datasheet
574Kb / 3P
   FAKRA-HF RIGHT ANGLE JACK
59K28H-1M4A4 ROSENBERGER-59K28H-1M4A4 Datasheet
947Kb / 3P
   FAKRA - HF RIGHT ANGLE JACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com