Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59K23C-40MA5_Z Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59K23C-40MA5_Z
Description  FAKRA-HF RIGHT ANGLE JACK PCB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59K23C-40MA5_Z Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59K23C-40MA5_Z Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59K23C-40MA5_Z Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59K23C-40MA5_Z Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet
FAKRA-
HF
RIGHT ANGLE JACK PCB
59K23C-40MA5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
2 / 3
f(GHz)
Electrical data
Impedance
50
Frequency
DC to 6 GHz
Return loss
≥ 26 dB, DC to 1 GHz
Insertion loss
≤ 0.1 x
dB
Insulation resistance
≥ 1x103
M
Center contact resistance
≤ 5 mΩ
Outer contact resistance
≤ 5 mΩ
Test voltage
750 V rms
Working voltage
335 V rms
Power current
≤ 1 A DC
7)
Mechanical data
Mating cycles
≥ 25
Engagement force
≤ 25 N
Disengagement force
2 N
Retention force latch
≥ 110 N
Torsion strength
≤ 60 Ncm
Coding efficiency
≥ 40 N
Environmental data
Temperature range
-40°C to +105°C
Thermal shock
DIN 72594-2 clause 6.2
Temperature and humidity
DIN 72594-2 clause 6.3
Vibration and mechanical shock
DIN 72594-2 clause 6.1
Dry heat
DIN 72594-2 clause 6.4
Soldering profile
acc. to IEC 60068-2-58; Group 3&4
2002/95/EC (RoHS)
compliant
Tooling
N/A
Packing
Standard
1000 pcs in Box; 700 pcs in Tape&Reel
Weight
4,60 g/pce


Similar Part No. - 59K23C-40MA5_Z

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59K204-301L5 ROSENBERGER-59K204-301L5 Datasheet
39Kb / 2P
   SMB RIGHT ANGLE JACK
59K214-271L5 ROSENBERGER-59K214-271L5 Datasheet
56Kb / 2P
   SMB RIGHT ANGLE JACK
59K214-302L5 ROSENBERGER-59K214-302L5 Datasheet
45Kb / 2P
   SMB RIGHT ANGLE JACK
59K214-303L5 ROSENBERGER-59K214-303L5 Datasheet
72Kb / 2P
   SMB RIGHT ANGLE JACK
59K25H-102A4 ROSENBERGER-59K25H-102A4 Datasheet
113Kb / 2P
   FAKRA - HF RIGHT ANGLE JACK 360
More results

Similar Description - 59K23C-40MA5_Z

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59K28H-102A4 ROSENBERGER-59K28H-102A4 Datasheet
574Kb / 3P
   FAKRA-HF RIGHT ANGLE JACK
59K28H-1M4A4 ROSENBERGER-59K28H-1M4A4 Datasheet
947Kb / 3P
   FAKRA - HF RIGHT ANGLE JACK
59K25H-1E4A4 ROSENBERGER-59K25H-1E4A4 Datasheet
87Kb / 2P
   FAKRA - HF RIGHT ANGLE JACK 360
59K25H-102A4 ROSENBERGER-59K25H-102A4 Datasheet
113Kb / 2P
   FAKRA - HF RIGHT ANGLE JACK 360
59K25H-1M4A4 ROSENBERGER-59K25H-1M4A4 Datasheet
63Kb / 2P
   FAKRA - HF RIGHT ANGLE JACK 360
59K25H-106A4 ROSENBERGER-59K25H-106A4 Datasheet
71Kb / 2P
   FAKRA - HF RIGHT ANGLE JACK 360
59S2AA-400A5-Y ROSENBERGER-59S2AA-400A5-Y Datasheet
352Kb / 3P
   FAKRA - HF RIGHT ANGLE PLUG FOR PCB
59S20Z-40MT5-Y ROSENBERGER-59S20Z-40MT5-Y Datasheet
303Kb / 2P
   FAKRA - HF Right Angle Plug
59K13O-1E7A4 ROSENBERGER-59K13O-1E7A4 Datasheet
105Kb / 2P
   FAKRA - HF STRAIGHT JACK
59K16B-1E4T4 ROSENBERGER-59K16B-1E4T4 Datasheet
156Kb / 3P
   FAKRA - HF STRAIGHT JACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com