Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7076B Datasheet(PDF) 3 Page - New Japan Radio

Part # NJU7076B
Description  Precision, Low Noise, Rail-to-Rail Output, Single CMOS Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7076B Datasheet(HTML) 3 Page - New Japan Radio

  NJU7076B Datasheet HTML 1Page - New Japan Radio NJU7076B Datasheet HTML 2Page - New Japan Radio NJU7076B Datasheet HTML 3Page - New Japan Radio NJU7076B Datasheet HTML 4Page - New Japan Radio NJU7076B Datasheet HTML 5Page - New Japan Radio NJU7076B Datasheet HTML 6Page - New Japan Radio NJU7076B Datasheet HTML 7Page - New Japan Radio NJU7076B Datasheet HTML 8Page - New Japan Radio NJU7076B Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NJU7076B
Ver.00
[
3]
■ ELECTRICAL CHARACTERISTICS(V+=5V, V-=0V, VCOM=V
+/2, Ta=25˚C, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
DC CHARACTERISTICS
Supply Current
ISUPPLY
No Signal, RL=OPEN
-
0.6
0.9
mA
No Signal, RL=OPEN, Ta = -40°C to 125°C
-
-
0.9
mA
Input Offset Voltage
VIO
-
20
300
µV
Ta=-40°C to 125°C
-
-
400
µV
Input Offset Voltage Drift
ΔVIO/ΔT Ta=-40°C to 125°C
(5)
-
0.5
5
µV/°C
Input Bias Current
IB
-
1
-
pA
Input Offset Current
IIO
-
1
-
pA
Open-Loop Voltage Gain
AV
Vo=0.5V to 4.5V, RL=10kΩ to 2.5V
100
130
-
dB
Vo=0.5V to 4.5V, RL=10kΩ to 2.5V,
Ta= -40°C to 125°C
100
-
-
dB
Common-Mode
Rejection Ratio
CMR
VICM=0V to 4V
70
90
-
dB
VICM=0V to 4V, Ta= -40°C to 125°C
70
-
-
dB
Supply Voltage
Rejection Ratio
SVR
V
+=2.2V to 5.5V
70
90
-
dB
V
+=2.2V to 5.5V, Ta= -40°C to 125°C
70
-
-
dB
High-level Output Voltage
VOH
RL=10kΩ to 2.5V
4.95
4.98
-
V
RL=10kΩ to 2.5V, Ta= -40°C to 125°C
4.95
-
-
V
RL=600Ω to 2.5V
4.85
4.92
-
V
RL=600Ω to 2.5V, Ta= -40°C to 125°C
4.85
-
-
V
ISOURCE=2mA
4.9
4.96
-
V
ISOURCE =2mA, Ta= -40°C to 125°C
4.85
-
-
V
Low-level Output Voltage
VOL
RL=10kΩ to 2.5V
-
0.02
0.05
V
RL=10kΩ to 2.5V, Ta= -40°C to 125°C
-
-
0.05
V
RL=600Ω to 2.5V
-
0.08
0.15
V
RL=600Ω to 2.5V, Ta= -40°C to 125°C
-
-
0.2
V
ISINK=2mA
-
0.04
0.1
V
ISINK=2mA, Ta= -40°C to 125°C
-
-
0.15
V
Common-Mode
Input Voltage Range
VICM
CMR≥70dB
0
-
4
V
CMR≥70dB, Ta= -40°C to 125°C
0
-
4
V
AC CHARACTERISTICS
Gain Bandwidth Product
GBW
GV=40dB, RF=100kΩ, RL=10kΩ to 2.5V,
CL=20pF, f=100kHz
-
1.3
-
MHz
Phase Margin
Φm
GV=40dB, RF=100kΩ, RL=10kΩ to 2.5V,
CL=20pF
-
60
-
deg
Gain Margin
Gm
GV=40dB, RF=100kΩ, RL=10kΩ to 2.5V,
CL=20pF
-
12
-
dB
Equivalent Input Noise
Voltage
en
f=1kHz
-
10
-
nV/√Hz
Slew Rate
SR
GV=0dB, RL=10kΩ to 2.5V, CL=20pF,
VIN=3VPP
-
0.5
-
V/µs
Total Harmonic Distortion
THD
GV=20dB, RL=10kΩ to 2.5V, f=1kHz,
VO=3VPP
-
0.01
-
%
(5) Guaranteed by two points of Temperature -40˚C and +125˚C


Similar Part No. - NJU7076B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7076 NJRC-NJU7076 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7076 NJRC-NJU7076 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
More results

Similar Description - NJU7076B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7078 NJRC-NJU7078 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7076 NJRC-NJU7076 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7077 NJRC-NJU7077 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7009 NJRC-NJU7009 Datasheet
507Kb / 12P
   Low Noise, Rail-to-Rail Output Single CMOS Operational Amplifier
Ver.2009-03-04
NJU7029 NJRC-NJU7029 Datasheet
550Kb / 13P
   Low Noise, Rail-to-Rail Output Dual CMOS Operational Amplifier
logo
Analog Devices
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
Analog Devices
ADA4610S AD-ADA4610S Datasheet
847Kb / 18P
   Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com