Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PG0087.205NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PG0087.205NL
Description  Shielded Drum Core
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PG0087.205NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PG0087.205NL Datasheet HTML 1Page - Pulse A Technitrol Company PG0087.205NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
pulseelectronics.com
SMT Power Inductors
Shielded Drum Core - PG0087NL Series
SPM2007 (11/15)
Height: 2.0mm Max
Footprint: 6.2mm x 6.2mm Max
Current Rating: up to 3.5A
Inductance Range: 0.9µH to 4.5mH
Electrical Specifications @ 25°C - Operating Temperature -40°C to +130°C
Part
Number
Inductance
@ 0ADC
(
µH ±20%)
Inductance
@ Irated
(
µH TYP)
Irated
(A)
DCR (
Ω)
Saturation
Current
-10% (A)
Heating
Current IDC
+40°C (A)
Core Loss
Factor
(K2)
SRF
(MHz)
TYP
MAX
PG0087.102NL
1.0
0.9
3.5
29
33
3.5
5.5
710
>40
PG0087.152NL
1.5
1.3
3.0
23
34
3.0
4.9
870
>40
PG0087.222NL
2.2
1.9
2.2
40
45
2.2
4.2
1100
>40
PG0087.332NL
3.3
2.9
2.0
47
55
2.0
3.3
1200
>40
PG0087.472NL
4.7
4.2
1.75
64
70
1.75
2.8
1600
>40
PG0087.682NL
6.8
6.1
1.50
97
105
1.50
2.4
1700
37
PG0087.103NL
10
9.0
1.20
111
124
1.20
2.2
2200
34
PG0087.153NL
15
13
0.94
198
205
0.94
1.6
2700
28
PG0087.223NL
22
19
0.80
248
280
0.80
1.5
3400
22
PG0087.333NL
33
29
0.65
342
386
0.65
1.2
4000
17
PG0087.473NL
47
42
0.54
525
594
0.54
0.95
4900
15
PG0087.683NL
68
61
0.43
656
710
0.43
0.80
6100
13
PG0087.104NL
100
90
0.36
1180
1200
0.36
0.65
7000
10
PG0087.154NL
150
130
0.30
1740
1850
0.30
0.52
8200
9.0
PG0087.224NL
220
190
0.25
2600
2700
0.25
0.42
10000
7.0
PG0087.334NL
330
290
0.20
3810
3950
0.20
0.36
13000
5.4
PG0087.474NL
470
420
0.15
6147
6240
0.15
0.28
15000
4.3
PG0087.604NL
600
540
0.13
6716
7160
0.13
0.26
17000
4.1
PG0087.684NL
680
610
0.10
8947
9190
0.10
0.22
18000
3.9
PG0087.824NL
820
730
0.08
10800
11440
0.08
0.20
19000
3.5
PG0087.105NL
1000
900
0.06
11655
12570
0.06
0.18
21000
2.7
PG0087.205NL
2000
1800
0.05
23200
24900
0.05
0.14
30000
1.9
PG0087.305NL
3000
2700
0.038
30660
31530
0.038
0.12
37000
1.6
PG0087.505NL
5000
4500
0.025
57560
64200
0.025
0.09
48000
1.1
NOTES FROM TABLE: (See page 43)
2, 3
5
6
7
8
1
29


Similar Part No. - PG0087.205NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG0087 PULSE-PG0087 Datasheet
190Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - P1168NL/P1169NL Series
PG0087 PULSE-PG0087 Datasheet
213Kb / 2P
   Shielded Drum Core
PG0087 PULSE-PG0087 Datasheet
213Kb / 2P
   SMT POWER INDUCTORS
PG0087 PULSE-PG0087 Datasheet
490Kb / 3P
   SMT Power Inductors
02/19
PG0087 PULSE-PG0087 Datasheet
213Kb / 2P
   SMT POWER INDUCTORS
More results

Similar Description - PG0087.205NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4333.221NLT PULSE-PA4333.221NLT Datasheet
255Kb / 2P
   Shielded Drum Core
PA4331.331NLT PULSE-PA4331.331NLT Datasheet
292Kb / 2P
   Shielded Drum Core
P1168.501NL PULSE-P1168.501NL Datasheet
213Kb / 2P
   Shielded Drum Core
P1167NL PULSE-P1167NL Datasheet
245Kb / 2P
   Shielded Drum Core
PG0085NL PULSE-PG0085NL Datasheet
190Kb / 2P
   Shielded Drum Core
P1166NL PULSE-P1166NL Datasheet
245Kb / 2P
   Shielded Drum Core
P1170.901NL PULSE-P1170.901NL Datasheet
213Kb / 2P
   Shielded Drum Core
P1172.132NL PULSE-P1172.132NL Datasheet
227Kb / 2P
   Shielded Drum Core
PA4335.241NLT PULSE-PA4335.241NLT Datasheet
293Kb / 2P
   Shielded Drum Core
PA4334.221NLT PULSE-PA4334.221NLT Datasheet
321Kb / 3P
   Shielded Drum Core
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com