Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA309AIPWR Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PGA309AIPWR
Description  Voltage Output PROGRAMMABLE SENSOR CONDITIONER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA309AIPWR Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button PGA309AIPWR Datasheet HTML 5Page - Burr-Brown (TI) PGA309AIPWR Datasheet HTML 6Page - Burr-Brown (TI) PGA309AIPWR Datasheet HTML 7Page - Burr-Brown (TI) PGA309AIPWR Datasheet HTML 8Page - Burr-Brown (TI) PGA309AIPWR Datasheet HTML 9Page - Burr-Brown (TI) PGA309AIPWR Datasheet HTML 10Page - Burr-Brown (TI) PGA309AIPWR Datasheet HTML 11Page - Burr-Brown (TI) PGA309AIPWR Datasheet HTML 12Page - Burr-Brown (TI) PGA309AIPWR Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
PGA309
SBOS292A − DECEMBER 2003 − REVISED AUGUST 2004
www.ti.com
9
TYPICAL CHARACTERISTICS
TA = +25°C, VSA = VSD = +5V (VSA = VSUPPLY ANALOG, VSD = VSUPPLY DIGITAL, VSA must equal VSD), GNDD = GNDA = 0, and VREF = REFIN/REFOUT = +5V,
unless otherwise noted.
Average
4.090
4.085
4.080
4.075
4.070
4.065
4.060
Temperature (
_C)
−55 −35 −15
5
25
45
65
85
105 125
145
V
REF vs TEMPERATURE
I
B CURRENT vs TEMPERATURE
Temperature (
_C)
−55 −35 −15
5
25
45
65
85
105 125
145
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
−2.5
−3.0
Average, nA
I
TEMP CURRENT vs TEMPERATURE
Temperature (
_C)
−55 −35 −15
5
25
45
65
85
105 125
145
9
8
7
6
5
4
3
2
1
0
Average
70
60
50
40
30
20
10
0
−10
−20
−30
COMMON−MODE REJECTION RATIO vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
1M
RTO of Front−End PGA
90
80
70
60
50
40
30
20
10
0
−10
POWER−SUPPLY REJECTION RATIO vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
1M
Small−Signal
V
REF and VEXT Enabled
V
REF =2.5V
PSRR at V
OUT
80
60
40
20
0
CLOSED−LOOP GAIN vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
1M
G
OUTAMP = Output Amplifer Gain
G
OUTAMP =9V/V
G
FRONT = 32V/V
G
OUTAMP =9V/V
G
FRONT = 128V/V
G
OUTAMP =2V/V
G
FRONT =8V/V
G
OUTAMP =2V/V
G
FRONT =32V/V


Similar Part No. - PGA309AIPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA309AIPWR BURR-BROWN-PGA309AIPWR Datasheet
478Kb / 22P
   Voltage Output PROFRAMMABLE SENSOR CONDITIONER
logo
Texas Instruments
PGA309AIPWR TI-PGA309AIPWR Datasheet
812Kb / 24P
[Old version datasheet]   Voltage Output Programmable Sensor Conditioner
PGA309AIPWR TI1-PGA309AIPWR Datasheet
812Kb / 25P
[Old version datasheet]   Voltage Output Programmable Sensor Conditioner
logo
Burr-Brown (TI)
PGA309AIPWRG4 BURR-BROWN-PGA309AIPWRG4 Datasheet
478Kb / 22P
   Voltage Output PROFRAMMABLE SENSOR CONDITIONER
logo
Texas Instruments
PGA309AIPWRG4 TI-PGA309AIPWRG4 Datasheet
812Kb / 24P
[Old version datasheet]   Voltage Output Programmable Sensor Conditioner
More results

Similar Description - PGA309AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA309-HT TI1-PGA309-HT Datasheet
940Kb / 27P
[Old version datasheet]   VOLTAGE OUTPUT PROGRAMMABLE SENSOR CONDITIONER
PGA309 TI-PGA309_11 Datasheet
812Kb / 24P
[Old version datasheet]   Voltage Output Programmable Sensor Conditioner
PGA309 TI1-PGA309_14 Datasheet
812Kb / 25P
[Old version datasheet]   Voltage Output Programmable Sensor Conditioner
logo
Burr-Brown (TI)
PGA309 BURR-BROWN-PGA309_05 Datasheet
478Kb / 22P
   Voltage Output PROFRAMMABLE SENSOR CONDITIONER
logo
Integrated Device Techn...
ZSC31010 IDT-ZSC31010 Datasheet
436Kb / 43P
   Analog Output Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZSC31014 ZMD-ZSC31014 Datasheet
239Kb / 2P
   Digital Output Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSC31014 IDT-ZSC31014 Datasheet
706Kb / 58P
   Digital Output Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31014 RENESAS-ZSC31014 Datasheet
1Mb / 59P
   RBicilite??Digital Output Sensor Signal Conditioner
ZSC31010 RENESAS-ZSC31010 Datasheet
575Kb / 44P
   RBicLiteTM Analog Output Sensor Signal Conditioner
ZSSC4151 RENESAS-ZSSC4151 Datasheet
641Kb / 14P
   Automotive Sensor Signal Conditioner with Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com