Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA4300.182NLT Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PA4300.182NLT
Description  Shielded Drum Core Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA4300.182NLT Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PA4300.182NLT Datasheet HTML 1Page - Pulse A Technitrol Company PA4300.182NLT Datasheet HTML 2Page - Pulse A Technitrol Company PA4300.182NLT Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P746.A (12/14)
2
pulseelectronics.com
Shielded Drum Core Inductor
PA4300.XXXNLT & PA4301.XXXNLT Series
Pulse Jack
E l e c t r o n i c s
NOTES:
1. Inductance tolerance is +/-30% for inductance values between 1uH and 8.2uH and +/-20% for values between
10uH and 680uH.
2. Inductance is measured at 100kHz, 250mV for values between 1uH and 8.2uH and at 1kHz, 250mV for values
between 10uH and 680uH.
3. The rated current as listed is the rms or heating current that the part can withstand with acceptable temperature
rise in typical applications. At the listed current the inductance typically drops to 85-90% of the no load value
when measured at 25C.
4. The temperature of the component (ambient plus temperature rise) must be within the stated operating
temperature.
Pulse Part Number
Inductance (uH)
Rated Current (A) Max
DC Resistance (m
Ω) Max
Package Size (mm)
PA4300.684NLT
680
0.165
3770
6.1 x 6.1 x 3
PA4301.102NLT
1.0
3.6
18.2
7.2 x 7.2 x 3
PA4301.152NLT
1.5
3.53
19.6
7.2 x 7.2 x 3
PA4301.182NLT
1.8
3.45
20.8
7.2 x 7.2 x 3
PA4301.222NLT
2.2
3.15
24.7
7.2 x 7.2 x 3
PA4301.272NLT
2.7
2.84
27.3
7.2 x 7.2 x 3
PA4301.332NLT
3.3
2.8
29.9
7.2 x 7.2 x 3
PA4301.392NLT
3.9
2.6
32.5
7.2 x 7.2 x 3
PA4301.472NLT
4.7
2.3
40.3
7.2 x 7.2 x 3
PA4301.562NLT
5.6
2.13
45.5
7.2 x 7.2 x 3
PA4301.682NLT
6.8
1.88
46.8
7.2 x 7.2 x 3
PA4301.822NLT
8.2
1.73
55.9
7.2 x 7.2 x 3
PA4301.103NLT
10
1.6
75.4
7.2 x 7.2 x 3
PA4301.123NLT
12
1.5
80.6
7.2 x 7.2 x 3
PA4301.153NLT
15
1.34
89.7
7.2 x 7.2 x 3
PA4301.183NLT
18
1.21
93.6
7.2 x 7.2 x 3
PA4301.223NLT
22
1.1
122.2
7.2 x 7.2 x 3
PA4301.283NLT
27
1.02
131.3
7.2 x 7.2 x 3
PA4301.333NLT
33
0.918
159.9
7.2 x 7.2 x 3
PA4301.393NLT
39
0.835
195
7.2 x 7.2 x 3
PA4301.473NLT
47
0.745
234
7.2 x 7.2 x 3
PA4301.563NLT
56
0.685
273
7.2 x 7.2 x 3
PA4301.683NLT
68
0.607
364
7.2 x 7.2 x 3
PA4301.823NLT
82
0.57
403
7.2 x 7.2 x 3
PA4301.104NLT
100
0.52
507
7.2 x 7.2 x 3
PA4301.124NLT
120
0.45
676
7.2 x 7.2 x 3
PA4301.154NLT
150
0.41
806
7.2 x 7.2 x 3
PA4301.184NLT
180
0.38
949
7.2 x 7.2 x 3
PA4301.224NLT
220
0.35
1110
7.2 x 7.2 x 3
PA4301.274NLT
270
0.31
1560
7.2 x 7.2 x 3
PA4301.334NLT
330
0.285
1700
7.2 x 7.2 x 3
PA4301.394NLT
390
0.253
1950
7.2 x 7.2 x 3
PA4301.474NLT
470
0.23
2730
7.2 x 7.2 x 3
PA4301.564NLT
560
0.22
2990
7.2 x 7.2 x 3
PA4301.684NLT
680
0.193
3510
7.2 x 7.2 x 3
Electrical Specifications @ 25°C — Operating Temperature -40°C to 125°C


Similar Part No. - PA4300.182NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4300 PULSE-PA4300 Datasheet
1Mb / 3P
   POWER MAGNETICS
More results

Similar Description - PA4300.182NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4320.103NLT PULSE-PA4320.103NLT Datasheet
285Kb / 2P
   Shielded Drum Core Inductor
PA4321.152NLT PULSE-PA4321.152NLT Datasheet
263Kb / 2P
   Shielded Drum Core Inductor
PA4320 PULSE-PA4320 Datasheet
416Kb / 4P
   Shielded Drum Core Inductor
PA4322 PULSE-PA4322 Datasheet
294Kb / 3P
   Shielded Drum Core Inductor
PA4303.102NLT PULSE-PA4303.102NLT Datasheet
657Kb / 3P
   Shielded Drum Core Inductor
PA4330.471NLT PULSE-PA4330.471NLT Datasheet
524Kb / 2P
   Shielded Drum Core Inductor
PA4302.102NLT PULSE-PA4302.102NLT Datasheet
556Kb / 2P
   Shielded Drum Core Inductor
PA4333.221NLT PULSE-PA4333.221NLT Datasheet
255Kb / 2P
   Shielded Drum Core
PA4331.331NLT PULSE-PA4331.331NLT Datasheet
292Kb / 2P
   Shielded Drum Core
P1168.501NL PULSE-P1168.501NL Datasheet
213Kb / 2P
   Shielded Drum Core
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com