Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRB41H100CT-1H Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBRB41H100CT-1H
Description  Switch-mode Power Rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRB41H100CT-1H Datasheet(HTML) 1 Page - ON Semiconductor

  MBRB41H100CT-1H Datasheet HTML 1Page - ON Semiconductor MBRB41H100CT-1H Datasheet HTML 2Page - ON Semiconductor MBRB41H100CT-1H Datasheet HTML 3Page - ON Semiconductor MBRB41H100CT-1H Datasheet HTML 4Page - ON Semiconductor MBRB41H100CT-1H Datasheet HTML 5Page - ON Semiconductor MBRB41H100CT-1H Datasheet HTML 6Page - ON Semiconductor MBRB41H100CT-1H Datasheet HTML 7Page - ON Semiconductor MBRB41H100CT-1H Datasheet HTML 8Page - ON Semiconductor MBRB41H100CT-1H Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2015 − Rev. 9
1
Publication Order Number:
MBR41H100CT/D
MBR41H100CT,
NRVBB41H100CT Series
Switch-mode
Power Rectifier
100 V, 40 A
Features and Benefits
Low Forward Voltage: 0.67 V @ 125°C
Low Power Loss/High Efficiency
High Surge Capacity
175°C Operating Junction Temperature
40 A Total (20 A Per Diode Leg)
Guard−Ring for Stress Protection
NRVBB Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MBR41H100CTH and MBRB41H100CT−1H are Halide−Free
Applications
Power Supply − Output Rectification
Power Management
Instrumentation
Mechanical Characteristics:
Case: Epoxy, Molded
Epoxy Meets UL 94 V−0 @ 0.125 in
Weight (Approximately): 1.9 Grams (TO−220)
1.7 Grams (D2PAK)
1.5 Grams (TO−262)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
TO−220
CASE 221A
STYLE 6
3
4
1
1
3
2, 4
2
MARKING
DIAGRAMS
AYWW
B41H100x
AKA
A
= Assembly Location
Y
= Year
WW = Work Week
x
= G or H
G
= Pb−Free Package
H
= Halide−Free Package
AKA = Polarity Designator
www.onsemi.com
I2PAK (TO−262)
CASE 418D
STYLE 3
AYWW
B41H100x
AKA
3
4
1
2
3
4
1
D2PAK 3
CASE 418B
STYLE 3
AYWW
B41H100G
AKA
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MBRB41H100CT-1H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB41H100CT-1 ONSEMI-MBRB41H100CT-1 Datasheet
81Kb / 8P
   SWITCHMODE Power Rectifier 100 V, 40 A
March, 2007 ??Rev. 4
MBRB41H100CT-1G ONSEMI-MBRB41H100CT-1G Datasheet
81Kb / 8P
   SWITCHMODE Power Rectifier 100 V, 40 A
March, 2007 ??Rev. 4
More results

Similar Description - MBRB41H100CT-1H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR1620CTRG ONSEMI-MUR1620CTRG Datasheet
78Kb / 6P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 9
MBR4015CTLG ONSEMI-MBR4015CTLG Datasheet
84Kb / 4P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 7
MBR40L45CTG ONSEMI-MBR40L45CTG_15 Datasheet
100Kb / 6P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 3
MURHF860CT ONSEMI-MURHF860CT Datasheet
55Kb / 3P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 6
MBR30L45CTG ONSEMI-MBR30L45CTG_16 Datasheet
76Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 3
MBR30L60CTG ONSEMI-MBR30L60CTG Datasheet
85Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 2
MBR20H100CTG ONSEMI-MBR20H100CTG Datasheet
122Kb / 9P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 12
MBR6045WTG ONSEMI-MBR6045WTG Datasheet
57Kb / 3P
   Switch Mode Power Rectifier
July, 2014 ??Rev. 10
MBRP400100CTL ONSEMI-MBRP400100CTL Datasheet
117Kb / 3P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 6
MUR550APFG ONSEMI-MUR550APFG Datasheet
351Kb / 13P
   Switch-mode Power Rectifier
August, 2020 - Rev. 11
MUR620CTG ONSEMI-MUR620CTG_15 Datasheet
64Kb / 4P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com