Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA4340.333NLT Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # PA4340.333NLT
Description  High Current Molded Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA4340.333NLT Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  PA4340.333NLT Datasheet HTML 1Page - Pulse A Technitrol Company PA4340.333NLT Datasheet HTML 2Page - Pulse A Technitrol Company PA4340.333NLT Datasheet HTML 3Page - Pulse A Technitrol Company PA4340.333NLT Datasheet HTML 4Page - Pulse A Technitrol Company PA4340.333NLT Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
pulseelectronics.com
SMT Power Inductor
High Current Molded Power Inductor - PA4340.XXXNLT Series
P767.C (07/16)
Typical Performance Curves
0
3.5
7
10.5
14
DC CURRENT(A)
0
0.3
0.6
0.9
1.2
3
6
2
4
0
5
10
15
20
DC CURRENT(A)
0
0.15
0.3
0.45
0.6
0
10
20
30
40
50
60
70
80
PA4340.331NLT
0
4
8
12
0
10
20
30
40
50
60
70
80
PA4340.681NLT
0
2.75
5.5
8.25
11
DC CURRENT(A)
0
0.5
1
1.5
2
0
10
20
30
40
50
60
70
80
PA4340.102NLT
0
9
12
DC CURRENT(A)
0
0.5
1
1.5
2
0
10
20
30
40
50
60
70
80
PA4340.122NLT
0
6
8
10
DC CURRENT(A)
0
0.6
1.2
1.8
2.4
3
0
10
20
30
40
50
60
70
80
PA4340.152NLT
16
DC CURRENT(A)
0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
70
80
PA4340.471NLT


Similar Part No. - PA4340.333NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4340.333NLT PULSE-PA4340.333NLT Datasheet
399Kb / 6P
   SMT Power Inductor
PA4340.333NLT PULSE-PA4340.333NLT Datasheet
3Mb / 4P
   SMT Power Inductors
More results

Similar Description - PA4340.333NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA5401 PULSE-PA5401 Datasheet
1Mb / 4P
   High Current Molded Power Inductor
logo
ETAL Group
P7637 ETAL-P7637 Datasheet
317Kb / 5P
   HIGH CURRENT MOLDED POWER INDUCTOR
logo
Pulse A Technitrol Comp...
PA4345.101NLT PULSE-PA4345.101NLT Datasheet
247Kb / 5P
   High Current Molded Power Inductor
PA5405 PULSE-PA5405 Datasheet
1Mb / 4P
   High Current Molded Power Inductor
PA4341.101NLT PULSE-PA4341.101NLT Datasheet
286Kb / 7P
   High Current Molded Power Inductor
PA4344.102NLT PULSE-PA4344.102NLT Datasheet
269Kb / 5P
   High Current Molded Power Inductor
PA5400 PULSE-PA5400 Datasheet
1Mb / 4P
   High Current Molded Power Inductor
PA5404 PULSE-PA5404 Datasheet
2Mb / 5P
   High Current Molded Power Inductor
logo
ETAL Group
P7631 ETAL-P7631 Datasheet
434Kb / 5P
   HIGH CURRENT MOLDED POWER INDUCTOR
P7638 ETAL-P7638 Datasheet
289Kb / 5P
   HIGH CURRENT MOLDED POWER INDUCTOR
P7641 ETAL-P7641 Datasheet
502Kb / 4P
   HIGH CURRENT MOLDED POWER INDUCTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com