Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA4340.333NLT Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA4340.333NLT
Description  High Current Molded Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA4340.333NLT Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA4340.333NLT Datasheet HTML 1Page - Pulse A Technitrol Company PA4340.333NLT Datasheet HTML 2Page - Pulse A Technitrol Company PA4340.333NLT Datasheet HTML 3Page - Pulse A Technitrol Company PA4340.333NLT Datasheet HTML 4Page - Pulse A Technitrol Company PA4340.333NLT Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P767.C (07/16)
1
pulseelectronics.com
SMT Power Inductor
High Current Molded Power Inductor - PA4340.XXXNLT Series
NEW - AEC-Q200 Qualified
Height: 3.0mm Max
Footprint: 6.0mm x 5.4mm Max
Current Rating: up to 23A
Inductance Range: 0.10uH to 33uH
Shielded construction and compact design
High current, low DCR, and high efficiency
Minimized acoustic noise and minimized leakage flux
USA 858 674 8100
Germany 49 2354 777 100
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C - Operating Temperature -40°C to +125°C
Part
Number
Inductance
100KHz, 1V
Rated
Current
DC
Resistance
Saturation
Current
Max.
MAX.
TYP.
uH
A
m
m
A
PA4340.101NLT
0.10
±30%
23.0
3.0
2.5
27.0
PA4340.201NLT
0.20
±30%
16.0
3.2
2.6
25.0
PA4340.221NLT
0.22
±30%
15.5
4.4
3.7
21.0
PA4340.331NLT
0.33
±20%
14.0
5.0
4.3
18.0
PA4340.471NLT
0.47
±20%
12.0
7.4
6.4
16.0
PA4340.681NLT
0.68
±20%
8.5
12.0
10.0
14.0
PA4340.102NLT
1.00
±20%
7.0
14.0
13.0
11.0
PA4340.122NLT
1.20
±20%
6.5
16.0
14.0
11.0
PA4340.152NLT
1.50
±20%
6.0
25.0
16.0
10.0
PA4340.222NLT
2.20
±20%
5.5
35.0
25.0
9.0
PA4340.332NLT
3.30
±20%
5.0
38.0
32.0
8.0
PA4340.472NLT
4.70
±20%
4.6
53.0
50.0
6.0
PA4340.562NLT
5.60
±20%
4.25
63.0
55.0
4.5
PA4340.682NLT
6.80
±20%
4.0
76.2
68.0
4.3
PA4340.103NLT
10.00
±20%
2.75
128.0
110.0
3.5
PA4340.153NLT
15.0
±20%
2.1
190.0
165.0
2.6
PA4340.183NLT
18.0
±20%
2.0
230.0
195.0
2.3
PA4340.223NLT
22.0
±20%
1.9
250.0
220.0
1.7
PA4340.333NLT
33.0
±20%
1.6
440.0
380.0
1.6


Similar Part No. - PA4340.333NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4340.333NLT PULSE-PA4340.333NLT Datasheet
399Kb / 6P
   SMT Power Inductor
PA4340.333NLT PULSE-PA4340.333NLT Datasheet
3Mb / 4P
   SMT Power Inductors
More results

Similar Description - PA4340.333NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA5401 PULSE-PA5401 Datasheet
1Mb / 4P
   High Current Molded Power Inductor
logo
ETAL Group
P7637 ETAL-P7637 Datasheet
317Kb / 5P
   HIGH CURRENT MOLDED POWER INDUCTOR
logo
Pulse A Technitrol Comp...
PA4345.101NLT PULSE-PA4345.101NLT Datasheet
247Kb / 5P
   High Current Molded Power Inductor
PA5405 PULSE-PA5405 Datasheet
1Mb / 4P
   High Current Molded Power Inductor
PA4341.101NLT PULSE-PA4341.101NLT Datasheet
286Kb / 7P
   High Current Molded Power Inductor
PA4344.102NLT PULSE-PA4344.102NLT Datasheet
269Kb / 5P
   High Current Molded Power Inductor
PA5400 PULSE-PA5400 Datasheet
1Mb / 4P
   High Current Molded Power Inductor
PA5404 PULSE-PA5404 Datasheet
2Mb / 5P
   High Current Molded Power Inductor
logo
ETAL Group
P7631 ETAL-P7631 Datasheet
434Kb / 5P
   HIGH CURRENT MOLDED POWER INDUCTOR
P7638 ETAL-P7638 Datasheet
289Kb / 5P
   HIGH CURRENT MOLDED POWER INDUCTOR
P7641 ETAL-P7641 Datasheet
502Kb / 4P
   HIGH CURRENT MOLDED POWER INDUCTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com