Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR1100 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MBR1100
Description  Axial Lead Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR1100 Datasheet(HTML) 4 Page - ON Semiconductor

  MBR1100 Datasheet HTML 1Page - ON Semiconductor MBR1100 Datasheet HTML 2Page - ON Semiconductor MBR1100 Datasheet HTML 3Page - ON Semiconductor MBR1100 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MBR1100
www.onsemi.com
4
PACKAGE DIMENSIONS
B
D
K
K
F
F
A
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
4.10
5.20
0.161
0.205
B
2.00
2.70
0.079
0.106
D
0.71
0.86
0.028
0.034
F
−−−
1.27
−−−
0.050
K
25.40
−−−
1.000
−−−
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. ALL RULES AND NOTES ASSOCIATED WITH
JEDEC DO−41 OUTLINE SHALL APPLY
4. POLARITY DENOTED BY CATHODE BAND.
5. LEAD DIAMETER NOT CONTROLLED WITHIN F
DIMENSION.
AXIAL LEAD
CASE 59−10
ISSUE U
POLARITY INDICATOR
OPTIONAL AS NEEDED
(SEE STYLES)
STYLE 1:
PIN 1. CATHODE (POLARITY BAND)
2. ANODE
ON Semiconductor and the
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed
at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets
and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended,
or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which
the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or
unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable
copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
MBR1100/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - MBR1100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR1100 ONSEMI-MBR1100 Datasheet
54Kb / 4P
   SCHOTTKY BARRIER RECTIFIER 1.0 AMPERE 100 VOLTS
April, 2003 - Rev. 4
MBR1100 ONSEMI-MBR1100 Datasheet
59Kb / 4P
   Axial Lead Rectifier
June, 2006 ??Rev. 6
logo
Pan Jit International I...
MBR1100 PANJIT-MBR1100 Datasheet
425Kb / 2P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MBR1100 VISHAY-MBR1100 Datasheet
82Kb / 5P
   Schottky Rectifier, 1 A
Revision: 06-Nov-08
logo
Pan Jit International I...
MBR1100 PANJIT-MBR1100 Datasheet
60Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR1100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR3060 ONSEMI-MBR3060 Datasheet
154Kb / 5P
   Axial Lead Rectifier
September, 2006 ??Rev. 1
80SQ045N ONSEMI-80SQ045N Datasheet
61Kb / 4P
   Axial Lead Rectifier
May, 2006 ??Rev. 3
MBR1100 ONSEMI-MBR1100_06 Datasheet
59Kb / 4P
   Axial Lead Rectifier
June, 2006 ??Rev. 6
MBR340 ONSEMI-MBR340_06 Datasheet
60Kb / 4P
   Axial Lead Rectifier
June, 2006 ??Rev. 7
MBR3100 ONSEMI-MBR3100_06 Datasheet
58Kb / 4P
   Axial Lead Rectifier
June, 2006 ??Rev. 6
logo
Sensitron
1N3611 SENSITRON-1N3611 Datasheet
37Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
SS3611 SENSITRON-SS3611 Datasheet
37Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
logo
NTE Electronics
NTE579 NTE-NTE579 Datasheet
15Kb / 1P
   Silicon Axial Lead Rectifier
logo
Sensitron
1N4245 SENSITRON-1N4245 Datasheet
47Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
1N5619 SENSITRON-1N5619 Datasheet
142Kb / 3P
   HERMETIC AXIAL LEAD/MELF RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com