Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR2535CTLG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR2535CTLG
Description  Switch-mode Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR2535CTLG Datasheet(HTML) 2 Page - ON Semiconductor

  MBR2535CTLG Datasheet HTML 1Page - ON Semiconductor MBR2535CTLG Datasheet HTML 2Page - ON Semiconductor MBR2535CTLG Datasheet HTML 3Page - ON Semiconductor MBR2535CTLG Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR2535CTLG
www.onsemi.com
2
MAXIMUM RATINGS (Per Leg)
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
35
V
Average Rectified Forward Current
(TC = 142°C per Diode)
(TC = 142°C per Device)
IF(AV)
12.5
25
A
Peak Repetitive Forward Current, per Leg (Sq Wave, 20 kHz, TC = 139°C)
IFRM
25
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions, Halfwave, Single Phase, 60 Hz)
IFSM
150
A
Peak Repetitive Reverse Surge Current (2.0
ms, 1.0 kHz)
IRRM
1.0
A
Storage Temperature Range
Tstg
−65 to +150
°C
Operating Junction Temperature (Note 1)
TJ
−65 to +150
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/
ms
Controlled Avalanche Energy
Waval
20
mJ
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS
Characteristic
Conditions
Symbol
Max
Unit
Maximum Thermal Resistance, Junction−to−Case
Min. Pad
RqJC
2.0
°C/W
Maximum Thermal Resistance, Junction−to−Ambient
Min. Pad
RqJA
75.0
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typical
Max
Unit
Instantaneous Forward Voltage (Note 2)
(iF = 25 Amps, Tj = 25°C)
(iF = 12.5 Amps, Tj = 25°C)
(iF = 12.5 Amps, Tj = 125°C)
vF
0.51
0.41
0.33
0.55
0.47
0.41
V
Instantaneous Reverse Current (Note 2)
(Rated dc Voltage, Tj = 25
°C)
(Rated dc Voltage, Tj = 125
°C)
iR
0.8
300
5.0
500
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.


Similar Part No. - MBR2535CTLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR2535CTLG ONSEMI-MBR2535CTLG Datasheet
52Kb / 4P
   SWITCHMODE Power Rectifier
August, 2006 ??Rev. 4
MBR2535CTLG ONSEMI-MBR2535CTLG Datasheet
111Kb / 4P
   SWITCHMODE Power Rectifier
May, 2008 ??Rev. 5
More results

Similar Description - MBR2535CTLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR1620CTRG ONSEMI-MUR1620CTRG Datasheet
78Kb / 6P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 9
MBR4015CTLG ONSEMI-MBR4015CTLG Datasheet
84Kb / 4P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 7
MBR40L45CTG ONSEMI-MBR40L45CTG_15 Datasheet
100Kb / 6P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 3
MURHF860CT ONSEMI-MURHF860CT Datasheet
55Kb / 3P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 6
MBR30L45CTG ONSEMI-MBR30L45CTG_16 Datasheet
76Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 3
MBR30L60CTG ONSEMI-MBR30L60CTG Datasheet
85Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 2
MBR20H100CTG ONSEMI-MBR20H100CTG Datasheet
122Kb / 9P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 12
MBR6045WTG ONSEMI-MBR6045WTG Datasheet
57Kb / 3P
   Switch Mode Power Rectifier
July, 2014 ??Rev. 10
MBRP400100CTL ONSEMI-MBRP400100CTL Datasheet
117Kb / 3P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 6
MUR550APFG ONSEMI-MUR550APFG Datasheet
351Kb / 13P
   Switch-mode Power Rectifier
August, 2020 - Rev. 11
MUR620CTG ONSEMI-MUR620CTG_15 Datasheet
64Kb / 4P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com