Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR2090CTG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBR2090CTG
Description  Switch-mode Power Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR2090CTG Datasheet(HTML) 1 Page - ON Semiconductor

  MBR2090CTG Datasheet HTML 1Page - ON Semiconductor MBR2090CTG Datasheet HTML 2Page - ON Semiconductor MBR2090CTG Datasheet HTML 3Page - ON Semiconductor MBR2090CTG Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2015 − Rev. 1
1
Publication Order Number:
MBR20100CT/D
MBR2080CTG,
MBR2090CTG,
MBR20100CTG
Switch-mode
Power Rectifiers
This series uses the Schottky Barrier principle with a platinum
barrier metal. These state−of−the−art devices have the following
features:
Features
20 A Total (10 A Per Diode Leg)
Guard−Ring for Stress Protection
Low Forward Voltage
175°C Operating Junction Temperature
Epoxy Meets UL 94 V−0 @ 0.125 in
Low Power Loss/High Efficiency
High Surge Capacity
Low Stored Charge Majority Carrier Conduction
Shipped 50 units per plastic tube
These Devices are Pb−Free and are RoHS Compliant*
Mechanical Characteristics:
Case: Epoxy, Molded
Weight: 1.9 grams (approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TO−220
CASE 221A
STYLE 6
3
4
1
SCHOTTKY BARRIER
RECTIFIERS
20 AMPERES
80−100 VOLTS
1
3
2, 4
2
MARKING DIAGRAM
AY WW
B20x0G
AKA
A
= Assembly Location
Y
= Year
WW
= Work Week
B20x0 = Device Code
x
= 8, 9 or 10
G
= Pb−Free Device
AKA
= Polarity Designator
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MBR2090CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR2090CTG ONSEMI-MBR2090CTG Datasheet
132Kb / 4P
   SWITCHMODE??Power Rectifiers
September, 2009 ??Rev. 0
logo
Vishay Siliconix
MBR2090CTG-1 VISHAY-MBR2090CTG-1 Datasheet
130Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 08-Oct-08
MBR2090CTG-1P VISHAY-MBR2090CTG-1P Datasheet
128Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 08-Oct-08
MBR2090CTG-1P VISHAY-MBR2090CTG-1P Datasheet
167Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
MBR2090CTG-1PBF VISHAY-MBR2090CTG-1PBF Datasheet
128Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 08-Oct-08
More results

Similar Description - MBR2090CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR1635 ONSEMI-MBR1635_14 Datasheet
68Kb / 5P
   Switch Mode Power Rectifiers
April, 2014 ??Rev. 12
MBR1045MFS ONSEMI-MBR1045MFS Datasheet
82Kb / 5P
   Switch Mode Power Rectifiers
August, 2014 ??Rev. 1
MUR1510G ONSEMI-MUR1510G_14 Datasheet
141Kb / 8P
   Switch-mode Power Rectifiers
February, 2014 ??Rev. 10
MBR8H100MFS ONSEMI-MBR8H100MFS Datasheet
67Kb / 4P
   Switch Mode Power Rectifiers
August, 2015 ??Rev. 2
MBR30H100MFS ONSEMI-MBR30H100MFS Datasheet
91Kb / 5P
   Switch-mode Power Rectifiers
March, 2015 ??Rev. 2
MUR3020PTG ONSEMI-MUR3020PTG Datasheet
205Kb / 8P
   Switch-mode Power Rectifiers
January, 2012 - Rev. 10
NHPV08S600G ONSEMI-NHPV08S600G_14 Datasheet
66Kb / 4P
   Switch Mode Power Rectifiers
April, 2014 ??Rev. 3
MUR805G ONSEMI-MUR805G_14 Datasheet
143Kb / 8P
   Switch-mode Power Rectifiers
February, 2014 ??Rev. 13
MBR2045MFS ONSEMI-MBR2045MFS Datasheet
62Kb / 5P
   Switch Mode Power Rectifiers
March, 2014 ??Rev. 1
MBRD620CT ONSEMI-MBRD620CT_16 Datasheet
73Kb / 6P
   Switch-mode Power Rectifiers
November, 2016 ??Rev. 13
MBRB30H30CT-1G ONSEMI-MBRB30H30CT-1G_15 Datasheet
101Kb / 7P
   Switch-mode Power Rectifiers
January, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com