Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRS1100T3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRS1100T3G
Description  Schottky Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRS1100T3G Datasheet(HTML) 2 Page - ON Semiconductor

  MBRS1100T3G Datasheet HTML 1Page - ON Semiconductor MBRS1100T3G Datasheet HTML 2Page - ON Semiconductor MBRS1100T3G Datasheet HTML 3Page - ON Semiconductor MBRS1100T3G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBRS1100T3G, SBRS81100T3G, MBRS190T3G, SBRS8190T3G
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
MBRS190T3
MBRS1100T3
VRRM
VRWM
VR
90
100
V
Average Rectified Forward Current
TL = 163°C
TL = 148°C
IF(AV)
1.0
2.0
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz)
IFSM
50
A
Operating Junction Temperature (Note 1)
TJ
−65 to +175
°C
Voltage Rate of Change
dv/dt
10
V/ns
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance − Junction−to−Lead (TL = 25°C)
RqJL
22
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 2) (iF = 1.0 A, TJ = 25°C)
VF
0.75
V
Maximum Instantaneous Reverse Current (Note 2)
(Rated dc Voltage, TJ = 25°C)
(Rated dc Voltage, TJ = 100°C)
IR
0.5
5.0
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.
ORDERING INFORMATION
Device
Marking
Package
Shipping
MBRS1100T3G
B1C
SMB
(Pb−Free)
2500 / Tape & Reel
SBRS81100T3G
B1C
SMB
(Pb−Free)
2500 / Tape & Reel
MBRS190T3G
B19
SMB
(Pb−Free)
2500 / Tape & Reel
SBRS8190T3G
B19
SMB
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MBRS1100T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS1100T3G ONSEMI-MBRS1100T3G Datasheet
49Kb / 4P
   Schottky Power Rectifier Surface Mount Power Package
March, 2007 ??Rev. 9
MBRS1100T3G ONSEMI-MBRS1100T3G Datasheet
132Kb / 4P
   Schottky Power Rectifier
January, 2012 ??Rev. 10
More results

Similar Description - MBRS1100T3G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com