Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRVBB1060 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NRVBB1060
Description  Switch-mode Power Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVBB1060 Datasheet(HTML) 4 Page - ON Semiconductor

  NRVBB1060_16 Datasheet HTML 1Page - ON Semiconductor NRVBB1060_16 Datasheet HTML 2Page - ON Semiconductor NRVBB1060_16 Datasheet HTML 3Page - ON Semiconductor NRVBB1060_16 Datasheet HTML 4Page - ON Semiconductor NRVBB1060_16 Datasheet HTML 5Page - ON Semiconductor NRVBB1060_16 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NRVBB1060, NRVBB1060W1
www.onsemi.com
4
Heating Time (s)
Figure 7. Single−Pulse Transient Response
Curves, Various Mounting Conditions
0.01
1
10
100
0.000001
0.01
1
100
heatsink
0.1
10
1000
0.1
socket
min pad
1” pad
0.001


Similar Part No. - NRVBB1060_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVBB1060T4G ONSEMI-NRVBB1060T4G Datasheet
55Kb / 5P
   SWITCHMODE Power Rectifier
June, 2006 ??Rev. 0
More results

Similar Description - NRVBB1060_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR1620CTRG ONSEMI-MUR1620CTRG Datasheet
78Kb / 6P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 9
MBR4015CTLG ONSEMI-MBR4015CTLG Datasheet
84Kb / 4P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 7
MBR40L45CTG ONSEMI-MBR40L45CTG_15 Datasheet
100Kb / 6P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 3
MURHF860CT ONSEMI-MURHF860CT Datasheet
55Kb / 3P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 6
MBR30L45CTG ONSEMI-MBR30L45CTG_16 Datasheet
76Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 3
MBR30L60CTG ONSEMI-MBR30L60CTG Datasheet
85Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 2
MBR20H100CTG ONSEMI-MBR20H100CTG Datasheet
122Kb / 9P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 12
MBR6045WTG ONSEMI-MBR6045WTG Datasheet
57Kb / 3P
   Switch Mode Power Rectifier
July, 2014 ??Rev. 10
MBRP400100CTL ONSEMI-MBRP400100CTL Datasheet
117Kb / 3P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 6
MUR550APFG ONSEMI-MUR550APFG Datasheet
351Kb / 13P
   Switch-mode Power Rectifier
August, 2020 - Rev. 11
MUR620CTG ONSEMI-MUR620CTG_15 Datasheet
64Kb / 4P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com