Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M550B108K010TG Datasheet(PDF) 6 Page - Kemet Corporation

Part # M550B108K010TG
Description  Tantalum Through-Hole Capacitors ??Hermetically Sealed
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

M550B108K010TG Datasheet(HTML) 6 Page - Kemet Corporation

Back Button M550B108K010TG Datasheet HTML 2Page - Kemet Corporation M550B108K010TG Datasheet HTML 3Page - Kemet Corporation M550B108K010TG Datasheet HTML 4Page - Kemet Corporation M550B108K010TG Datasheet HTML 5Page - Kemet Corporation M550B108K010TG Datasheet HTML 6Page - Kemet Corporation M550B108K010TG Datasheet HTML 7Page - Kemet Corporation M550B108K010TG Datasheet HTML 8Page - Kemet Corporation M550B108K010TG Datasheet HTML 9Page - Kemet Corporation M550B108K010TG Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2074_M55_Module • 12/15/2016
66
Tantalum Through-Hole Capacitors – Hermetically Sealed
M55 Module Polymer Hermetic Seal
Recommended Voltage Derating Guidelines
−55°Cto105°C
105°C to 125°C
%ChangeinWorkingDC
Voltage with Temperature
78% of VR
66% of VR
Recommended Maximum
Application Voltage
(As%ofRatedVoltage)
63% of VR
54% of VR
Ripple Current/Ripple Voltage
PermissibleACripplevoltageandcurrentarerelatedtoequivalentseriesresistance(ESR)andthepowerdissipation
capabilities of the device. Permissible AC ripple voltage that may be applied is limited by two criteria:
1. The positive peak AC voltage plus the DC bias voltage, if any, must not exceed the DC voltage rating of the capacitor.
2.ThenegativepeakACvoltageincombinationwithbiasvoltage,ifany,mustnotexceedtheallowablelimitsspecified
for reverse voltage.
The maximum power dissipation by case size can be determined using the below left table. The maximum power dissipation
rating stated in the table must be reduced with increasing environmental operating temperatures. Refer to the below right
table for temperature compensation requirements.
Case Code
Maximum Power
Dissipation (P
max)
mWatts at 25°C
with +60°C Rise
KEMET
MIL–PRF–39006/22/
25/30/31 Case Size
B
T2
715
Temperature Compensation Multipliers for
Maximum Power Dissipation (P
max)
T≤45°C
45°C<T≤85°C
85°C<T≤125°C
1.00
0.70
0.10
T= Environmental Temperature
Using the P
max of the device, the maximum allowable rms
ripple current or voltage may be determined.
I(max) = √Pmax/R
E(max) = Z √Pmax/R
I = rms ripple current (amperes)
E = rms ripple voltage (volts)
P
max = maximum power dissipation (watts)
R = ESR at specified frequency (ohms)
Z = Impedance at specified frequency (ohms)
The maximum power dissipation rating must be reduced with increasing
environmental operating temperatures. Refer to the Temperature
Compensation Multiplier table for details.
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
-55
25
45
85
105
125
Temperature (°C)
66%
78%
54%
Recommended Maximum
Application Voltage
% Change in Working DC Voltage
with temperature


Similar Part No. - M550B108K010TG

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
M550B377M075AA KEMET-M550B377M075AA Datasheet
58Kb / 1P
   Tantalum, Polymer Tantalum, COTS, M550, 370 uF, 20%, 75 V, 40 mOhms
More results

Similar Description - M550B108K010TG

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CSRXXB565KM KEMET-CSRXXB565KM Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
logo
Vishay Siliconix
XTH VISHAY-XTH Datasheet
147Kb / 11P
   Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
Revision: 25-Jul-11
logo
Cornell Dubilier Electr...
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
logo
Kemet Corporation
T352F227 KEMET-T352F227 Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
logo
Cornell Dubilier Electr...
CSR13 CDE-CSR13 Datasheet
636Kb / 7P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com