Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC272 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC272
Description  CMOS Dual Low Cost Rail to Rail Output Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC272 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMC272 Datasheet HTML 5Page - National Semiconductor (TI) LMC272 Datasheet HTML 6Page - National Semiconductor (TI) LMC272 Datasheet HTML 7Page - National Semiconductor (TI) LMC272 Datasheet HTML 8Page - National Semiconductor (TI) LMC272 Datasheet HTML 9Page - National Semiconductor (TI) LMC272 Datasheet HTML 10Page - National Semiconductor (TI) LMC272 Datasheet HTML 11Page - National Semiconductor (TI) LMC272 Datasheet HTML 12Page - National Semiconductor (TI) LMC272 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Typical Performance Characteristics (V
S = +5V, single supply, TA = 25˚C, and RL to ground unless
otherwise specified) (Continued)
CMRR vs Input
Common Mode Voltage
(V
S = 5V)
DS012867-14
CMRR vs Input
Common Mode Voltage
(V
S = 10V)
DS012867-15
Input Voltage vs
Output Voltage
DS012867-16
Input Voltage vs
Output Voltage
DS012867-17
Input Voltage vs
Output Voltage
DS012867-18
Sourcing Current vs
Output Voltage
DS012867-19
Sinking Current vs
Output Voltage
DS012867-20
CMRR vs Frequency
DS012867-21
PSRR vs Frequency
DS012867-22
www.national.com
9


Similar Part No. - LMC272

ManufacturerPart #DatasheetDescription
logo
Black Box Registered Tr...
LMC200 BLACKBOX-LMC200 Datasheet
634Kb / 6P
   FlexPoint Modular Media Converters
05/14/2010
LMC200-2PS BLACKBOX-LMC200-2PS Datasheet
634Kb / 6P
   FlexPoint Modular Media Converters
05/14/2010
logo
National Semiconductor ...
LMC2001 NSC-LMC2001 Datasheet
430Kb / 11P
   High Precision, 6MHz Rail-To-Rail Output Operational Amplifier
logo
Texas Instruments
LMC2001 TI1-LMC2001 Datasheet
655Kb / 15P
[Old version datasheet]   High Precision, 6MHz Rail-To-Rail Output Operational Amplifier
logo
National Semiconductor ...
LMC2001ACM5 NSC-LMC2001ACM5 Datasheet
430Kb / 11P
   High Precision, 6MHz Rail-To-Rail Output Operational Amplifier
More results

Similar Description - LMC272

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8692 AD-AD8692 Datasheet
277Kb / 12P
   Low Cost, High Performance, CMOS Rail-to-Rail Output Operational Amplifier
REV. 0
logo
New Japan Radio
NJU7029 NJRC-NJU7029 Datasheet
550Kb / 13P
   Low Noise, Rail-to-Rail Output Dual CMOS Operational Amplifier
logo
Analog Devices
AD8691 AD-AD8691 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8691 AD-AD8691_07 Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
logo
Advanced Linear Devices
ALD2704 ALD-ALD2704 Datasheet
52Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_06 Datasheet
217Kb / 19P
   Rail-to-Rail CMOS Dual Operational Amplifier
TS912 STMICROELECTRONICS-TS912 Datasheet
102Kb / 12P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
April 1999
TS912 STMICROELECTRONICS-TS912_07 Datasheet
205Kb / 18P
   Rail-to-rail CMOS dual operational amplifier
logo
Advanced Linear Devices
ALD2704A ALD-ALD2704A Datasheet
49Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2704 ALD-ALD2704_10 Datasheet
83Kb / 9P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com