Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC11001 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # TSC11001
Description  MODEL TSC - TEMPERATURE SETPOINT CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

TSC11001 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  TSC11001 Datasheet HTML 1Page - Red Lion Controls. Inc TSC11001 Datasheet HTML 2Page - Red Lion Controls. Inc TSC11001 Datasheet HTML 3Page - Red Lion Controls. Inc TSC11001 Datasheet HTML 4Page - Red Lion Controls. Inc TSC11001 Datasheet HTML 5Page - Red Lion Controls. Inc TSC11001 Datasheet HTML 6Page - Red Lion Controls. Inc TSC11001 Datasheet HTML 7Page - Red Lion Controls. Inc TSC11001 Datasheet HTML 8Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
DESCRIPTION (Cont’d)
other process conditions. A control point may have its PID gain set values
disabled when implementing the control point.
The optional RS485 multidrop serial communications interface provides the
capability of two-way communication between a TSC unit and other compatible
equipment such as a printer, a programmable controller, or a host computer. In
multipoint applications the address number of each unit on the line can be
programmed from 0-99. Up to thirty-two units can be installed on a single pair
of wires. The Setpoint value, % Output Power, Setpoint Ramp Rate, etc. can be
interrogated or changed by sending the proper command code via serial
communications.Alarm output(s) may also be reset via the serial communications
interface option.
Optional alarm output(s) may be configured to operate as a timed event
output or as a standard alarm output. As an alarm output it may be configured to
activate according to a variety of actions (Absolute HI or LO, Deviation HI or
LO, or Band IN or OUT) with adjustable hysteresis. Also, a standby feature
suppresses the output(s) on power-up until the temperature stabilizes outside the
alarm region. Timed event output(s) allow the controller to activate other
equipment while a programmed profile is running. Each profile can define up to
16 event states (phases), for each output(s).
An optional secondary output is available for processes that require cooling
which provides increased control accuracy and response.
The optional linear 4 to 20 mA or 0 to 10 VDC output signal is available to
interface with final actuators, chart recorders, indicators, or other controllers. The
output signal can be digitally scaled and selected to transmit one of the following:
% Output Power
Measurement Value
Measurement Value Deviation
Setpoint Value
An optional Type 4X/IP65 rated bezel is available for washdown and/or dirty
environments, when properly installed. Modern surface-mount technology,
extensive testing, plus high immunity to noise interference, makes the controller
extremely reliable in industrial environments.
SAFETY SUMMARY
All safety related regulations, local codes and instructions that appear in the
manual or on equipment must be observed to ensure personal safety and to
prevent damage to either the instrument or equipment connected to it. If
equipment is used in a manner not specified by the manufacturer, the protection
provided by the equipment may be impaired.
Do not use the TSC to directly command motors, valves, or other actuators
not equipped with safeguards. To do so, can be potentially harmful to persons or
equipment in the event of a fault to the unit. An independent and redundant
temperature limit indicator with alarm outputs is strongly recommended. The
indicators should have input sensors and AC power feeds independent from
other equipment.
SPECIFICATIONS
1. DISPLAY: Dual 4-digit
Upper Temperature Display: 0.4" (10.2 mm) Red LED
Lower Auxiliary Display: 0.3" (7.6 mm) Green LED
Display Messages:
“OLOL”
-
Appears when measurement exceeds + sensor range.
“ULUL”
-
Appears when measurement exceeds - sensor range.
“OPEN” -
Appears when open sensor is detected.
“SHrt”
-
Appears when shorted sensor is detected (RTD only).
“....”
-
Appears when display value exceeds + display range.
“-...”
-
Appears when display value exceeds - display range.
2. POWER: Switch selectable for 115/230 VAC (+10%, -15%) no observable
line variation effect, 48-62 Hz, 10 VA.
3. ANNUNCIATORS:
6 LED Backlight Status Indicators:
%PW
-
Lower auxiliary display shows power output in (%).
PGM
-
Lower auxiliary display shows profile status or profile
time remaining.
MAN
-
Controller is in manual mode.
OP1
-
Main control output is active.
AL1
-
Alarm #1 is active.
AL2
-
Alarm #2 is active (for Dual Alarm Option)
OP2
-
Cooling output is active (for Cooling Option).
4. CONTROLS: Four front panel push buttons for setup and modification of
controller functions and one external input.
5. SETPOINT PROFILE:
Profiles: 4
Segments Per Profile: 8 ramp/hold segments (linkable to 32 segments).
Ramp Rate: 0.1 to 999.9 degrees/minute or no ramp.
Hold Time: Off or from 0.1 to 999.9 minutes, can be extended to 500 hours
by linking.
Error Band Conformity: Off or from 1 to 9999 degrees deviation, + value
for hold phases, - value for both ramp and hold phases.
Power-On Modes: Stop, auto-start, or profile resume.
Start Mode: Ramps from process temperature.
Program Auto Cycle: 1 to 249, or continuous.
Event Outputs: 2, time activated with profile [uses Alarm output(s)].
Control: Front panel buttons, user input, or RS485 communications.
6. CONTROL POINTS:
Setpoints: 4
PID gain sets: 4
Control: Front panel buttons or user input.
7. SENSOR INPUT:
Sample Period: 100 msec
Response Time: 300 msec (to within 99% of final value w/step input;
typically, response is limited to response time of probe).
Failed Sensor Response:
Main Control Output(s): Programmable preset output.
Display: “OPEN”.
Alarms: Upscale drive.
DC Linear: Programmable preset output.
Normal Mode Rejection: 40 db @ 50/60 Hz (improves with increased
digital filtering).
Common Mode Rejection: 100 db, DC to 50/60 Hz.
Protection: Input overload voltage; 240 VAC @ 30 sec max.
8. THERMOCOUPLE:
Types: T, E, J, K, R, S, B, N or Linear mV.
Input Impedance: 20 MΩ, all types.
Lead Resistance Effect: 20 µV/350 Ω.
Cold Junction Compensation: Less than ±1°C error over 0-50°C ambient
temperature range. Disabled for linear mV type.
Resolution: 1°C/F all types, or 0.1°C/F for T, E, J, K, and N only.
9. RTD: 2, 3 or 4 wire, 100 Ω platinum, alpha = 0.00385 (DIN 43760), alpha =
0.003916
Excitation: 0.175 mA
Resolution: 1 or 0.1 degree
Lead Resistance: 7 Ω max.
10. RANGE AND ACCURACY:
Errors include NIST conformity and A/D conversion errors at 23°C after 20
minutes warm-up. Thermocouple errors include cold junction effect. Errors
are expressed as ±(% of reading) and ±3/4 LSD unless otherwise noted.
TC TYPE
RANGE
ACCURACY
WIRE COLOR
(ANSI)
T
-200 to +400°C
-328 to +752°F
0.20% + 1.5°C
0.20% + 2.7°F
blue
E
-200 to 750°C
-328 to +1382°F
0.20% + 1.5°C
0.20% + 2.7°F
violet
J
-200 to +760°C
-328 to +1400°F
0.15% + 1.5°C
0.15% + 2.7°F
white
K
-200 to +1250°C
-328 to +2282°F
0.20% + 1.5°C
0.20% + 2.7°F
yellow
R
0 to +1768°C
+32 to +3214°F
0.15% + 2.5°C
0.15% + 4.5°F
black
S
0 to +1768°C
+32 to +3214°F
0.15% + 2.5°C
0.15% + 4.5°F
black
B
+200 to +1820°C
+300 to +3300°F
0.15% + 2.5°C
0.15% + 4.5°F
grey
N
-200 to +1300°C
-328 to +2372°F
0.20% + 1.5°C
0.20% + 2.5°F
orange
mV
-5.00 to 56.00
0.15% + 1 LSD
__
RTD
(385)
-200 to +600°C
-328 to +1100°F
0.10% + 0.5°C
0.10% + 0.9°F
__
RTD
(392)
-200 to +600°C
-328 to +1100°F
0.10% + 0.5°C
0.10% + 0.9°F
__
OHMS
1.0 to 320.0
0.15% + 1 LSD
__
11. OUTPUT MODULES [Optional] (For All Output Channels):
Relay:
Type: Form-C (Form-A with RS485 option)
Rating: 5 Amps @ 120/240 VAC or 28 VDC (resistive load), 1/8 HP @
120 VAC (inductive load).
Life Expectancy: 100,000 cycles at max. rating.(Decreasing load and/or
increasing cycle time, increases life expectancy).
Logic/SSR Drive: Can drive multiple SSR Power Units.
Type: Non-isolated switched DC, 12 VDC typical.
Drive: 45 mA max.
Triac:
Type: Isolated, Zero Crossing Detection.
Ratings:
Voltage: 120/240 VAC
Max Load Current: 1 AMP @ 35°C
0.75 AMP @ 50°C
Min Load Current: 10 mA
Off State Leakage Current: 7 mA max. @ 60 Hz
Operating Frequency: 20 to 500 Hz
Protection: Internal Transient Snubber, Fused.


Similar Part No. - TSC11001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSC11 ETC1-TSC11 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Bothhand USA, LP.
TSC1141 BOTHHAND-TSC1141 Datasheet
179Kb / 1P
   10/100 BASE-TX TRANSFORMER MODULES
TSC1141M BOTHHAND-TSC1141M Datasheet
266Kb / 1P
   10/100 BASE-TX TRANSFORMER MODULES
TSC1142 BOTHHAND-TSC1142 Datasheet
177Kb / 1P
   10/100 BASE-TX TRANSFORMER MODULES
logo
Taiwan Semiconductor Co...
TSC114A TSC-TSC114A Datasheet
139Kb / 4P
   NPN Digital Transistor
More results

Similar Description - TSC11001

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
PSC11004 REDLION-PSC11004 Datasheet
1Mb / 8P
   MODEL PSC - PROCESS SETPOINT CONTROLLER
logo
Analog Devices
ADT14 AD-ADT14 Datasheet
338Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
ADT14 AD-ADT14_15 Datasheet
352Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
AD597AHZ AD-AD597AHZ Datasheet
778Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD597ARZ AD-AD597ARZ Datasheet
778Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD596 AD-AD596 Datasheet
202Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD596 AD-AD596_15 Datasheet
778Kb / 8P
   THERMOCOUPLE CONDITIONER AND SETPOINT CONTROLLER
REV. B
AD597 AD-AD597_15 Datasheet
778Kb / 8P
   THERMOCOUPLE CONDITIONER AND SETPOINT CONTROLLER
REV. B
logo
Red Lion Controls. Inc
T4811103 REDLION-T4811103 Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T481010A REDLION-T481010A Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com