Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXU11AE0 Datasheet(PDF) 6 Page - Red Lion Controls. Inc

Part # PXU11AE0
Description  MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PXU11AE0 Datasheet(HTML) 6 Page - Red Lion Controls. Inc

Back Button PXU11AE0 Datasheet HTML 2Page - Red Lion Controls. Inc PXU11AE0 Datasheet HTML 3Page - Red Lion Controls. Inc PXU11AE0 Datasheet HTML 4Page - Red Lion Controls. Inc PXU11AE0 Datasheet HTML 5Page - Red Lion Controls. Inc PXU11AE0 Datasheet HTML 6Page - Red Lion Controls. Inc PXU11AE0 Datasheet HTML 7Page - Red Lion Controls. Inc PXU11AE0 Datasheet HTML 8Page - Red Lion Controls. Inc PXU11AE0 Datasheet HTML 9Page - Red Lion Controls. Inc PXU11AE0 Datasheet HTML 10Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
2.0 insTalling The COnTrOller
The controller is designed to be mounted into an enclosed panel. The
unit must be inserted in the case during installation of the controller.
Instructions:
1. Prepare the panel cutout to the proper dimensions.
2. Assemble the mounting clip by inserting the nut into the slot and then
insert the screw and thread through the nut as shown (See drawing)
3. Slide the panel gasket over the rear of the controller, seating it against
the lip at the front of the case.
4. Insert the controller into the panel cutout. While holding the controller
in place, install the panel latch and then slide it to the farthest forward
slot possible.
5. To achieve a proper seal, tighten the panel latch screws evenly until
the controller is snug in the panel, torquing the screws to 13.9 to 20.8
oz-in (9.8 to 14.7 N-cm). Overtightening can result in distortion of the
controller, and reduce the effectiveness of the seal.
Note: The installation location of the controller is important. Be sure to
keep it away from heat sources (ovens, furnaces, etc.) and away from
direct contact with caustic vapors, oils, steam, or any other process
by-products in which exposure may affect proper operation.
(4) PANEL LATCH
(SUPPLIED W/UNIT)
PANEL
GASKET
EXISTING PANEL CUT-OUT
3.58" (91.0 mm) X 3.58" (91.0 mm)
7
8
9
10
11
12
PANEL LATCH
(SUPPLIED W/UNIT)
EXISTING PANEL CUT-OUT
1/16 DIN
1.77” (45.0 mm) X 1.77” (45.0 mm)
PANEL GASKET
1/16 DIN Installation
1/8 DIN Installation
1/4 DIN Installation
20
24
23
22
21
14
17
19
18
15
16
13
(2) PANEL LATCH
(SUPPLIED W/UNIT)
PANEL
GASKET
EXISTING PANEL CUT-OUT
1.76" (44.5 mm) X 3.60" (91.5 mm)
The controller is designed to be mounted into an enclosed panel. The unit must be inserted
in the case during installation of the controller.
Instructions:
1. Prepare the panel cutout to the proper dimensions.
2. Assemble the mounting clip by inserting the nut into the slot and then insert the screw and
thread through the nut as shown (See drawing)
3. Slide the panel gasket over the rear of the controller, seating it against the lip at the front of
the case.
4. Insert the controller into the panel cutout. While holding the controller in place, install the
panel latches and then slide them to the farthest forward slot possible.
5. To achieve a proper seal, tighten the panel latch screws evenly until the controller is snug
in the panel, torquing the screws to 13.9 to 20.8 oz-in (9.8 to 14.7 N-cm). Overtightening
can result in distortion of the controller, and reduce the effectiveness of the seal.
Note: The installation location of the controller is important. Be sure to keep it away from heat
sources (ovens, furnaces, etc.) and away from direct contact with caustic vapors, oils,
steam, or any other process by-products in which exposure may affect proper operation.
The controller is designed to be mounted into an enclosed panel. The unit must be inserted
in the case during installation of the controller.
Instructions:
1. Prepare the panel cutout to the proper dimensions.
2. Assemble the mounting clip by inserting the nut into the slot and then insert the screw and
thread through the nut as shown (See drawing)
3. Slide the panel gasket over the rear of the controller, seating it against the lip at the front
of the case.
4. Insert the controller into the panel cutout. While holding the controller in place, install the
panel latches and then slide them to the farthest forward slot possible.
5. To achieve a proper seal, tighten the panel latch screws evenly until the controller is snug
in the panel, torquing the screws to 13.9 to 20.8 oz-in (9.8 to 14.7 N-cm). Overtightening
can result in distortion of the controller, and reduce the effectiveness of the seal.
Note: The installation location of the controller is important. Be sure to keep it away from
heat sources (ovens, furnaces, etc.) and away from direct contact with caustic vapors, oils,
steam, or any other process by-products in which exposure may affect proper operation.


Similar Part No. - PXU11AE0

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
PXU11AE0 REDLION-PXU11AE0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU11AE0 REDLION-PXU11AE0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU11AE0 REDLION-PXU11AE0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU11AE0 REDLION-PXU11AE0 Datasheet
564Kb / 3P
   PXU PID Controller
PXU11AE0 REDLION-PXU11AE0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
More results

Similar Description - PXU11AE0

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
PXU31A50 REDLION-PXU31A50 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU209B0 REDLION-PXU209B0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU300B0 REDLION-PXU300B0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU11AE0 REDLION-PXU11AE0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU20020 REDLION-PXU20020 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU11A50 REDLION-PXU11A50 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU100B0 REDLION-PXU100B0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
logo
List of Unclassifed Man...
IR32V0L000 ETC2-IR32V0L000 Datasheet
339Kb / 1P
   DIGITAL TEMPERATURE & PROCESS CONTROLLERS
logo
Red Lion Controls. Inc
T1621100 REDLION-T1621100 Datasheet
1Mb / 28P
   MODELS T16 & P16 - TEMPERATURE/PROCESS CONTROLLERS
P1610000 REDLION-P1610000 Datasheet
1Mb / 28P
   MODELS T16 & P16 - TEMPERATURE/PROCESS CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com