Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T323B474M020AS Datasheet(PDF) 4 Page - Kemet Corporation

Part # T323B474M020AS
Description  T322 and T323 Series MIL?밣RF??9137/1 and 5 (CX01 and CX05 Style)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T323B474M020AS Datasheet(HTML) 4 Page - Kemet Corporation

  T323B474M020AS Datasheet HTML 1Page - Kemet Corporation T323B474M020AS Datasheet HTML 2Page - Kemet Corporation T323B474M020AS Datasheet HTML 3Page - Kemet Corporation T323B474M020AS Datasheet HTML 4Page - Kemet Corporation T323B474M020AS Datasheet HTML 5Page - Kemet Corporation T323B474M020AS Datasheet HTML 6Page - Kemet Corporation T323B474M020AS Datasheet HTML 7Page - Kemet Corporation T323B474M020AS Datasheet HTML 8Page - Kemet Corporation T323B474M020AS Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2039_T322_AXIAL_T323 • 9/9/2015
44
Tantalum Through-Hole Capacitors – Molded Axial
T322 and T323 Series MIL–PRF 49137/1 & 5 (CX01 and CX05 Style)
Table 1 – Ratings & Part Number Reference
(1) To complete KEMET part number, insert M for ±20%, K for ±10% or J for 5%. Designates capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, S = Standard Solder coated (SnPb 5% Pb minimum). Designates termination finish.
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
CX01 & CX05 Capacitors per
MIL–PRF–49137/1 & 5
VDC
µF
(See below for
part options)
µA @ 25°C
Max/5 Minimum
% @ 25°C
120 Hz Maximum
Military Part Number
KEMET Part Number
2
6.8
A
T322A685(1)002A(2)
0.5
10
2
8.2
A
T322A825(1)002A(2)
0.5
10
2
10.0
A
T322A106(1)002A(2)
0.5
10
2
12.0
B
T322B126(1)002A(2)
0.5
10
2
15.0
B
T322B156(1)002A(2)
0.5
10
2
18.0
B
T322B186(1)002A(2)
0.5
10
2
22.0
B
T322B226(1)002A(2)
0.5
10
2
27.0
B
T322B276(1)002A(2)
0.5
10
2
33.0
B
T322B336(1)002A(2)
0.5
10
2
39.0
C
T322C396(1)002A(2)
0.6
10
2
47.0
C
T322C476(1)002A(2)
0.8
10
2
56.0
C
T322C566(1)002A(2)
0.9
10
2
68.0
C
T322C686(1)002A(2)
1.1
10
4
4.7
A
T322A475(1)004A(2)
0.5
8
4
5.6
A
T322A565(1)004A(2)
0.5
8
4
6.8
A
T322A685(1)002A(2)
0.5
8
4
8.2
B
T322B825(1)004A(2)
0.5
8
4
10.0
B
T322B106(1)004A(2)
0.5
8
4
12.0
B
T322B126(1)004A(2)
0.5
8
4
15.0
B
T322B156(1)004A(2)
0.5
8
4
18.0
B
T322B186(1)004A(2)
0.6
8
4
22.0
B
T322B226(1)004A(2)
0.7
8
4
27.0
C
T322C276(1)004A(2)
0.9
8
4
33.0
C
T322C336(1)004A(2)
1.1
8
4
39.0
C
T322C396(1)004A(2)
1.2
8
4
47.0
C
T322C476(1)004A(2)
1.5
8
4
56.0
D
T322D566(1)004A(2)
1.8
8
4
68.0
D
T322D686(1)004A(2)
2.2
8
6
3.3
A
T322A335(1)006A(2)
0.5
4
6
3.9
A
T322A395(1)006A(2)
0.5
4
6
4.7
A
T322A475J006A(2)
0.5
4
6
4.7
A
T322A475K006A(2)
0.5
4
CX05D475K
T323A475K006A(2)
6
4.7
A
T322A475M006A(2)
0.5
4
CX05D475M
T323A475M006A(2)
6
5.6
B
T322B565J006A(2)
0.5
4
6
5.6
B
T322B565K006A(2)
0.5
4
CX01D565K
T323B565K006A(2)
6
5.6
B
T322B565M006A(2)
0.5
4
CX01D565M
T323B565M006A(2)
6
6.8
B
T322B685J006A(2)
0.5
6
6
6.8
B
T322B685K006A(2)
0.5
6
CX01D685K
T323B685K006A(2)
6
6.8
B
T322B685M006A(2)
0.5
6
CX01D685M
T323B685M006A(2)
6
8.2
B
T322B825J006A(2)
0.5
6
6
8.2
B
T322B825K006A(2)
0.5
6
CX01D825K
T323B825K006A(2)
6
8.2
B
T322B825M006A(2)
0.5
6
CX01D825M
T323B825M006A(2)
6
10.0
B
T322B106J006A(2)
0.5
6
6
10.0
B
T322B106K006A(2)
0.5
6
CX01D106K
T323B106K006A(2)
6
10.0
B
T322B106M006A(2)
0.5
6
CX01D106M
T323B106M006A(2)
6
12.0
B
T322B126J006A(2)
0.6
6
6
12.0
B
T322B126K006A(2)
0.6
6
CX01D126K
T323B126K006A(2)
6
12.0
B
T322B126M006A(2)
0.6
6
CX01D126M
T323B126M006A(2)
6
15.0
B
T322B156J006A(2)
0.7
6
6
15.0
B
T322B156K006A(2)
0.7
6
CX05D156K
T323B156K006A(2)
6
15.0
B
T322B156M006A(2)
0.7
6
CX05D156M
T323B156M006A(2)
6
18.0
C
T322C186(1)006A(2)
0.9
6
6
22.0
C
T322C226(1)006A(2)
1.1
6
6
27.0
C
T322C276(1)006A(2)
1.3
6
6
33.0
C
T322C336J006A(2)
1.5
6
6
33.0
C
T322C336K006A(2)
1.5
6
CX05D336K
T323C336K006A(2)
VDC
µF
Case Code/
Case Size
(see below for
part options)
µA @ 25°C
Max/5 Minimum
% @ 25°C
120 Hz Maximum
Military Part Number
KEMET Part Number
Rated
Voltage
Rated
Cap
KEMET Part Number
DC
Leakage
DF
CX01 & CX05 Capacitors per
MIL–PRF–49137/1 & 5


Similar Part No. - T323B474M020AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T323B474M035AS-C KEMET-T323B474M035AS-C Datasheet
197Kb / 19P
   TANTALUM MOLDED
T323B474M035AT-C KEMET-T323B474M035AT-C Datasheet
197Kb / 19P
   TANTALUM MOLDED
More results

Similar Description - T323B474M020AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110 KEMET-T110 Datasheet
809Kb / 26P
   Series Axial MIL?밣RF??9003 Polar Type and T212 (CSR13 Style)
T140A105K050AS7200 KEMET-T140A105K050AS7200 Datasheet
1Mb / 14P
   T140 Series Axial MIL?밣RF??9003 Polar Type and T242 (CSR23 Style)
logo
List of Unclassifed Man...
CS1 ETC2-CS1 Datasheet
63Kb / 1P
   Style CS1 and Style CW
logo
Kemet Corporation
T110A105K050AT7200 KEMET-T110A105K050AT7200 Datasheet
1Mb / 26P
   T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
logo
TT Electronics.
4700 TTELEC-4700_17 Datasheet
515Kb / 4P
   Commercial and MIL Qualified
logo
Amphenol Corporation
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
logo
List of Unclassifed Man...
DO204AL ETC-DO204AL Datasheet
13Kb / 1P
   CASE STYLE AND DIMENSIONS
logo
Vishay Siliconix
TOS020016 VISHAY-TOS020016 Datasheet
92Kb / 3P
   Barrel-Style Capacitors - Class 1 and 2 Ceramic
Revision: 29-Apr-02
logo
List of Unclassifed Man...
M8372376R2025N ETC2-M8372376R2025N Datasheet
1Mb / 23P
   MIL-DTL-83723 Series III Features and Application Bayonet and Threaded Coupling
logo
Glenair, Inc.
380AS099XM08 GLENAIR-380AS099XM08 Datasheet
363Kb / 2P
   Composite Cone and Ring Style
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com