Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXU11A30 Datasheet(PDF) 11 Page - Red Lion Controls. Inc

Part # PXU11A30
Description  MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PXU11A30 Datasheet(HTML) 11 Page - Red Lion Controls. Inc

Back Button PXU11A30 Datasheet HTML 7Page - Red Lion Controls. Inc PXU11A30 Datasheet HTML 8Page - Red Lion Controls. Inc PXU11A30 Datasheet HTML 9Page - Red Lion Controls. Inc PXU11A30 Datasheet HTML 10Page - Red Lion Controls. Inc PXU11A30 Datasheet HTML 11Page - Red Lion Controls. Inc PXU11A30 Datasheet HTML 12Page - Red Lion Controls. Inc PXU11A30 Datasheet HTML 13Page - Red Lion Controls. Inc PXU11A30 Datasheet HTML 14Page - Red Lion Controls. Inc PXU11A30 Datasheet HTML 15Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11


CONTROL MODE TRANSFER


In Automatic Mode (), the percentage of Output Power is automatically
determined by the controller based on the Auto Control Mode selected. In
Manual/User Mode (), the percentage of Output Power is adjusted
manually by the user. The Control Mode can also be transferred through the 1
or 2 key or User Input. For more information, see Control Mode Explanations.
v
SETPOINT DEVIATION VALUE
Setpoint deviation is the number of display units that the input display varies
from the active setpoint value. This is a read only value.


AUTO-TUNE START
 
The Auto-Tune procedure sets the Proportional Band, Integral Time,
Derivative Time, Integration Default, and relative Gain (Heat/Cool) values
appropriate to the characteristics of the process. This parameter allows front
panel starting  or stopping  of Auto-Tune. For more information, see PID
Tuning Explanations.
11
6.0 prOgramming: COnfiguraTiOn lOOp
2-OP
1-IN
3-LC
4-AL
7-SC
9-FS
no
CNFP
LOOP
HIDDEN
DISPLAY
LOOP
PARAMETERS
INPUT
MODULE
MODULE
OUTPUT
PARAMETERS
LOCKOUT
PARAMETERS
MODULE
COMMUNICATION
PARAMETERS
MODULE
FACTORY
SERVICE
MODULE
ALARM
PARAMETERS
MODULE
P
CONFIGURATION LOOP
To access the Configuration Loop, press the up key when C/ is displayed
in the Hidden Loop. In the Configuration Loop, C will alternate with the
parameter number in the bottom display and the Temperature/Process Value is
shown on the top display. The arrow keys are used to select the parameter
module (1-9). To enter a specific module press : while the module number is
displayed. In the Configuration Loop, C will alternate with the parameter
number in the bottom display and the Temperature/Process Value is shown on
the top display.
After entering a parameter module, press : to advance through the
parameters in the module. To change a parameter’s selection/value, press the
arrow keys while the parameter is displayed. In the modules, the top display
shows the parameter name, and the bottom display shows the selection/value.
Use : to enter and store the selection/value that has been changed. If a power
loss occurs before returning to the Display Loop, the new values should be
checked for accuracy.
At the end of each module, the controller returns to C/. At this location,
pressing : again returns the display to the the Display Loop. Pressing the B
key allows re-entrance to the Configuration Loop. Whenever = is pressed, 
momentarily appears, the current parameter change will be aborted, and the
controller returns to the Display Loop.
I
C
AUTO CONTROL MODE
PId
or OnOF
Select the desired control mode. When OnOF is selected, the PID parameters
are not available.


SETPOINT SELECT

or 
The SPSL function allows the operator to select setpoint 1 or setpoint 2 as the
active setpoint value.
ALARM RESET
This parameter provides for the ability to individually reset active alarms
from the front panel, without using 1 or 2 function keys. When ALrS is
displayed with 1-2 on bottom display, pressing the B key, under the 1, will
reset an active Alarm 1. Pressing the J key, under the 2, will reset an active
Alarm 2. When ALrS is displayed with 3 on the bottom display, pressing the J
key, under the 3, will reset an active Alarm 3. All alarms may be simultaneously
reset from the front panel by using User 1 or 2 programmed for ALrS.

3

s


Similar Part No. - PXU11A30

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
PXU11A30 REDLION-PXU11A30 Datasheet
564Kb / 3P
   PXU PID Controller
More results

Similar Description - PXU11A30

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
PXU31A50 REDLION-PXU31A50 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU20030 REDLION-PXU20030 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU209B0 REDLION-PXU209B0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU300B0 REDLION-PXU300B0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU11AE0 REDLION-PXU11AE0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU20020 REDLION-PXU20020 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
PXU100B0 REDLION-PXU100B0 Datasheet
1Mb / 32P
   MODEL PXU - TEMPERATURE/PROCESS CONTROLLERS
logo
List of Unclassifed Man...
IR32V0L000 ETC2-IR32V0L000 Datasheet
339Kb / 1P
   DIGITAL TEMPERATURE & PROCESS CONTROLLERS
logo
Red Lion Controls. Inc
T1621100 REDLION-T1621100 Datasheet
1Mb / 28P
   MODELS T16 & P16 - TEMPERATURE/PROCESS CONTROLLERS
P1610000 REDLION-P1610000 Datasheet
1Mb / 28P
   MODELS T16 & P16 - TEMPERATURE/PROCESS CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com