Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCU10000 Datasheet(PDF) 11 Page - Red Lion Controls. Inc

Part # PCU10000
Description  THE PROCESS CONTROL UNIT
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PCU10000 Datasheet(HTML) 11 Page - Red Lion Controls. Inc

Back Button PCU10000 Datasheet HTML 7Page - Red Lion Controls. Inc PCU10000 Datasheet HTML 8Page - Red Lion Controls. Inc PCU10000 Datasheet HTML 9Page - Red Lion Controls. Inc PCU10000 Datasheet HTML 10Page - Red Lion Controls. Inc PCU10000 Datasheet HTML 11Page - Red Lion Controls. Inc PCU10000 Datasheet HTML 12Page - Red Lion Controls. Inc PCU10000 Datasheet HTML 13Page - Red Lion Controls. Inc PCU10000 Datasheet HTML 14Page - Red Lion Controls. Inc PCU10000 Datasheet HTML 15Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
INSTALLATION & CONNECTIONS
INSTALLATION ENVIRONMENT
The unit should be installed in a location that does not exceed the maximum
operating temperature and provides good air circulation. Placing the unit near
devices that generate excessive heat should be avoided.
Continuous exposure to direct sunlight may accelerate the aging process of
the bezel.
The bezel should be cleaned only with a soft cloth and neutral soap product.
Do not use solvents.
Do not use tools of any kind (screwdrivers, pens, pencils, etc.) to operate
the keypad of the unit.
STANDARD UNIT INSTALLATION
Prepare the panel cutout to the dimensions shown in Figure 1, Panel
Installation & Removal. Remove the panel latch and cardboard sleeve from
the unit and discard the cardboard sleeve. The unit should be installed with the
bezel assembly in place. Insert the unit into the panel cutout. While holding
the front of the unit in place, push the panel latch over the rear of the unit so
that the tabs of the panel latch engage in the slots on the case. The panel latch
should be engaged in the farthest forward slots possible. Tighten the screws
evenly until the unit is snug in the panel.
NEMA 4X/IP65 UNIT INSTALLATION
The optional NEMA 4X/IP65 PCU Controller provides a watertight seal in
panels with a minimum thickness of 1/8 inch. The units meet NEMA 4X/IP65
requirements for indoor use, when properly installed. The units are intended
to be mounted into an enclosed panel. Prepare the panel cutout to the
dimensions shown in Figure 1, Panel Installation & Removal. Carefully apply
the adhesive side of the panel gasket to the panel cutout. Remove the panel
latch and cardboard sleeve from the unit. Discard the cardboard sleeve. The
unit should be installed with the bezel assembly in place and the bezel screws
tightened slightly. Insert the unit into the panel cutout. While holding the
front of the unit in place, push the panel latch over the rear of the unit so that
the tabs of the panel latch engage in the slots on the case. The panel latch
should be engaged in the farthest forward slot possible. To achieve a proper
seal, tighten the latch screws evenly until the unit is snug in the panel (Torque
to approximately 7 in-lbs [79 N-cm]). Do NOT over-tighten the screws.
Note: The installation location of the controller is important. Be sure to keep it
away from heat sources (ovens, furnaces, etc.), away from direct contact with
caustic vapors, oils, steam, or any other process by-products in which
exposure may affect proper operation.
Caution: Prior to applying power to the controller, the internal AC power
selector switch must be set. Damage to the controller may occur if the switch is
set incorrectly.
-3-


Similar Part No. - PCU10000

ManufacturerPart #DatasheetDescription
logo
Power-One
PCU10 POWER-ONE-PCU10 Datasheet
51Kb / 2P
   Controller Module
More results

Similar Description - PCU10000

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
PCU01000 REDLION-PCU01000 Datasheet
1Mb / 96P
   THE PROCESS CONTROL UNIT
logo
Endress+Hauser Group Se...
TI00150R EH-TI00150R Datasheet
1,014Kb / 16P
   Process transmitter with control unit
2022-03-04
logo
TOKYO SEIMITSU CO., LTD
PULCOM-V6 ACCRETECH-PULCOM-V6 Datasheet
378Kb / 4P
   Post-Process Electric Micrometer Control Unit
PULCOM-V4 ACCRETECH-PULCOM-V4 Datasheet
368Kb / 4P
   In Process Electric Micrometer Control Unit
logo
Bel Fuse Inc.
LDT481 BEL-LDT481 Datasheet
660Kb / 4P
   Process Control
logo
Siemens Semiconductor G...
BZW20 SIEMENS-BZW20 Datasheet
80Kb / 3P
   control unit
logo
STMicroelectronics
Z8400 STMICROELECTRONICS-Z8400 Datasheet
2Mb / 16P
   Z80 CPU Central Process Unit
logo
List of Unclassifed Man...
IPC-201 ETC-IPC-201 Datasheet
1Mb / 12P
   A complete training system in the field of Industrial Process Control
logo
Micronas
CCU3000 MICRONAS-CCU3000 Datasheet
837Kb / 77P
   Central Control Unit
logo
NEC
UPD71059 NEC-UPD71059 Datasheet
1Mb / 24P
   Interrupt Control Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com