Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P481010A Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # P481010A
Description  MODEL P48 - 1/16 DIN PROCESS CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

P481010A Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  P481010A Datasheet HTML 1Page - Red Lion Controls. Inc P481010A Datasheet HTML 2Page - Red Lion Controls. Inc P481010A Datasheet HTML 3Page - Red Lion Controls. Inc P481010A Datasheet HTML 4Page - Red Lion Controls. Inc P481010A Datasheet HTML 5Page - Red Lion Controls. Inc P481010A Datasheet HTML 6Page - Red Lion Controls. Inc P481010A Datasheet HTML 7Page - Red Lion Controls. Inc P481010A Datasheet HTML 8Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
D
P
A2
A1
O1
MN
DV
%P
13
14
12
11
10
9
8
7
6
5
4
3
2
1
(49.5)
(49.5)
1.95
1.95
4.17 (105.9)
0.37
(9.4)
(44.7)
1.76
1.76 (44.7)
1.772
(45
)
1.772
(45
)
+0.024
-0.000
+0.6
-0.0
+0.024
-0.000
+0.6
-0.0

PID CONTROL WITH REDUCED OVERSHOOT

ACCEPTS 0 to 10 VDC or 0/4 to 20 mA DC INPUTS

OPTIONAL TWO LINEAR DC OUTPUTS (0 to 10 V, 0/4 to 20 mA)

OPTIONAL DUAL ALARM OUTPUTS

OPTIONAL REMOTE SETPOINT INPUT (0/4 to 20 mA)

OPTIONAL RS485 SERIAL COMMUNICATIONS

SECOND SETPOINT SETTING

SETPOINT RAMPING FOR PROCESS STARTUP

PROGRAMMABLE USER INPUT (Digital) FOR ADDED FLEXIBILITY

PARAMETER SECURITY VIA PROGRAMMABLE LOCKOUTS

MANUAL/AUTOMATIC CONTROL MODES

ON DEMAND AUTO-TUNING OF PID CONTROL SETTINGS

DUAL LED DISPLAYS FOR SIMULTANEOUS INDICATION OF
PROCESS AND SETPOINT

STATUS INDICATORS FOR OUTPUTS AND CONTROL MODES

PC SOFTWARE AVAILABLE FOR CONTROLLER CONFIGURATION

NEMA 4X/IP65 BEZEL
DESCRIPTION
The P48 Controller accepts either a 0 to 10 VDC or a 0/4 to 20 mA DC signal,
precisely displays the input process signal according to the programmable
scaling points, and provides an accurate output control signal (time proportional
or linear DC) to maintain the process at the desired control point. The
controller’s comprehensive yet simple programming allows it to meet a wide
variety of application requirements.
In the PID control mode the controller operates with on-demand auto-tune,
which will establish the tuning constants. The PID tuning constants may be fine-
tuned by the operator at any time and then locked out from further modification.
The controller employs a unique overshoot suppression feature, which allows
the quickest response without excessive overshoot. The unit can be transferred
to operate in the manual mode, providing the operator with direct control of the
output. The controller may also operate in the ON/OFF control mode with
adjustable hysteresis. a second setpoint is available to allow quick selection of
a different setpoint setting.
Dual 4-digit displays allow viewing of the process and setpoint simultaneously.
Front panel indicators inform the operator of the controller and output status. On
some models, the main control output and the alarm outputs are field
replaceable.
Optional alarm(s) can be configured to activate according to a variety of
actions (Absolute HI or LO, Deviation HI or LO, and Band IN or OUT) with
adjustable hysteresis. A standby feature suppresses the alarm during power-up
until the process stabilizes outside the alarm region. The second alarm can be
configured as a secondary PID output (heat/cool applications).
Optional Main Linear DC output (10 V or 20 mA) can be used for control or
process re-transmission purposes. Programmable output update time reduces
valve or actuator activity. The output range can be scaled independent of the
input range.
Optional Second Linear DC output (10 V or 20 mA) provides an independent
process re-transmission, while the main Linear DC output is being used for
control. The output range can be scaled independent of the input range.
Optional Remote Setpoint input (0/4 to 20 mA) allows for cascade control
loops; and allows for remotely driven setpoint signal from computers or other
similar equipment. Straightforward end point scaling with independent filtering
and local/remote transfer option expand the controller’s flexibility.
The optional RS485 serial communication interface provides two-way
communication between a P48 and other compatible equipment such as a printer,
PLC, HMI, or a host computer. In multipoint applications (up to thirty-two), the
address number of each P48 on the line can be programmed separately from 0 to
99. Data from the P48 can be interrogated or changed, and alarm output(s) may
be reset by sending the proper command code via serial communications. PC
software, SFCRM, allows for easy configuration of controller parameters. These
settings can be saved to disk for later use or used for multi-controller down
loading. On-line help is provided within the software.
The unit is constructed of a lightweight, high impact plastic case with a tinted
front panel. The front panel meets NEMA 4X/IP65 specifications when properly
installed. Multiple units can be stacked horizontally or vertically. Modern surface-
mount technology, extensive testing, plus high immunity to noise interference
makes the controller extremely reliable in industrial environments.
MODEL P48 - 1/16 DIN PROCESS CONTROLLER
DIMENSIONS In inches (mm)
PANEL CUT-OUT
CAUTION: Risk of Danger.
Read complete instructions prior to
installation and operation of the unit.
CAUTION:
Risk of electric shock.
UL Recognized Component,
File # E156876
Bulletin No. P48-E
Drawing No. LP0464
Released 03/11
Tel +1 (717) 767-6511
Fax +1 (717) 764-0839
www.redlion.net


Similar Part No. - P481010A

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
P4810111 REDLION-P4810111 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4810115 REDLION-P4810115 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4810117 REDLION-P4810117 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P481011A REDLION-P481011A Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
More results

Similar Description - P481010A

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
P4811110 REDLION-P4811110 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4811112 REDLION-P4811112 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
logo
Extech Instruments Corp...
48VTR EXTECH-48VTR Datasheet
233Kb / 14P
   1/16 DIN Process Controller
logo
Red Lion Controls. Inc
T4810117 REDLION-T4810117 Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T4820000 REDLION-T4820000 Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T481010A REDLION-T481010A Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T4811103 REDLION-T4811103 Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
logo
Extech Instruments Corp...
96VTR EXTECH-96VTR Datasheet
273Kb / 15P
   1/4 DIN Process Controller
logo
Red Lion Controls. Inc
PSC11004 REDLION-PSC11004 Datasheet
1Mb / 8P
   MODEL PSC - PROCESS SETPOINT CONTROLLER
logo
Extech Instruments Corp...
48PH EXTECH-48PH Datasheet
185Kb / 1P
   pH Controller 1/16 DIN
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com