Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBJ11A07 Datasheet(PDF) 6 Page - Red Lion Controls. Inc

Part # CBJ11A07
Description  MODEL ITMS - INTELLIGENT TEMPERATURE TO MODBUS CONDITIONER W/ ALARMS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CBJ11A07 Datasheet(HTML) 6 Page - Red Lion Controls. Inc

Back Button CBJ11A07 Datasheet HTML 2Page - Red Lion Controls. Inc CBJ11A07 Datasheet HTML 3Page - Red Lion Controls. Inc CBJ11A07 Datasheet HTML 4Page - Red Lion Controls. Inc CBJ11A07 Datasheet HTML 5Page - Red Lion Controls. Inc CBJ11A07 Datasheet HTML 6Page - Red Lion Controls. Inc CBJ11A07 Datasheet HTML 7Page - Red Lion Controls. Inc CBJ11A07 Datasheet HTML 8Page - Red Lion Controls. Inc CBJ11A07 Datasheet HTML 9Page - Red Lion Controls. Inc CBJ11A07 Datasheet HTML 10Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
STEP 5 PROGRAMMING THE ALARMS
USER INPUT MODE OPERATION
INPUT
ACTION
INPUT
ACTIVATION
AUTOMATIC ALARM
LATCHED ALARM
IN ALARM REGION
OUTSIDE ALARM REGION
IN ALARM REGION
OUTSIDE ALARM REGION
Reset
Edge
No action
Resets and puts the alarm in
Standby mode; resets alarm if in
Hysteresis band
Resets alarm if on
Set
Edge
No action
No action
No action
Sets alarm latched
Reset
Level
No action
Resets alarm while input is active,
resumes normal operation when
input is inactive; resets alarm if in
Hysteresis band
Resets alarm if on
Set
Level
No action
No action
Sets alarm latched
Resets and puts the alarm in
Standby mode; resets alarm if in
Hysteresis band
Action: Alarm 1 can be programmed for 5 modes of operation, Alarm 2 has 9 possible modes. See
Setpoint Alarm figures for illustration.
Manual: In Manual mode, the Alarms are forced on and off by writing ‘0’ or ‘1’ to the appropriate
MODBUS register (Alarm 1 state = 40027, Alarm 2 state = 40028). The alarms are
configured for this action from the factory. In this mode, the alarms will not respond to their
setpoint or hysteresis values.
Absolute HI: (with balanced or unbalanced hysteresis) The Alarm energizes when the Temperature
Value exceeds the Setpoint Limit Value.
Absolute LO: (with balanced or unbalanced hysteresis) The Alarm energizes when the Temperature
Value falls below the Setpoint Limit Value.
Deviation HI, Deviation LO, Band Inside or Outside: In these modes, Alarm 2 “tracks”
Alarm/Setpoint 1.
Setpoint: The alarm Setpoint value, entered in degrees. If the ITMS is programmed for mV or resistance modes, then the Setpoint is in mV or Ohms,
respectively.
Hysteresis: Hysteresis is used to eliminate output chatter. The Hysteresis Amount is the difference between the points where an Alarm will turn on
and turn off. In Unbalanced modes, the alarm turns on at the Setpoint, and turns off at Setpoint minus hysteresis for HI alarms, and Setpoint plus
hysteresis for LO alarms. In Balanced modes, the hysteresis is evenly divided above and below the Setpoint value. (See the Setpoint Alarm
Figures.)
Note: The Setpoint, along with the Hysteresis, MUST NOT produce a “trigger point” higher than 32,000, or less than -32,000. (See the Setpoint
Alarm Figures.)
Trigger Points: Trigger Points are the Process Values where the alarm state changes. Their values cannot be entered directly, but are shown as a
reference in the SFIMS software. The Setpoint Value, Hysteresis Value, and Setpoint Alarm Type determine the trigger points. With Deviation or
Band modes, Setpoint 1 and Setpoint 2 are combined to determine the trigger points. Trigger Points cannot be greater than +32000 or less than -
32000. If these limits are exceeded, the alarm is disabled and an alarm threshold over range error is set. The Trigger Points can be outside the
Temperature Value range for a given sensor type without receiving an error, but the alarm will not change state for that trigger point.
Reset: The alarms can be programmed for Automatic or Latched. In Automatic mode, an energized alarm turns off by itself once the Process Value
leaves the alarm region. In Latched mode, an energized alarm requires a reset from the User input, or a serial reset command. This is done by
writing a ‘0’ to the appropriate MODBUS register. (Alarm 1 state = 40027, Alarm 2 state = 40028)
On Delay: The time, in whole second increments, that the alarm will take to energize when the Process Value enters into an alarm region.
Enable Standby Delay: Standby prevents nuisance (typically low level) alarms after a power up. After powering up the unit, the temperature must
leave the alarm region. Once this has occurred, the standby is disabled, and the alarm responds normally until the next module power up.
User Input Action: The User Input can be programmed to Reset, or Set, either Alarm 1, Alarm 2, or both. The User Input is activated when terminal
6 is pulled low. (Connected to the Common terminal 12.)
User Input Activation: The User Input can be programmed to respond as a Level (maintained) or Edge (momentary) input. See the User Input Mode
Operation Table below.
Sensor Failure Action: This setting allows different alarm responses when the temperature sensor fails. The ITMS can be programmed to turn one
or both alarms on or off.
Sets alarm while input active,
resumes normal operation when
input is inactive
Resets alarm while input is active,
resumes normal operation when
input is inactive; resets alarm if in
Hysteresis band


Similar Part No. - CBJ11A07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CBJ11BD5 ETC2-CBJ11BD5 Datasheet
462Kb / 2P
   RJ ADAPTERS CABLES
logo
Red Lion Controls. Inc
CBJ11BD5 REDLION-CBJ11BD5 Datasheet
1Mb / 28P
   DUAL LOOP CONTROLLER
CBJ11BD5 REDLION-CBJ11BD5 Datasheet
1Mb / 28P
   DUAL LOOP CONTROLLER
CBJ11C07 REDLION-CBJ11C07 Datasheet
238Kb / 8P
   MODEL DLCD ??DUAL LOOP CONTROLLER w/ DH-485
More results

Similar Description - CBJ11A07

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
5251P SYSTEMSENSOR-5251P Datasheet
41Kb / 4P
   Intelligent Plug-In Model Fixed Temperature Sensor
logo
Schneider Electric
METSEPM5110 SCHNEIDER-METSEPM5110 Datasheet
182Kb / 4P
   PM5110 Meter, modbus, up to 15th H, 1DO 33 alarms
METSEPM5330 SCHNEIDER-METSEPM5330 Datasheet
174Kb / 4P
   PM5330 Meter, modbus, up to 31st H, 256K 2DI/2DO 35 alarms
logo
MORNSUN Science& Techno...
TCR03PI MORNSUN-TCR03PI Datasheet
456Kb / 3P
   Thermocouple Temperature Signal Input Alarms
logo
WAGO Kontakttechnik Gmb...
789-621 WAGO-789-621 Datasheet
253Kb / 5P
   Current signal conditioner; Current input signal: 140 ADC; Modbus RTU;
789-622 WAGO-789-622 Datasheet
418Kb / 5P
   Current signal conditioner; Current input signal: 50 AAC; Modbus RTU;
789-620 WAGO-789-620 Datasheet
399Kb / 5P
   Current signal conditioner; Current input signal: 80 ADC; Modbus RTU;
logo
E+E Elektronik Ges.m.b....
EE074 EPLUSE-EE074 Datasheet
1Mb / 8P
   Temperature Probe with Modbus RTU
03-2023
logo
MKS Instruments.
AX2500 MKS-AX2500 Datasheet
225Kb / 4P
   mODEL ax2500 sERIES iNTELLIGENT mICROWAVE pOWER GENERATORS
logo
NHP Electrical Engineer...
PLX31-MBTCP-MBS NHP-PLX31-MBTCP-MBS Datasheet
590Kb / 1P
   PROSOFT GATEWAY MODBUS TCP TO MODBUS SERIAL
12 May 2023,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com