Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1773RGA Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM1773RGA
Description  LOW VOLTAGE AND LOW POWER STEREO AUDIO DIGITAL TO ANALOG CONVERTER WITH LINEOUT AMPIIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1773RGA Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button PCM1773RGA Datasheet HTML 6Page - Burr-Brown (TI) PCM1773RGA Datasheet HTML 7Page - Burr-Brown (TI) PCM1773RGA Datasheet HTML 8Page - Burr-Brown (TI) PCM1773RGA Datasheet HTML 9Page - Burr-Brown (TI) PCM1773RGA Datasheet HTML 10Page - Burr-Brown (TI) PCM1773RGA Datasheet HTML 11Page - Burr-Brown (TI) PCM1773RGA Datasheet HTML 12Page - Burr-Brown (TI) PCM1773RGA Datasheet HTML 13Page - Burr-Brown (TI) PCM1773RGA Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
PCM1772
PCM1773
SLES010D – SEPTEMBER 2001 – REVISED MAY 2004
www.ti.com
10
Figure 11
TA – Free-Air Temperature – °C
94
95
96
97
98
99
100
101
102
−40
−20
0
20
40
60
80
100
SNR
vs
FREE-AIR TEMPERATURE
Figure 12
TA – Free-Air Temperature – °C
76
77
78
79
80
81
82
83
84
−40
−20
0
20
40
60
80
100
CHANNEL SEPARATION
vs
FREE-AIR TEMPERATURE
Figure 13
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
Power Down
Operational
20
18
16
14
12
10
8
6
4
2
0
VCC – Supply Current – V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
All specifications at TA = 25°C, VCC1 = VCC2 = 2.4 V, fS = 44.1 kHz, system clock = 256 fS and 24-bit data, RL = 10 kΩ, unless otherwise noted.


Similar Part No. - PCM1773RGA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1773RGA TI1-PCM1773RGA Datasheet
976Kb / 37P
[Old version datasheet]   LINEOUT AMPLIFIER
More results

Similar Description - PCM1773RGA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1770 TI-PCM1770_07 Datasheet
569Kb / 38P
[Old version datasheet]   LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
PCM1770 TI-PCM1770 Datasheet
311Kb / 29P
[Old version datasheet]   LOW VOLTAGE AND POWER STEREO AUDIO DIGITAL TO ANALOG CONVER WITH HEADPHONE AMPLIFER
logo
Cirrus Logic
CS43L21 CIRRUS-CS43L21 Datasheet
1Mb / 63P
   Low Power, Stereo Digital to Analog Converter
CS53L21 CIRRUS-CS53L21 Datasheet
1Mb / 66P
   Low Power, Stereo Analog to Digital Converter
logo
Texas Instruments
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com