Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLC00001 Datasheet(PDF) 5 Page - Red Lion Controls. Inc

Part # DLC00001
Description  DUAL LOOP CONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

DLC00001 Datasheet(HTML) 5 Page - Red Lion Controls. Inc

  DLC00001 Datasheet HTML 1Page - Red Lion Controls. Inc DLC00001 Datasheet HTML 2Page - Red Lion Controls. Inc DLC00001 Datasheet HTML 3Page - Red Lion Controls. Inc DLC00001 Datasheet HTML 4Page - Red Lion Controls. Inc DLC00001 Datasheet HTML 5Page - Red Lion Controls. Inc DLC00001 Datasheet HTML 6Page - Red Lion Controls. Inc DLC00001 Datasheet HTML 7Page - Red Lion Controls. Inc DLC00001 Datasheet HTML 8Page - Red Lion Controls. Inc DLC00001 Datasheet HTML 9Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
SWA
DEFAULT SERIAL
SETTINGS
1
Use DIP Switch or
Software Serial Settings
DN
Use Default Serial
Settings
UP
PARITY
SWITCH POSITION
2
3
None
DN
DN
None
UP
Even
UP
DN
Odd
UP
UP
DN
BAUD RATE
SWITCH POSITION
4
5
6
300
DN
DN
DN
600
DN
DN
UP
1200
DN
UP
DN
2400
DN
UP
UP
4800
UP
DN
DN
9600
UP
DN
UP
19200
UP
UP
DN
38400
UP
UP
UP
UNIT ADDRESS
1
(128)
2
(64)
3
(32)
4
(16)
5
(8)
6
(4)
7
(2)
DN
DN
DN
DN
DN
DN
DN
DN
1
DN
DN
DN
DN
DN
DN
DN
UP
2
DN
DN
DN
DN
DN
DN
UP
DN
3
DN
DN
DN
DN
DN
DN
UP
UP
4
DN
DN
DN
DN
DN
UP
DN
DN
5
DN
DN
DN
DN
DN
UP
DN
UP
6
DN
DN
DN
DN
DN
UP
UP
DN
7
DN
DN
DN
DN
DN
UP
UP
UP
8
DN
DN
DN
DN
UP
DN
DN
DN
247*
UP
UP
UP
UP
DN
UP
UP
UP
SWITCH POSITION / (BIT WEIGHT)
SWB
STEP 2 INSTALLING THE CONTROLLER
INSTALLATION
The controller is designed for attachment to standard DIN style top hat (T)
profile mounting rails according to EN50022 -35 x 7.5 and -35 x 15. The
controller should be installed in a location that does not exceed the maximum
operating temperature and provides good air circulation. Placing the controller
near devices that generate excessive heat should be avoided.
T Rail Installation
To install the DLC on a “T” style rail, angle the controller so that the top
groove of the mounting recess is located over the lip of the top rail. Push the
controller toward the rail until it snaps into place. To remove a controller from
the rail, insert a screwdriver into the slot on the bottom of the controller, and
pry upwards until it releases from the rail.
8
(1)
Software Selectable
Serial Settings
*- Unit will use address 247 for binary switch settings above 247
SWITCH
POSITION
STEP 3 IDENTIFYING THE LEDs - LED FUNCTIONALITY
CONDITION
CH A OP
CH A ALM
CH B OP
CH B ALM
PWR/COMM
PRIORITY
AUTOTUNE
Power Applied
-------
-------
-------
-------
On
1
-------
Communicating
-------
-------
-------
-------
Flashing
1
-------
OP1 On (Channel A) **
On
-------
-------
-------
-------
4
-------
OP1 On (Channel B) **
-------
-------
On
-------
-------
4
-------
AL1 On (Channel A) *
-------
On
-------
-------
-------
4
-------
AL1 On (Channel B) *
-------
-------
-------
On
-------
4
-------
AL2 On (Channel A) *
Fast Flashing
-------
-------
-------
4
-------
OP2 On [Cool](Channel A)
Fast Flashing
-------
-------
-------
-------
5
-------
OP2 On [Cool](Channel B)
-------
-------
Fast Flashing
-------
-------
5
-------
Auto-Tune On (Channel A)
-------
-------
-------
-------
-------
3
On
Auto-Tune On (Channel B)
-------
-------
-------
-------
-------
3
Fast Flashing
Input Error (Channel A)
Slow Flashing Slow Flashing
-------
-------
-------
3
-------
Calibration Mode
Input Error (Channel B)
On
-------
On
-------
On
Slow Flashing
On
Slow Flashing
-------
2
-------
3
On
-------
Checksum Error
Slow Flashing Slow Flashing
Slow Flashing Slow Flashing
-------
1
Slow Flashing
AL2 On (Channel B) *
-------
-------
-------
Fast Flashing
-------
4
-------
* If AL1 & AL2 outputs are on at the same time, the ALM annunciator will alternate between On and Fast Flashing every ½ second.
** If OP1 and AL2/OP2 (configured for cool) outputs are on at the same time, the annunciator will only show the OP1 state. The OP2 state is only shown when OP1 is off.
On power-up, all LEDs are turned on briefly in an alternating pattern to allow visual check of LED functionality.
Serial Communication Defaults:
1
none
1
Start Bit
Parity:
Stop Bit:
9600
Baud Rate:
247
Address:
RTU
Protocol:


Similar Part No. - DLC00001

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
DLC01001 REDLION-DLC01001 Datasheet
1Mb / 28P
   DUAL LOOP CONTROLLER
logo
Mean Well Enterprises C...
DLC03 MEANWELL-DLC03 Datasheet
103Kb / 4P
   3W DIP Package DC-DC Regulated Converter
DLC03A-05 MEANWELL-DLC03A-05 Datasheet
103Kb / 4P
   3W DIP Package DC-DC Regulated Converter
DLC03A-12 MEANWELL-DLC03A-12 Datasheet
103Kb / 4P
   3W DIP Package DC-DC Regulated Converter
DLC03A-15 MEANWELL-DLC03A-15 Datasheet
103Kb / 4P
   3W DIP Package DC-DC Regulated Converter
More results

Similar Description - DLC00001

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
DLC01001 REDLION-DLC01001 Datasheet
1Mb / 28P
   DUAL LOOP CONTROLLER
logo
Advantech Co., Ltd.
ADAM-6022 ADVANTECH-ADAM-6022_V02 Datasheet
463Kb / 1P
   Ethernet-based Dual-loop PID Controller
13-Aug-2021
ADAM-6022 ADVANTECH-ADAM-6022 Datasheet
635Kb / 1P
   Ethernet-based Dual-loop PID Controller
logo
Red Lion Controls. Inc
DLCD0001 REDLION-DLCD0001 Datasheet
238Kb / 8P
   MODEL DLCD ??DUAL LOOP CONTROLLER w/ DH-485
DLCN0001 REDLION-DLCN0001 Datasheet
314Kb / 4P
   MODEL DLCN - DUAL LOOP CONTROLLER / DATA ACQUISITION MODULE
DLCN1001 REDLION-DLCN1001 Datasheet
314Kb / 4P
   MODEL DLCN - DUAL LOOP CONTROLLER / DATA ACQUISITION MODULE
logo
M-System Co.,Ltd.
SM10 MSYSTEM-SM10 Datasheet
226Kb / 9P
   Single Loop Controller Series
SML MSYSTEM-SML Datasheet
362Kb / 17P
   Single Loop Controller Series
logo
List of Unclassifed Man...
C5-01 ETC-C5-01 Datasheet
229Kb / 1P
   Open-Loop Stepper Motor Controller
logo
M-System Co.,Ltd.
SC210W MSYSTEM-SC210W Datasheet
482Kb / 13P
   Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com