Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M550B108K030TS Datasheet(PDF) 7 Page - Kemet Corporation

Part # M550B108K030TS
Description  Tantalum Through-Hole Capacitors ??Hermetically Sealed
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

M550B108K030TS Datasheet(HTML) 7 Page - Kemet Corporation

Back Button M550B108K030TS Datasheet HTML 2Page - Kemet Corporation M550B108K030TS Datasheet HTML 3Page - Kemet Corporation M550B108K030TS Datasheet HTML 4Page - Kemet Corporation M550B108K030TS Datasheet HTML 5Page - Kemet Corporation M550B108K030TS Datasheet HTML 6Page - Kemet Corporation M550B108K030TS Datasheet HTML 7Page - Kemet Corporation M550B108K030TS Datasheet HTML 8Page - Kemet Corporation M550B108K030TS Datasheet HTML 9Page - Kemet Corporation M550B108K030TS Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2074_M55_Module • 12/15/2016
77
Tantalum Through-Hole Capacitors – Hermetically Sealed
M55 Module Polymer Hermetic Seal
Reverse Voltage
Solid tantalum polymer capacitors are polar devices and may
be permanently damaged or destroyed if connected with
the wrong polarity. A small reverse voltage is permissible
for time periods per the table at right. KEMET can offer
lower capacitance in this voltage with higher reverse voltage
capability. In addition, we continue to improve our capability
for this characteristic.
Mounting
The M550 and M551 Modular Series are suitable for stacking to the board. The use of a heat sink is recommended.
Theseproductsarenotsuitableforreflowsoldering.Formanual-solderingprocesswithsolderingiron,themaximum
recommended temperature is 350°C for no more than 3 seconds. Care should be taken to avoid contact of the soldering iron
to the epoxy housing. The iron should be used to heat the solder pad, applying solder between the pad and the terminal of
themodule,untilreflowoccurs.
Temperature
Permissible
Reverse Voltage
25°C
1 V for 8 hours Maximum
70ºC
1 V for 2 hours Maximum


Similar Part No. - M550B108K030TS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
M550B377M075AA KEMET-M550B377M075AA Datasheet
58Kb / 1P
   Tantalum, Polymer Tantalum, COTS, M550, 370 uF, 20%, 75 V, 40 mOhms
More results

Similar Description - M550B108K030TS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CSRXXB565KM KEMET-CSRXXB565KM Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
logo
Vishay Siliconix
XTH VISHAY-XTH Datasheet
147Kb / 11P
   Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
Revision: 25-Jul-11
logo
Cornell Dubilier Electr...
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
logo
Kemet Corporation
T352F227 KEMET-T352F227 Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
logo
Cornell Dubilier Electr...
CSR13 CDE-CSR13 Datasheet
636Kb / 7P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com