Electronic Components Datasheet Search |
|
M550B108M006TS Datasheet(PDF) 6 Page - Kemet Corporation |
|
M550B108M006TS Datasheet(HTML) 6 Page - Kemet Corporation |
6 / 10 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com T2074_M55_Module • 12/15/2016 66 Tantalum Through-Hole Capacitors – Hermetically Sealed M55 Module Polymer Hermetic Seal Recommended Voltage Derating Guidelines −55°Cto105°C 105°C to 125°C %ChangeinWorkingDC Voltage with Temperature 78% of VR 66% of VR Recommended Maximum Application Voltage (As%ofRatedVoltage) 63% of VR 54% of VR Ripple Current/Ripple Voltage PermissibleACripplevoltageandcurrentarerelatedtoequivalentseriesresistance(ESR)andthepowerdissipation capabilities of the device. Permissible AC ripple voltage that may be applied is limited by two criteria: 1. The positive peak AC voltage plus the DC bias voltage, if any, must not exceed the DC voltage rating of the capacitor. 2.ThenegativepeakACvoltageincombinationwithbiasvoltage,ifany,mustnotexceedtheallowablelimitsspecified for reverse voltage. The maximum power dissipation by case size can be determined using the below left table. The maximum power dissipation rating stated in the table must be reduced with increasing environmental operating temperatures. Refer to the below right table for temperature compensation requirements. Case Code Maximum Power Dissipation (P max) mWatts at 25°C with +60°C Rise KEMET MIL–PRF–39006/22/ 25/30/31 Case Size B T2 715 Temperature Compensation Multipliers for Maximum Power Dissipation (P max) T≤45°C 45°C<T≤85°C 85°C<T≤125°C 1.00 0.70 0.10 T= Environmental Temperature Using the P max of the device, the maximum allowable rms ripple current or voltage may be determined. I(max) = √Pmax/R E(max) = Z √Pmax/R I = rms ripple current (amperes) E = rms ripple voltage (volts) P max = maximum power dissipation (watts) R = ESR at specified frequency (ohms) Z = Impedance at specified frequency (ohms) The maximum power dissipation rating must be reduced with increasing environmental operating temperatures. Refer to the Temperature Compensation Multiplier table for details. 0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% -55 25 45 85 105 125 Temperature (°C) 66% 78% 54% Recommended Maximum Application Voltage % Change in Working DC Voltage with temperature |
Similar Part No. - M550B108M006TS |
|
Similar Description - M550B108M006TS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |