Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-BGA-6429 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SG-BGA-6429
Description  Ball guide prevents over compression of elastomer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6429 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SG-BGA-6429 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6429 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6429 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-6429 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
32.225±0.125 (x4)
socket base size
34.725±0.125 (x4)
backing plate size
2.8375*
2.4625
0.800 typ.
29.725±0.050 (x4)
5.080
2.540
1.250
2.500
1.250
2.500
14.8625 (x8)
1.710±0.100 (x4)
Non-plated mounting hole
0.850±0.050 (x2)
Non-plated alignment hole
0.420 pad (x1024)
2.0875*
Orientation mark
Note: Full BGA pattern shown.
Please adjust pattern according
to individual requirements.
*Note: BGA pattern is not symmetrical
with respect to the mounting holes.
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
NOTE: Steel backing plate may be required based on end user's application
(for full array)
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Recommended PCB Layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 06/18/2015
Material: N/A
Finish: N/A
Weight: 46.16
SG-BGA-6429 Drawing
SCALE: 3:1
SHEET: 2 OF 4
ENG: S. Huang
FILE: SG-BGA-6429 Dwg
DRAWN BY: M. Raske


Similar Part No. - SG-BGA-6429

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6420 IRONWOOD-SG-BGA-6420 Datasheet
554Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6421 IRONWOOD-SG-BGA-6421 Datasheet
394Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6422 IRONWOOD-SG-BGA-6422 Datasheet
470Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6423 IRONWOOD-SG-BGA-6423 Datasheet
225Kb / 4P
   Easily removable swivel socket lid
SG-BGA-6424 IRONWOOD-SG-BGA-6424 Datasheet
487Kb / 4P
   Compression plate distributes forces evenly
More results

Similar Description - SG-BGA-6429

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6095 IRONWOOD-SG-BGA-6095 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6096 IRONWOOD-SG-BGA-6096 Datasheet
95Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6020 IRONWOOD-SG-BGA-6020 Datasheet
154Kb / 4P
   Ball guide prevents over compression of elastomer
SG-MLF-7093 IRONWOOD-SG-MLF-7093 Datasheet
542Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6105 IRONWOOD-SG-BGA-6105 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6107 IRONWOOD-SG-BGA-6107 Datasheet
123Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6041 IRONWOOD-SG-BGA-6041 Datasheet
129Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6035 IRONWOOD-SG-BGA-6035 Datasheet
183Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6033 IRONWOOD-SG-BGA-6033 Datasheet
76Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6045 IRONWOOD-SG-BGA-6045 Datasheet
93Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6044 IRONWOOD-SG-BGA-6044 Datasheet
60Kb / 3P
   Ball guide prevents over compression of elastomer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com