Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2374AIDR Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2374AIDR
Description  6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2374AIDR Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA2374AIDR Datasheet HTML 1Page - Burr-Brown (TI) OPA2374AIDR Datasheet HTML 2Page - Burr-Brown (TI) OPA2374AIDR Datasheet HTML 3Page - Burr-Brown (TI) OPA2374AIDR Datasheet HTML 4Page - Burr-Brown (TI) OPA2374AIDR Datasheet HTML 5Page - Burr-Brown (TI) OPA2374AIDR Datasheet HTML 6Page - Burr-Brown (TI) OPA2374AIDR Datasheet HTML 7Page - Burr-Brown (TI) OPA2374AIDR Datasheet HTML 8Page - Burr-Brown (TI) OPA2374AIDR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
OPA373, OPA2373
OPA374
OPA2374, OPA4374
SBOS279D − SEPTEMBER 2003 − REVISED DECEMBER 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS: VS = +2.7V to +5.5V
Boldface limits apply over the specified temperature range, TA = −40°C to +125°C.
At TA = +25°C, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
OPA373, OPA2373, OPA374,
OPA2374, OPA4374
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = 5V
1
5
mV
over Temperature
6.5
mV
Drift
dVOS/dT
3
µV/°C
vs Power Supply
PSRR
VS = 2.7V to 5.5V, VCM < (V+) − 2V
25
100
µV/V
over Temperature
VS = 2.7V to 5.5V, VCM < (V+) − 2V
150
µV/V
Channel Separation, DC
0.4
µV/V
f = 1kHz
128
dB
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V−) − 0.2
(V+) + 0.2
V
Common-Mode Rejection Ratio
CMRR
(V−) − 0.2V < VCM < (V+) − 2V
80
90
dB
over Temperature
(V−) − 0.2V < VCM < (V+) − 2V
70
dB
VS = 5.5V, (V−) − 0.2V < VCM < (V+) + 0.2V
66
dB
over Temperature
VS = 5.5V, (V−) − 0.2V < VCM < (V+) + 0.2V
60
dB
INPUT BIAS CURRENT
Input Bias Current
IB
±0.5
±10
pA
Input Offset Current
IOS
±0.5
±10
pA
INPUT IMPEDANCE
Differential
1013
 3
Ω pF
Common-Mode
1013
 6
Ω pF
NOISE
VCM < (V+) − 2V
Input Voltage Noise, f = 0.1Hz to 10Hz
10
µVPP
Input Voltage Noise Density, f = 10kHz
en
15
nV/
Hz
Input Current Noise Density, f = 10kHz
in
4
fA/
Hz
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
VS = 5V, RL = 100kΩ, 0.025V < VO < 4.975V
94
110
dB
over Temperature
VS = 5V, RL = 100kΩ, 0.025V < VO < 4.975V
80
dB
VS = 5V, RL = 5kΩ, 0.125V < VO < 4.875V
94
106
dB
over Temperature
VS = 5V, RL = 5kΩ, 0.125V < VO < 4.875V
80
dB
OUTPUT
Voltage Output Swing from Rail
RL = 100kΩ
18
25
mV
over Temperature
RL = 100kΩ
25
mV
RL = 5kΩ
100
125
mV
over Temperature
RL = 5kΩ
125
mV
Short-Circuit Current
ISC
See Typical Characteristics
Capacitive Load Drive
CLOAD
See Typical Characteristics
Open-Loop Output Impedance
f = 1MHz, IO = 0
220
FREQUENCY RESPONSE
CL = 100pF
Gain-Bandwidth Product
GBW
6.5
MHz
Slew Rate
SR
G = +1
5
V/
µs
Settling Time, 0.1%
tS
VS = 5V, 2V Step, G = +1
1
µs
0.01%
VS = 5V, 2V Step, G = +1
1.5
µs
Overload Recovery Time
VIN • Gain > VS
0.3
µs
Total Harmonic Distortion + Noise
THD+N
VS = 5V, VO = 3VPP, G = +1, f = 1kHz
0.0013
%
ENABLE/SHUTDOWN
tOFF
3
µs
tON
12
µs
VL (shutdown)
V−
(V−) + 0.8
V
VH (amplifier is active)
(V−) + 2
V+
V
Input Bias Current of Enable Pin
0.2
µA
IQSD (per amplifier)
< 0.5
1
µA


Similar Part No. - OPA2374AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2374AIDR TI1-OPA2374AIDR Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
OPA2374AIDRG4 TI1-OPA2374AIDRG4 Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
More results

Similar Description - OPA2374AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2374AIDG4 TI1-OPA2374AIDG4 Datasheet
1Mb / 37P
[Old version datasheet]   6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
SD06 SGMICRO-SD06 Datasheet
710Kb / 12P
   960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
August 31, 2015
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com