Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-344JT Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-344JT
Description  Miller-Current Clamping
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-344JT Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-344JT Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-344JT Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-344JT Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-344JT Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-344JT Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-344JT Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-344JT Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-344JT Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-344JT Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
Electrical Specifications (continued)
Unless otherwise specified, all Minimum/Maximum specifications are at recommended operating conditions, all volt-
ages at input IC are referenced to VEE1, all voltages at output IC referenced to VEE2. All typical values at TA = 25°C, VCC1 =
12 V, VCC2–VEE2 = 20 V, VE–VEE2 = 0 V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Gate Driver
High Level Output Current
IOH
–2.0
–0.75
A
VO = VCC2 – 3 V
12
4
Low Level Output Current
IOL
1.0
2.2
A
VO = VEE2 + 2.5V
13
4
High Level Output Voltage
VOH
VCC2 – 0.5 VCC2 – 0.2
V
IO = –100 mA
6-8
Low Level Output Voltage
VOL
0.1
0.5
V
IO = 100 mA
VIN to High Level Output
Propagation Delay Time
tPLH
50
130
250
ns
Vsource = 5V
Rf = 260Ω
Rg = 10Ω
Cload = 10 nF
f = 10 kHz
Duty Cycle = 50%
14,19 9
VIN to Low Level Output
Propagation Delay Time
tPHL
50
150
250
ns
14,19 10
Pulse Width Distortion
PWD
–100
+20
+100
ns
11,12
Dead Time Distortion (tPLH–tPHL)
DTD
–150
–40
+105
ns
12,13
10% to 90% Rise Time
tR
70
ns
90% to 10% Fall Time
tF
50
ns
Output High Level Common
Mode Transient Immunity
|CMH|
50
>70
kV/μs
TA = 25°C,
IF = 10 mA
VCM = 1500V
21
14
Output Low Level Common Mode
Transient Immunity
|CML|
50
>70
kV/μs
TA = 25°C,
IF = 0 mA
VCM = 1500V
21
15
Active Miller Clamp and Soft Shutdown
Low Level Soft Shutdown Current
During Fault Condition
ISSD
22
35
48
mA
VSSD – VEE2 = 14 V 15
Clamp Threshold Voltage
VTH_CLAMP
2.0
3.0
V
Clamp Low Level Sinking Current
ICLAMP
0.75
1.9
A
VCLAMP =
VEE2 + 2.5 V
VCC2 UVLO Protection (UVLO voltage VUVLO reference to VE)
VCC2 UVLO Threshold Low to High VUVLO+
11.0
12.4
13.7
V
VO > 5 V
8,16
VCC2 UVLO Threshold High to Low VUVLO-
10.1
11.3
12.8
V
VO < 5 V
8,17
VCC2 UVLO Hysteresis
VUVLO_HYS
1.1
V
8
VCC2 to UVLO High Delay
tPLH_UVLO
10
μs
18
VCC2 to UVLO Low Delay
tPHL_UVLO
10
μs
19
VCC2 UVLO to VOUT High Delay
tUVLO_ON
10
μs
20
VCC2 UVLO to VOUT Low Delay
tUVLO_OFF
10
μs
21


Similar Part No. - ACPL-344JT

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-34JT AVAGO-ACPL-34JT Datasheet
392Kb / 16P
   1.9 A Miller Clamp Sinking Current
More results

Similar Description - ACPL-344JT

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-31JT AVAGO-ACPL-31JT Datasheet
510Kb / 20P
   Miller Clamp Sinking Current
ACPL-34JT AVAGO-ACPL-34JT Datasheet
392Kb / 16P
   1.9 A Miller Clamp Sinking Current
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
ACPL-332J-000E AVAGO-ACPL-332J-000E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
logo
STMicroelectronics
STGIPL35K120L1 STMICROELECTRONICS-STGIPL35K120L1 Datasheet
512Kb / 19P
   Active Miller clamp feature
February 2013 Rev 4
logo
Intersil Corporation
HFA1130883 INTERSIL-HFA1130883 Datasheet
865Kb / 19P
   Output Clamping, 850MHz Current Feedback Amplifier
logo
Shanghai Leiditech Elec...
L102-201M LEIDITECH-L102-201M Datasheet
432Kb / 3P
   Approximately zero leaking current before clamping voltage
SPG32-501 LEIDITECH-SPG32-501 Datasheet
1,016Kb / 5P
   Approximately zero leaking current before clamping voltage
logo
EXCEL CELL ELECTRONIC C...
ETB13 ECE-ETB13 Datasheet
104Kb / 2P
   CLAMPING TYPE
logo
Festo Corporation.
13289 FESTO-13289 Datasheet
92Kb / 1P
   Clamping module
12/7/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com