Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OC80271-FNF Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # OC80271-FNF
Description  Weatherproof UV stable radome
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

OC80271-FNF Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  OC80271-FNF Datasheet HTML 1Page - Laird Tech Smart Technology OC80271-FNF Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Innovative Technology
for a Connected World
OC80271
806-960 MHz/1710-2700 MHz
Direct Mount Omnidirectional Antenna
ANT-DS-OC802711012
AnyinformationfurnishedbyLairdTechnologies,Inc.anditsagentsisbelievedtobeaccurateandreliable.Allspecificationsaresubjecttochangewithoutnotice.Responsibilityfortheuseandapplicationof
LairdTechnologiesmaterialsrestswiththeenduser.LairdTechnologiesmakesnowarrantiesastothefitness,merchantability,suitabilityornon-infringementofanyLairdTechnologiesmaterialsorproductsfor
anyspecificorgeneraluses.LairdTechnologiesshallnotbeliableforincidentalorconsequentialdamagesofanykind.AllLairdTechnologiesproductsaresoldpursuanttotheLairdTechnologies’Termsand
Conditionsofsaleineffectfromtimetotime,acopyofwhichwillbefurnisheduponrequest.©Copyright2011LairdTechnologies,Inc.AllRightsReserved.Laird,LairdTechnologies,theLairdTechnologies
Logo,andothermarksaretrademarksorregisteredtrademarksofLairdTechnologies,Inc.oranaffiliatecompanythereof.Otherproductorservicenamesmaybethepropertyofthirdparties.Nothingherein
provides a license under any Laird Technologies or any third party intellectual property rights.
global solutions: local support
TM
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +1.32.80.7866.12
IAS-EUSales@lairdtech.com
Asia: +1.65.6.243.8022
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
Azimuth Plane
Azimuth Plane
Azimuth Plane
Azimuth Plane
Phi 0° Plane
Phi 0° Plane
Phi 0° Plane
Phi 0° Plane
Phi 90° Plane
Phi 90° Plane
Phi 90° Plane
Phi 90° Plane
806 MHZ BAND
960 MHZ BAND
1710 MHZ BAND
2500 MHZ BAND
TYPICAL RADIATION PATTERNs


Similar Part No. - OC80271-FNF

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
OC81D NJSEMI-OC81D Datasheet
40Kb / 1P
   Transistor Datasheet. Parameters and Characteristics.
logo
List of Unclassifed Man...
OC821 ETC1-OC821 Datasheet
532Kb / 9P
   Iris??Outdoor Camera Set-Up Guide
More results

Similar Description - OC80271-FNF

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
S5151290P12SMF LSTD-S5151290P12SMF Datasheet
526Kb / 1P
   UV stable weatherproof radome
PAS69278 LSTD-PAS69278 Datasheet
511Kb / 2P
   Weatherproof UV stable radome
OC58509 LSTD-OC58509 Datasheet
1Mb / 2P
   UV Stable polycarbonate radome
S2408MD12NF LSTD-S2408MD12NF Datasheet
774Kb / 1P
   UV stabile thermoplastic radome
S9025P LSTD-S9025P Datasheet
737Kb / 2P
   Weather and UV resistant radome
PAL86518H-FNF LSTD-PAL86518H-FNF Datasheet
2Mb / 1P
   Weather and UV resistant radome
S9028PCL LSTD-S9028PCL Datasheet
694Kb / 1P
   Weather and UV resistant radome
S8658WPR LSTD-S8658WPR Datasheet
637Kb / 1P
   Weather and UV resistant radome
S3307BPNF LSTD-S3307BPNF Datasheet
732Kb / 1P
   Weather proof UV stabile radome
logo
Linx Technologies
ANT-2.4-OM-CM-01-N LINX-ANT-2.4-OM-CM-01-N Datasheet
281Kb / 1P
   Fiberglass radome construction
4-9-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com