Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0760201010 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0760201010
Description  GbX I-Trac Right Angle Receptacle Module, 1.85mm by 3.70mm Pitch, Unguided
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0760201010 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0760201010_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0760201010_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Current - Maximum per Contact
1.0A
Data Rate
12.0 Gbps
Real Signals (per 25mm)
48
Shield Type
N/A
Shielded
No
Voltage - Maximum
120V AC (RMS)/DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-607
Product Specification
PS-75710-999-001
Sales Drawing
SD-76020-001
This document was generated on 03/01/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0760201010_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0760201010 MOLEX11-0760201010 Datasheet
44Kb / 2P
   GbX I-Trac Right Angle Receptacle Module, 1.85mm by 3.70mm Pitch,
More results

Similar Description - 0760201010_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0760401008 MOLEX11-0760401008 Datasheet
44Kb / 2P
   GbX I-Trac Right-Angle Receptacle Module, 1.85mm by 3.70mm Pitch, Unguided
0760401010 MOLEX1-0760401010_17 Datasheet
43Kb / 2P
   GbX I-Trac Right-Angle Receptacle Module, 1.85mm by 3.70mm Pitch, Unguided
0760201004 MOLEX1-0760201004_17 Datasheet
43Kb / 2P
   GbX I-Trac Right Angle Receptacle Module, 1.85mm by 3.70mm Pitch, Unguided
0760401010 MOLEX11-0760401010 Datasheet
44Kb / 2P
   GbX I-Trac Right-Angle Receptacle Module, 1.85mm by 3.70mm Pitch, Unguided
0760401009 MOLEX11-0760401009 Datasheet
44Kb / 2P
   GbX I-Trac Right-Angle Receptacle Module, 1.85mm by 3.70mm Pitch, Unguided
0760401008 MOLEX1-0760401008_17 Datasheet
43Kb / 2P
   GbX I-Trac Right-Angle Receptacle Module, 1.85mm by 3.70mm Pitch, Unguided
0760401009 MOLEX1-0760401009_17 Datasheet
43Kb / 2P
   GbX I-Trac Right-Angle Receptacle Module, 1.85mm by 3.70mm Pitch, Unguided
0760201006 MOLEX1-0760201006_17 Datasheet
43Kb / 2P
   GbX I-Trac Right Angle Receptacle Module, 1.85mm by 3.70mm Pitch, Unguided
0759101113 MOLEX11-0759101113 Datasheet
40Kb / 2P
   GbX I-Trac Right-Angle Header Module, 1.85mm by 3.70mm Pitch, Unguided
0757101006 MOLEX11-0757101006 Datasheet
46Kb / 2P
   GbX I-Trac Right-Angle Daughtercard Module, 1.85mm by 3.70mm Pitch, Unguided
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com