Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0622023080 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0622023080
Description  GbX I-Trac Right-Angle Header Module, 1.85mm by 3.70mm Pitch, Right Guided
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0622023080 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0622023080 Datasheet HTML 1Page - Molex Electronics Ltd. 0622023080 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Current - Maximum per Contact
1.0A
Data Rate
12.0 Gbps
Shield Type
N/A
Shielded
No
Voltage - Maximum
120V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-585
Product Specification
PS-75710-999-001
Sales Drawing
SD-75910-003
Header 11-Row, 5-
Column
Right Angle Male
(RAM) Module
Removal Tool
0622023080
This document was generated on 11/19/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0622023080

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0622023080 MOLEX11-0622023080 Datasheet
31Kb / 1P
   Right Angle Male (RAM) Module Removal Tool
0622023080 MOLEX11-0622023080 Datasheet
44Kb / 2P
   GbX I-Trac Right Angle Header Module, 1.85mm by 3.70mm Pitch, Unguided
0622023080 MOLEX11-0622023080 Datasheet
40Kb / 2P
   GbX I-Trac Right Angle Header Module, 1.85mm by 3.70mm Pitch, Right Guided Inverted,
0622023080 MOLEX11-0622023080 Datasheet
40Kb / 2P
   GbX I-Trac Right Angle Header Module, 1.85mm by 3.70mm Pitch, Right Guided Coplanar
0622023080 MOLEX11-0622023080 Datasheet
41Kb / 2P
   GbX I-Trac Right-Angle Header Module, 1.85mm by 3.70mm Pitch, Right Guided Inverted,
More results

Similar Description - 0622023080

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0760115123 MOLEX1-0760115123_17 Datasheet
38Kb / 2P
   GbX I-Trac Right Angle Header Module, 1.85mm by 3.70mm Pitch, Right Guided
0759109123 MOLEX1-0759109123_17 Datasheet
31Kb / 2P
   GbX I-Trac Right-Angle Header Module, 1.85mm by 3.70mm Pitch, Right Guided
0759105123 MOLEX1-0759105123_17 Datasheet
31Kb / 2P
   GbX I-Trac Right-Angle Header Module, 1.85mm by 3.70mm Pitch, Right Guided
0760119123 MOLEX1-0760119123_17 Datasheet
38Kb / 2P
   GbX I-Trac Right Angle Header Module, 1.85mm by 3.70mm Pitch, Right Guided
0759105623 MOLEX1-0759105623_17 Datasheet
31Kb / 2P
   GbX I-Trac Right-Angle Header Module, 1.85mm by 3.70mm Pitch, Right Guided
0760115133 MOLEX1-0760115133_17 Datasheet
38Kb / 2P
   GbX I-Trac Right Angle Header Module, 1.85mm by 3.70mm Pitch, Right Guided
0760119135 MOLEX1-0760119135_17 Datasheet
39Kb / 2P
   GbX I-Trac Right Angle Header Module, 1.85mm by 3.70mm Pitch, Right Guided
0759104623 MOLEX11-0759104623 Datasheet
33Kb / 2P
   GbX I-Trac Right-Angle Header Module, 1.85mm by 3.70mm Pitch, Right Guided
0759105123 MOLEX11-0759105123 Datasheet
33Kb / 2P
   GbX I-Trac Right-Angle Header Module, 1.85mm by 3.70mm Pitch, Right Guided
0760115633 MOLEX1-0760115633_17 Datasheet
38Kb / 2P
   GbX I-Trac Right Angle Header Module, 1.85mm by 3.70mm Pitch, Right Guided
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com