Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M550B108M025AH Datasheet(PDF) 4 Page - Kemet Corporation

Part # M550B108M025AH
Description  Tantalum Through-Hole Capacitors ??Hermetically Sealed
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

M550B108M025AH Datasheet(HTML) 4 Page - Kemet Corporation

  M550B108M025AH Datasheet HTML 1Page - Kemet Corporation M550B108M025AH Datasheet HTML 2Page - Kemet Corporation M550B108M025AH Datasheet HTML 3Page - Kemet Corporation M550B108M025AH Datasheet HTML 4Page - Kemet Corporation M550B108M025AH Datasheet HTML 5Page - Kemet Corporation M550B108M025AH Datasheet HTML 6Page - Kemet Corporation M550B108M025AH Datasheet HTML 7Page - Kemet Corporation M550B108M025AH Datasheet HTML 8Page - Kemet Corporation M550B108M025AH Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2074_M55_Module • 12/15/2016
44
Tantalum Through-Hole Capacitors – Hermetically Sealed
M55 Module Polymer Hermetic Seal
Table 1 – Ratings & Part Number Reference
(1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance.
(2) To complete KEMET part number, insert B = standard reliability, or T = high reliability. See Ordering Information table for details.
(3) To complete KEMET part number, insert T = 100% matte tin (Sn) plated, H = standard solder coated (SnPb 5% Pb minimum), S = 60% tin (Sn) 40% lead
(Pb) , G = 100% gold (Au) , A = 100% silver (Ag). Designates termination finish.
Rated
Voltage
(V) 85°C
Rated
Capacitance
(mF)
Frame
Size
KEMET
Module Part
Number
DC
Leakage
µA at 25°C
max/5min
DF% at
25°C
120 Hz
Max
Maximum
ESR
mΩ at 25°C
100 kHz
Ripple
Current
mArms at
85°C/40
kHz
Maximum
Operating
Temperature
(°C)
6
700
2
M550B707(1)006A(3)
32
5
40
7550
105
6
700
2
M551B707(1)006A(3)
32
5
40
7550
125
6
4100
2
M550B418(1)006A(3)
185
5
30
8750
105
6
4100
2
M551B418(1)006A(3)
185
5
30
8750
125
6
8200
1
M550B828(1)006A(3)
369
5
15
17500
105
6
8200
1
M551B828(1)006A(3)
369
5
15
17500
125
8
1100
2
M550B118(1)008A(3)
66
5
40
7550
105
8
1100
2
M551B118(1)008A(3)
66
5
40
7550
125
8
3400
2
M550B348(1)008A(3)
204
5
30
8750
105
8
3400
2
M551B348(1)008A(3)
204
5
30
8750
125
8
6800
1
M550B688(1)008A(3)
408
5
15
17500
105
8
6800
1
M551B688(1)008A(3)
408
5
15
17500
125
10
500
2
M550B507(1)010A(3)
38
5
50
7000
105
10
500
2
M551B507(1)010A(3)
38
5
50
7000
125
10
900
2
M550B907(1)010A(3)
68
5
40
7900
105
10
900
2
M551B907(1)010A(3)
68
5
40
7900
125
10
2200
2
M550B228(1)010A(3)
210
5
30
8750
105
10
2200
2
M551B228(1)010A(3)
210
5
30
8750
125
10
5600
1
M550B568(1)010A(3)
420
5
15
17500
105
10
5600
1
M551B568(1)010A(3)
420
5
15
17500
125
15
350
2
M550B357(1)015A(3)
40
5
50
7000
105
15
350
2
M551B357(1)015A(3)
40
5
50
7000
125
15
600
2
M550B607(1)015A(3)
68
5
40
7900
105
15
600
2
M551B607(1)015A(3)
68
5
40
7900
125
15
2000
2
M550B208(1)015A(3)
225
5
30
8750
105
15
2000
2
M551B208(1)015A(3)
225
5
30
8750
125
15
3900
1
M550B398(1)015A(3)
439
5
15
17500
105
15
3900
1
M551B398(1)015A(3)
439
5
15
17500
125
25
250
2
M550B257(1)025A(3)
47
5
50
6375
105
25
250
2
M551B257(1)025A(3)
47
5
50
6375
125
25
500
2
M550B507(1)025(2)(3)*
94
5
60
6000
105
25
500
2
M551B507(1)025(2)(3)*
94
5
60
6000
125
25
1000
1
M550B108(1)025(2)(3)*
188
5
30
12000
105
25
1000
1
M551B108(1)025A(3)
188
5
30
12000
125
30
200
2
M550B207(1)030A(3)
45
5
50
6375
105
30
200
2
M551B207(1)030A(3)
45
5
50
6375
125
30
340
2
M550B347(1)030A(3)
77
5
50
7000
105
30
340
2
M551B347(1)030A(3)
77
5
50
7000
125
30
680
1
M550B687(1)030A(3)
153
5
25
14000
105
30
680
1
M551B687(1)030A(3)
153
5
25
14000
125
40
500
2
M550B507(1)040(2)(3)*
150
5
50
6750
105
40
500
2
M551B507(1)040(2)(3)*
150
5
50
6750
125
40
600
2
M550B607(1)040(2)(3)*
180
5
40
6750
105
40
600
2
M551B607(1)040(2)(3)*
180
5
40
6750
125
40
1000
1
M550B108(1)040(2)(3)*
300
5
25
13500
105
40
1000
1
M551B108(1)040A(3)
300
5
25
13500
125
40
1200
1
M550B128(1)040(2)(3)*
360
5
20
15100
105
40
1200
1
M551B128(1)040A(3)
360
5
20
15100
125
50
120
2
M550B127(1)050A(3)
47
5
50
6375
105
50
120
2
M551B127(1)050A(3)
47
5
50
6375
125
50
240
2
M550B247(1)050A(3)
90
5
50
6750
105
50
240
2
M551B247(1)050A(3)
90
5
50
6750
125
50
500
2
M550B507(1)050(2)(3)*
188
5
40
7250
105
50
500
2
M551B507(1)050(2)(3)*
188
5
40
7250
125
50
600
2
M550B607(1)050(2)(3)*
225
5
30
8750
105


Similar Part No. - M550B108M025AH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
M550B377M075AA KEMET-M550B377M075AA Datasheet
58Kb / 1P
   Tantalum, Polymer Tantalum, COTS, M550, 370 uF, 20%, 75 V, 40 mOhms
More results

Similar Description - M550B108M025AH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CSRXXB565KM KEMET-CSRXXB565KM Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
logo
Vishay Siliconix
XTH VISHAY-XTH Datasheet
147Kb / 11P
   Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
Revision: 25-Jul-11
logo
Cornell Dubilier Electr...
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
logo
Kemet Corporation
T352F227 KEMET-T352F227 Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
logo
Cornell Dubilier Electr...
CSR13 CDE-CSR13 Datasheet
636Kb / 7P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com