Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M550B108M006AH Datasheet(PDF) 2 Page - Kemet Corporation

Part # M550B108M006AH
Description  Tantalum Through-Hole Capacitors ??Hermetically Sealed
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

M550B108M006AH Datasheet(HTML) 2 Page - Kemet Corporation

  M550B108M006AH Datasheet HTML 1Page - Kemet Corporation M550B108M006AH Datasheet HTML 2Page - Kemet Corporation M550B108M006AH Datasheet HTML 3Page - Kemet Corporation M550B108M006AH Datasheet HTML 4Page - Kemet Corporation M550B108M006AH Datasheet HTML 5Page - Kemet Corporation M550B108M006AH Datasheet HTML 6Page - Kemet Corporation M550B108M006AH Datasheet HTML 7Page - Kemet Corporation M550B108M006AH Datasheet HTML 8Page - Kemet Corporation M550B108M006AH Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2074_M55_Module • 12/15/2016
22
Tantalum Through-Hole Capacitors – Hermetically Sealed
M55 Module Polymer Hermetic Seal
Ordering Information
M
550
B
108
M
060
A
A
Capacitor
Class
Series
Case
Size
Capacitance
Code(pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Product Level
Termination Finish
M =
Module
550= Capacitor
Series(PHS105°C)
551= Capacitor
Series(PHS125°C)
B
First two digits
representsignificant
figures.Thirddigit
specifiesnumberof
zeros.
K = ±10%
M = ±20%
006 = 6
008 = 8
010 = 10
015 = 15
025 = 25
030 = 30
040 = 40
050 = 50
060 = 60
075 = 75
100 = 100
A = N/A
B* = DLA 13030
standard reliability
T* = DLA 13030
high reliability
A=100%silver(Ag)
T=100%tin(Sn)plated
H=Tin/lead(SnPb)
solder coated (5% Pb
minimum)
S = Solder coated
(60%Sn,40%Pb)
G=100%gold(Au)
* Only available on DLA discrete part numbers. Refer to part number table for details.
Performance Characteristics
Item
Performance Characteristics
Operating Temperature
−55°Cto105°C/125°C*
Rated Capacitance Range
100μFto8,200μFat120Hz/25°C
Capacitance Tolerance
KTolerance(10%),MTolerance(20%)
Rated Voltage Range
6 – 100 V
DF(120Hzat25°C)
RefertoPartNumberElectricalSpecificationTable
ESR(100kHzat25°C)
RefertoPartNumberElectricalSpecificationTable
Leakage Current
≤0.0075CV(µA)atratedvoltageafter5minutes
* Refer to the part number specification table.


Similar Part No. - M550B108M006AH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
M550B377M075AA KEMET-M550B377M075AA Datasheet
58Kb / 1P
   Tantalum, Polymer Tantalum, COTS, M550, 370 uF, 20%, 75 V, 40 mOhms
More results

Similar Description - M550B108M006AH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CSRXXB565KM KEMET-CSRXXB565KM Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
logo
Vishay Siliconix
XTH VISHAY-XTH Datasheet
147Kb / 11P
   Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
Revision: 25-Jul-11
logo
Cornell Dubilier Electr...
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
logo
Kemet Corporation
T352F227 KEMET-T352F227 Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
logo
Cornell Dubilier Electr...
CSR13 CDE-CSR13 Datasheet
636Kb / 7P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com