Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1320895-2 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 1320895-2
Description  AMP-O-MATIC Side-Feed Stripper-Crimper
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1320895-2 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  1320895-2 Datasheet HTML 1Page - TE Connectivity Ltd 1320895-2 Datasheet HTML 2Page - TE Connectivity Ltd 1320895-2 Datasheet HTML 3Page - TE Connectivity Ltd 1320895-2 Datasheet HTML 4Page - TE Connectivity Ltd 1320895-2 Datasheet HTML 5Page - TE Connectivity Ltd 1320895-2 Datasheet HTML 6Page - TE Connectivity Ltd 1320895-2 Datasheet HTML 7Page - TE Connectivity Ltd 1320895-2 Datasheet HTML 8Page - TE Connectivity Ltd 1320895-2 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
1320895-1
AMP-O-MATIC Side Feed Stripper-Crimper III Machine (without Crimp Quality Monitor)
1320895-2
AMP-O-MATIC Side Feed Stripper-Crimper III Machine (with Crimp Quality Monitor)
1320895-3
C.E. Version AMP-O-MATIC Side Feed Stripper-Crimper III Machine (without Crimp Quality Monitor)
1320895-4
C.E. Version AMP-O-MATIC Side Feed Stripper-Crimper III Machine (with Crimp Quality Monitor)
409-10012
3 of 26
Rev E
Figure 1
1. INTRODUCTION
This manual provides the information required for operation and maintenance of AMP-O-MATIC* Side Feed
Stripper-Crimper III Machine, No. 1320895-[ ]. See Figure 1. Information includes: description; receiving
inspection and installation; machine operation; preventive maintenance; adjustments; repair and replacement;
and Documentation Package. The -2 machine is available with the Crimp Quality Monitor (CQM). For further
information, contact your TE Connectivity Field Representative.
NOTE
i
Measurements in this document are in metric units [with U.S. customary units in brackets].
The compact 68 kilogram [150-lb] (approximate) machine is intended for bench-top operation. The size is
approximately 355 mm wide x 457 mm deep x 838 mm high [14 in. wide x 18 in. deep x 33 in. high], including
the reel support (less terminal reel). For operation, the machine requires a constant air supply of 552 to
690 kilopascals (kPa) [80 to 100 psi] with adequate volume (1.6 liters/sec. [3.5 scfm]) to maintain a minimum
of 552 kPa [80 psi] throughout the cycle of operation. Electrical power is not required for machine operation,
however electrical power is required for the work lamp to light the “target area.”


Similar Part No. - 1320895-2

ManufacturerPart #DatasheetDescription
logo
Heyco.
13208 HEYCO-13208 Datasheet
141Kb / 1P
   Nytye® Heavy Duty and Extra Heavy Duty/HVAC Nylon Cable Ties
13208 HEYCO-13208 Datasheet
153Kb / 1P
   Nytye® Heavy Duty Nylon Cable Ties
logo
Festo Corporation.
1320800 FESTO-1320800 Datasheet
69Kb / 1P
   Bellows gripper
1320801 FESTO-1320801 Datasheet
70Kb / 1P
   Bellows gripper
1320802 FESTO-1320802 Datasheet
70Kb / 1P
   Bellows gripper
More results

Similar Description - 1320895-2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
VAZ-FK-S-STRIPPER PF-VAZ-FK-S-STRIPPER Datasheet
99Kb / 1P
   Cable stripper
2007-11-07
logo
Intersil Corporation
HFA1103 INTERSIL-HFA1103 Datasheet
94Kb / 7P
   200MHz, Video Op Amp with High Speed Sync Stripper
March 1999
logo
Tyco Electronics
38454 MACOM-38454 Datasheet
197Kb / 5P
   AMP PRO CRIMPER 2 Hand Tool Assemly
logo
Intersil Corporation
HFA1103 INTERSIL-HFA1103_04 Datasheet
184Kb / 7P
   200MHz, Video Op Amp with High Speed Sync Stripper
logo
Renesas Technology Corp
HFA1103 RENESAS-HFA1103 Datasheet
484Kb / 7P
   200MHz, Video Op Amp with High Speed Sync Stripper
June 2004
logo
Tyco Electronics
466422-2 MACOM-466422-2 Datasheet
28Kb / 1P
   SIDE FEED HDM APPLICATOR
logo
TE Connectivity Ltd
408-10389 TEC-408-10389 Datasheet
880Kb / 19P
   Ocean Side-Feed Applicators
logo
Tyco Electronics
466562-2 MACOM-466562-2 Datasheet
351Kb / 1P
   SIDE FEED HDM APPLICATOR
logo
Molex Electronics Ltd.
63811-1100 MOLEX11-63811-1100 Datasheet
37Kb / 1P
   Hand Crimper
0011010088 MOLEX1-0011010088 Datasheet
22Kb / 1P
   Hand Crimper
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com