Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2215528-1 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 2215528-1
Description  Small Form-Factor Pluggable Cage Assembly Seating Tool
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2215528-1 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  2215528-1 Datasheet HTML 1Page - TE Connectivity Ltd 2215528-1 Datasheet HTML 2Page - TE Connectivity Ltd 2215528-1 Datasheet HTML 3Page - TE Connectivity Ltd 2215528-1 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
408-32212
Rev A
3 of 4
1. Place the pc board on the support fixture.
2. Orient the seating tool over the cage assembly so that the back is aligned with the back of the cage
assembly. Then lower the seating tool onto the cage assembly, making sure that the cutouts slide
over the protruding components of the cage assembly, until the seating tool bottoms on the top of the
cage assembly.
3. Place the cage assembly on the pc board so that the contacts and alignment posts are aligned and
started into the matching holes in the pc board.
4. Center the seating tool (with the cage assembly) under the ram of the application tool. Slowly lower
the ram until it just meets the seating tool. Verify alignment of pc board support, pc board, cage
assembly, and seating tool.
CAUTION
Damage to the pc board, seating tool, or cage assembly may occur if the seating tool is not properly seated on the cage
assembly before cycling the application tool.
5. Cycle the application tool to seat the cage assembly on the pc board. Then retract the ram, and
carefully remove the seating tool by pulling it straight from the cage assembly.
6. Check the cage assembly for proper seating according to the following:
a. the widest section of each compliant pin is inside its intended pc board hole
b. each alignment post is in its intended pc board hole
c. if present, the gap between the standoffs and the pc board is no more than 0.10 mm [.004 in.]
NOTE
For detailed application requirements of the cage assembly, refer to the application specification given in Figure 1.
6. MAINTENANCE AND INSPECTION
The seating tool kit is assembled and inspected before shipment. It is recommended that the seating tool kit be
inspected immediately upon arrival at your facility to ensure that it has not been damaged during shipment, and
that it conforms to the dimensions provided in Figure 3.
6.1. Daily Maintenance
It is recommended that each operator be made aware of, and responsible for, the following steps of daily
maintenance:
1. Remove dust, moisture, and contaminants with a clean, soft brush or a lint-free cloth. DO NOT use
objects that could damage the components.
2. When the seating tool and wall support are not in use, store them in a clean, dry area.
6.2. Periodic Inspection
Regular inspections should be performed by quality control personnel. A record of scheduled inspections
should remain with the seating tool or be supplied to personnel responsible for the seating tool kit. Inspection
frequency should be based on amount of use, working conditions, operator training and skill, and established
standards.
7. REPLACEMENT AND REPAIR
Customer-replaceable parts are listed in Figure 3. Parts other than those listed should be replaced by TE to
ensure quality and reliability. For customer repair service or to order replacement parts, call 1-800-522-6752, or
fax your purchase order to 717-986-7605, or write to: Customer Service (038-035), Tyco Electronics
Corporation, PO Box 3608, Harrisburg, PA 17105-3608.
8. REVISION SUMMARY
Initial release of document


Similar Part No. - 2215528-1

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
221552B ITF-221552B Datasheet
191Kb / 2P
   Typical 1dB bandwidth of 14.8 MHz
More results

Similar Description - 2215528-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-10261 TEC-408-10261 Datasheet
115Kb / 4P
   Small Form- Factor Pluggable (SFP) Seating
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-15 JDSU-PL-KP2-00-000-15 Datasheet
615Kb / 9P
   Small Form Factor Pluggable Press-Fit Cage
PL-KP1-00-000-02 JDSU-PL-KP1-00-000-02 Datasheet
244Kb / 5P
   Small Form Factor Pluggable Solder-Down Cage
PL-KP2-00-000-05 JDSU-PL-KP2-00-000-05 Datasheet
322Kb / 8P
   Small Form Factor Pluggable Press-Fit Cage
logo
Infineon Technologies A...
V23818-S5-B2 INFINEON-V23818-S5-B2 Datasheet
132Kb / 3P
   SFP - Small Form-factor Pluggable Cage Dust Plug
2003-05-09
logo
Adam Technologies, Inc.
SFC-1-LP ADAM-TECH-SFC-1-LP Datasheet
85Kb / 1P
   SMALL FORM FACTOR CAGE
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
   Small Form-Factor Pluggable
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
   Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
   Small Form-Factor Pluggable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com