Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2373 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2373
Description  6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2373 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA2373 Datasheet HTML 1Page - Burr-Brown (TI) OPA2373 Datasheet HTML 2Page - Burr-Brown (TI) OPA2373 Datasheet HTML 3Page - Burr-Brown (TI) OPA2373 Datasheet HTML 4Page - Burr-Brown (TI) OPA2373 Datasheet HTML 5Page - Burr-Brown (TI) OPA2373 Datasheet HTML 6Page - Burr-Brown (TI) OPA2373 Datasheet HTML 7Page - Burr-Brown (TI) OPA2373 Datasheet HTML 8Page - Burr-Brown (TI) OPA2373 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
OPA373, OPA2373
OPA374
OPA2374, OPA4374
SBOS279D − SEPTEMBER 2003 − REVISED DECEMBER 2004
www.ti.com
5
TYPICAL CHARACTERISTICS
At TA = +25°C, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
OPEN−LOOP GAIN AND PHASE vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
120
100
80
60
40
20
0
−20
30
0
−30
−60
−90
−120
−150
−180
Phase
Gain
POWER−SUPPLY AND COMMON−MODE
REJECTION RATIO vs FREQUENCY
Frequency (Hz)
100
1k
10k
100k
1M
10M
120
100
80
60
40
20
0
PSRR
CMRR
INPUT VOLTAGE NOISE
SPECTRAL DENSITY vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
1000
100
10
TOTAL HARMONIC DISTORTION+NOISE
vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
0.100
0.010
0.001
R
L =5kΩ
G = 10V/V
G= 1V/V
OPEN−LOOP GAIN AND POWER−SUPPLY
REJECTION RATIO vs TEMPERATURE
Temperature (
_C)
−50
−25
0
25
50
75
100
125
150
130
120
110
100
90
80
PSRR
R
L =5kΩ
R
L = 100kΩ
COMMON−MODE REJECTION RATIO vs TEMPERATURE
120
110
100
90
80
70
60
50
40
Temperature (
_C)
−50
−25
0
25
50
75
100
125
150
V
CM = − 0.2V to 3.5V
V
CM = − 0.2V to 5.7V
V
S =5.5V


Similar Part No. - OPA2373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2373 TI1-OPA2373 Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
OPA2373AIDGSR TI1-OPA2373AIDGSR Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
OPA2373AIDGST TI1-OPA2373AIDGST Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
OPA2373AIDRCR TI1-OPA2373AIDRCR Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
OPA2373AIDRCRG4 TI1-OPA2373AIDRCRG4 Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
More results

Similar Description - OPA2373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2374AIDG4 TI1-OPA2374AIDG4 Datasheet
1Mb / 37P
[Old version datasheet]   6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
SD06 SGMICRO-SD06 Datasheet
710Kb / 12P
   960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
August 31, 2015
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com