Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M551B108K006BT Datasheet(PDF) 1 Page - Kemet Corporation

Part # M551B108K006BT
Description  Tantalum Through-Hole Capacitors ??Hermetically Sealed
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

M551B108K006BT Datasheet(HTML) 1 Page - Kemet Corporation

  M551B108K006BT Datasheet HTML 1Page - Kemet Corporation M551B108K006BT Datasheet HTML 2Page - Kemet Corporation M551B108K006BT Datasheet HTML 3Page - Kemet Corporation M551B108K006BT Datasheet HTML 4Page - Kemet Corporation M551B108K006BT Datasheet HTML 5Page - Kemet Corporation M551B108K006BT Datasheet HTML 6Page - Kemet Corporation M551B108K006BT Datasheet HTML 7Page - Kemet Corporation M551B108K006BT Datasheet HTML 8Page - Kemet Corporation M551B108K006BT Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2074_M55_Module • 12/15/2016
1
One world. One KEMET
Benefits
• ExtremelylowandstableESR(aslowas15mΩ)
• High frequency capacitance retention
• Low temperature capacitance stability
• High ripple current capability (17,500 mArms)
• High inrush current capability
• Excellent power dissipation capability
• Stackable packaging
• Mechanically robust assembly and epoxy housing
• Operates at up to 80% rated voltage
• Customized solutions available
• RoHS compliant terminations available
Overview
KEMET's M550 and M551 Modular Series are manufactured
by placing T550 or T551 Polymer Hermetic Sealed
Capacitors(PHS)inparallel.TheT550andT551Seriesare
manufactured utilizing KEMET’s exclusive F-Tech process
and are 100% tested per KEMET’s patented Simulated
BreakdownScreeningprocess.Thisconfigurationprovides
highandstablecapacitance(upto8,200µF),extremelylow
ESR(downto15mΩ)andextremelylowandstableleakage
current, all in a mechanically robust package.
The M55 Modules are available in two temperature offerings:
105°C(M550Series)and125°C(M551Series).With
reduced ESR and enhanced capacitance retention at higher
frequencies and low temperatures, KEMET modules provide
the highest total capacitance and the lowest total cost of
ownership for high power applications.
Tantalum Through-Hole Capacitors – Hermetically Sealed
M55 Module Polymer Hermetic Seal
Applications
Designed for mission critical applications requiring high
power,filtering,hold-upandcurrentpulsegeneration.
Module 1
Module 2


Similar Part No. - M551B108K006BT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M5512119 ETC2-M5512119 Datasheet
484Kb / 3P
   Attractive, universal enclosures for desktop or portable electronics
More results

Similar Description - M551B108K006BT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CSRXXB565KM KEMET-CSRXXB565KM Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
logo
Vishay Siliconix
XTH VISHAY-XTH Datasheet
147Kb / 11P
   Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
Revision: 25-Jul-11
logo
Cornell Dubilier Electr...
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
logo
Kemet Corporation
T352F227 KEMET-T352F227 Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
logo
Cornell Dubilier Electr...
CSR13 CDE-CSR13 Datasheet
636Kb / 7P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com