Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T323E474M010AT Datasheet(PDF) 8 Page - Kemet Corporation

Part # T323E474M010AT
Description  T322 and T323 Series MIL?밣RF??9137/1 and 5 (CX01 and CX05 Style)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T323E474M010AT Datasheet(HTML) 8 Page - Kemet Corporation

Back Button T323E474M010AT Datasheet HTML 4Page - Kemet Corporation T323E474M010AT Datasheet HTML 5Page - Kemet Corporation T323E474M010AT Datasheet HTML 6Page - Kemet Corporation T323E474M010AT Datasheet HTML 7Page - Kemet Corporation T323E474M010AT Datasheet HTML 8Page - Kemet Corporation T323E474M010AT Datasheet HTML 9Page - Kemet Corporation T323E474M010AT Datasheet HTML 10Page - Kemet Corporation T323E474M010AT Datasheet HTML 11Page - Kemet Corporation T323E474M010AT Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2039_T322_AXIAL_T323 • 9/9/2015
88
Tantalum Through-Hole Capacitors – Molded Axial
T322 and T323 Series MIL–PRF 49137/1 & 5 (CX01 and CX05 Style)
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
CX01 & CX05 Capacitors per
MIL–PRF–49137/1 & 5
VDC
µF
(See below for
part options)
µA @ 25°C
Max/5 Minimum
% @ 25°C
120 Hz Maximum
Military Part Number
KEMET Part Number
35
0.27
A
T322A274(1)035A(2)
0.5
3
35
0.33
A
T322A334J035A(2)
0.5
3
35
0.33
A
T322A334K035A(2)
0.5
3
CX05M334K
T323A334K035A(2)
35
0.33
A
T322A334M035A(2)
0.5
3
CX05M334M
T323A334M035A(2)
35
0.39
A
T322A394(1)035A(2)
0.5
3
35
0.47
A
T322A474J035A(2)
0.5
3
35
0.47
A
T322A474K035A(2)
0.5
3
CX05M474K
T323A474K035A(2)
35
0.47
A
T322A474M035A(2)
0.5
3
CX05M474K
T323A474K035A(2)
35
0.56
B
T322B564J035A(2)
0.5
3
35
0.56
B
T322B564K035A(2)
0.5
3
CX01M564K
T323B564K035A(2)
35
0.56
B
T322B564M035A(2)
0.5
3
CX01M564M
T323B564M035A(2)
35
0.68
B
T322B684J035A(2)
0.5
3
35
0.68
B
T322B684K035A(2)
0.5
3
CX01M684K
T322B684K035A(2)
35
0.68
B
T322B684M035A(2)
0.5
3
CX01M684M
T322B684M035A(2)
35
0.82
B
T322B824J035A(2)
0.5
3
35
0.82
B
T322B824K035A(2)
0.5
3
CX01M824K
T323B824K035A(2)
35
0.82
B
T322B824M035A(2)
0.5
3
CX01M824M
T323B824M035A(2)
35
1.0
B
T322B105J035A(2)
0.5
3
35
1.0
B
T322B105K035A(2)
0.5
3
CX01M105K
T323B105K035A(2)
35
1.0
B
T322B105K035A(2)
0.5
3
CX01M105M
T323B105M035A(2)
35
1.2
B
T322B125J035A(2)
0.5
3
35
1.2
B
T322B125K035A(2)
0.5
3
CX01M125K
T323B125K035A(2)
35
1.2
B
T322B125M035A(2)
0.5
3
CX01M125M
T323B125M035A(2)
35
1.5
B
T322B155J035A(2)
0.5
3
35
1.5
B
T322B155K035A(2)
0.5
3
CX05M155K
T323B155K035A(2)
35
1.5
B
T322B155M035A(2)
0.5
3
CX05M155M
T323B155M035A(2)
35
1.8
C
T322C185(1)035A(2)
0.5
3
35
2.2
C
T322C225(1)035A(2)
0.6
3
35
2.7
C
T322C275(1)035A(2)
0.8
3
35
3.3
C
T322C335J035A(2)
0.9
4
35
3.3
C
T322C335K035A(2)
0.9
4
CX05M335K
T323C335K035A(2)
35
3.3
C
T322C335M035A(2)
0.9
4
CX05M335M
T323C335M035A(2)
35
3.9
C
T322C395J035A(2)
1.1
4
35
3.9
C
T322C395K035A(2)
1.1
4
CX05M395K
T323C395K035A(2)
35
3.9
C
T322C395M035A(2)
1.1
4
CX05M395M
T323C395M035A(2)
35
4.7
C
T322C475J035A(2)
1.3
4
35
4.7
C
T322C475K035A(2)
1.3
4
CX05M475K
T323C475K035A(2)
35
4.7
C
T322C475M035A(2)
1.3
4
CX05M475M
T322C475M035A(2)
35
5.6
D
T322C565M035A(2)
1.6
4
35
6.8
D
T322D685J035A(2)
1.9
4
35
6.8
D
T322D685K035A(2)
1.9
4
CX05M685K
T323D685K035A(2)
35
6.8
D
T322D685M035A(2)
1.9
4
CX05M685M
T323D685M035A(2)
35
8.2
D
T322D825(1)035A(2)
2.3
4
35
10.0
D
T322D106J035A(2)
2.8
4
35
10.0
D
T322D106K035A(2)
2.8
4
CX05M106K
T323D106K035A(2)
35
10.0
D
T322D106M035A(2)
2.8
4
CX05M106M
T323D106M035A(2)
35
12.0
E
T322E126(1)035A(2)
3.3
4
35
15.0
E
T322E156(1)035A(2)
4.2
6
35
18.0
E
T322E186(1)035A(2)
5.0
6
35
22.0
E
T322E226(1)035A(2)
6.2
6
35
27.0
E
T322E276(1)035A(2)
7.5
6
35
33.0
E
T322E336(1)035A(2)
9.2
6
35
39.0
F
T322F396(1)035A(2)
10.0
6
35
47.0
F
T322F476(1)035A(2)
10.0
6
50
0.1
A
T322A104J050A(2)
0.5
3
50
0.1
A
T322A104K050A(2)
0.5
3
CX05N104K
T323A104K050A(2)
VDC
µF
Case Code/
Case Size
(see below for
part options)
µA @ 25°C
Max/5 Minimum
% @ 25°C
120 Hz Maximum
Military Part Number
KEMET Part Number
Rated
Voltage
Rated
Cap
KEMET Part Number
DC
Leakage
DF
CX01 & CX05 Capacitors per
MIL–PRF–49137/1 & 5
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET part number, insert M for ±20%, K for ±10% or J for 5%. Designates capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, S = Standard Solder coated (SnPb 5% Pb minimum). Designates termination finish.


Similar Part No. - T323E474M010AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T323E474M035AS-C KEMET-T323E474M035AS-C Datasheet
197Kb / 19P
   TANTALUM MOLDED
T323E474M035AT-C KEMET-T323E474M035AT-C Datasheet
197Kb / 19P
   TANTALUM MOLDED
More results

Similar Description - T323E474M010AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110 KEMET-T110 Datasheet
809Kb / 26P
   Series Axial MIL?밣RF??9003 Polar Type and T212 (CSR13 Style)
T140A105K050AS7200 KEMET-T140A105K050AS7200 Datasheet
1Mb / 14P
   T140 Series Axial MIL?밣RF??9003 Polar Type and T242 (CSR23 Style)
logo
List of Unclassifed Man...
CS1 ETC2-CS1 Datasheet
63Kb / 1P
   Style CS1 and Style CW
logo
Kemet Corporation
T110A105K050AT7200 KEMET-T110A105K050AT7200 Datasheet
1Mb / 26P
   T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
logo
TT Electronics.
4700 TTELEC-4700_17 Datasheet
515Kb / 4P
   Commercial and MIL Qualified
logo
Amphenol Corporation
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
logo
List of Unclassifed Man...
DO204AL ETC-DO204AL Datasheet
13Kb / 1P
   CASE STYLE AND DIMENSIONS
logo
Vishay Siliconix
TOS020016 VISHAY-TOS020016 Datasheet
92Kb / 3P
   Barrel-Style Capacitors - Class 1 and 2 Ceramic
Revision: 29-Apr-02
logo
List of Unclassifed Man...
M8372376R2025N ETC2-M8372376R2025N Datasheet
1Mb / 23P
   MIL-DTL-83723 Series III Features and Application Bayonet and Threaded Coupling
logo
Glenair, Inc.
380AS099XM08 GLENAIR-380AS099XM08 Datasheet
363Kb / 2P
   Composite Cone and Ring Style
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com