Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG604YRU Datasheet(PDF) 6 Page - Analog Devices

Part # ADG604YRU
Description  1 pC Charge Injection, 100 pA Leakage CMOS 짹5 V/5 V/3 V 4-Channel Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG604YRU Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG604YRU Datasheet HTML 2Page - Analog Devices ADG604YRU Datasheet HTML 3Page - Analog Devices ADG604YRU Datasheet HTML 4Page - Analog Devices ADG604YRU Datasheet HTML 5Page - Analog Devices ADG604YRU Datasheet HTML 6Page - Analog Devices ADG604YRU Datasheet HTML 7Page - Analog Devices ADG604YRU Datasheet HTML 8Page - Analog Devices ADG604YRU Datasheet HTML 9Page - Analog Devices ADG604YRU Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. 0
ADG604
–6–
TERMINOLOGY
VDD
Most Positive Power Supply Potential
VSS
Most Negative Power Supply in a Dual Supply Application. In single supply applications, this should be tied to
ground at the device.
GND
Ground (0 V) Reference
IDD
Positive Supply Current
ISS
Negative Supply Current
S
Source Terminal. May be an input or output.
D
Drain Terminal. May be an input or output.
RON
Ohmic Resistance between D and S
RON
On Resistance Match between any two channels, i.e., RON Max – RON Min
RFLAT(ON)
Flatness is defined as the difference between the maximum and minimum value of On resistance as measured
over the specified analog signal range.
IS (OFF)
Source Leakage Current with the Switch “OFF”
ID (OFF)
Drain Leakage Current with the Switch “OFF”
ID, IS (ON)
Channel Leakage Current with the Switch “ON”
VD, VS
Analog Voltage on Terminals D, S
VINL
Maximum Input Voltage for Logic “0”
VINH
Minimum Input Voltage for Logic “1”
IINL (IINH)
Input Current of the Digital Input
CS (OFF)
Channel Input Capacitance for “OFF” Condition
CD (OFF)
Channel Output Capacitance for “OFF” Condition
CD, CS (ON)
“On” Switch Capacitance
CIN
Digital Input Capacitance
tON (EN)
Delay time between the 50% and 90% points of the digital input and switch “ON” condition.
tOFF (EN)
Delay time between the 50% and 90% points of the digital input and switch “OFF” condition.
tTRANSITION
Delay time between the 50% and 90% points of the digital input and switch “ON” condition when switching
from one address state to another.
tBBM
“OFF” time or “ON” time measured between the 80% points of both switches, when switching from one address
state to another.
Charge Injection
A measure of the glitch impulse transferred from the digital input to the analog output during switching.
Crosstalk
A measure of unwanted signal that is coupled through from one channel to another as a result of parasitic capacitance.
Off Isolation
A measure of unwanted signal coupling through an “On” switch.
Bandwidth
Frequency Response of the “On” Switch
Insertion Loss
Loss Due to the On Resistance of the Switch


Similar Part No. - ADG604YRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG604YRU AD-ADG604YRU Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5,-5 V/5 V/3 V 4-Channel Multiplexer
REV. 0
ADG604YRUZ AD-ADG604YRUZ Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5,-5 V/5 V/3 V 4-Channel Multiplexer
REV. 0
More results

Similar Description - ADG604YRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG604YRUZ AD-ADG604YRUZ Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5,-5 V/5 V/3 V 4-Channel Multiplexer
REV. 0
ADG611 AD-ADG611_09 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V, Quad SPST Switches
REV. A
ADG636YRU-REEL AD-ADG636YRU-REEL Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V Dual SPDT Switch
REV. B
ADG636 AD-ADG636 Datasheet
147Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5 V/5 V/3 V Dual SPDT Switch
REV. 0
logo
Vishay Siliconix
DG9234E VISHAY-DG9234E_V01 Datasheet
277Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
08-Feb-17
DG9232E VISHAY-DG9232E Datasheet
276Kb / 12P
   1 pC Charge Injection, 100 pA Leakage, 5 V / 3 V, Dual SPST Analog Switches
Rev. A, 25-Jul-16
logo
Analog Devices
ADG611 AD-ADG611 Datasheet
152Kb / 12P
   1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches
REV. 0
logo
Vishay Siliconix
DG604 VISHAY-DG604 Datasheet
190Kb / 10P
   1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
Rev. A, 24-Dec-07
DG604 VISHAY-DG604_11 Datasheet
215Kb / 12P
   1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
Rev. C, 18-Jul-11
DG604 VISHAY-DG604_V01 Datasheet
242Kb / 13P
   1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com