Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WFD5N65L Datasheet(PDF) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WFD5N65L
Description  Silicon N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFD5N65L Datasheet(HTML) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFD5N65L Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD5N65L Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD5N65L Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD5N65L Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD5N65L Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD5N65L Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD5N65L Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD5N65L Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
4/8
WFD5N65L Product Description
Silicon
Silicon
Silicon
Silicon N-Channel
N-Channel
N-Channel
N-Channel MOSFET
MOSFET
MOSFET
MOSFET
WINSEMI
MICROELECTRONICS
WINSEMI
MICROELECTRONICS
WINSEMI
MICROELECTRONICS
WINSEMI
MICROELECTRONICS
WINSEMI
MICROELECTRONICS
Fig.7 Breakdown Voltage Variation
vs. Temperature
Fig.8On-Resistance Variation
vs. Temperature
Fig.11 Transient thermal Response Curve
Fig.9 Maximum Safe Operation Area
Fig.10 Maximum Drain Current
vs Case temperature
Notes:
3、VGS=0V
4、ID=250uA
Notes:
1、VGS=10V
2、ID=2.0A
0
-75
-50
-25
0
25
50
75
100
125
150
Tj[]
3.0
2.5
2.0
1.5
1.0
0.5
0
-75
-50
-25
0
25
50
75
100
125
150
Tj[]
1.15
1.10
1.05
1.00
0.95
0.90
Tc [ ]
0
1
2
3
4
2 5
5 0
7 5
1 0 0
1 2 5
1 5 0
T [sec]
1
1 0
- 5
1 0 - 4
1 0- 3
1 0
- 2
1 0
- 1
1 0
0
1 0
1
1 0 - 2
1 0
- 1
1 0
0
1.Z
( t) =3.79°C/W Max.
2.Duty Factor,D=t1/t2
3.T - T =P
*
θJ C
JM
C
DM
Z
( t)
θJ C
* N o te :
P D M
t1
t 2
0 . 0 1
0 . 0 2
0 . 0 5
0 . 1
0 . 2
D = 0 . 5
S in g le P u lse
1 0- 1
1 00
1 01
1 00
1 01
1 02
1 03
V
[V ]
D S
O peration in T his Area
is Lim ited by R DS(ON)
N otes :
1 .Tc= 2 5 °C
2 .T = 1 5 0 °C
J
3 .S i n g l e p u l se
1 0 0 µ s
1 m s
1 0 m s
D C


Similar Part No. - WFD5N65L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
WFD5N65L ISC-WFD5N65L Datasheet
250Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - WFD5N65L

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com